Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT6V8 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # BZT6V8
Description  SILICON PLANAR ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BZT6V8 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  BZT6V8 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BZT6V8 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 12/01/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BZT2V0...BZT200
Zener Voltage Range
1)
Dynamic Resistance
Reverse Leakage Current
Temp
Coefficient of
Zener Voltage
lZT for VZT
2)
rZJT
rZJK
at IZK
Type
VZnom
V
mA
V
mA
Ta = 25 OC
µA
Ta = 125 OC
µA
IR at VR
V
TKvz
%/K
BZT2V0
2.0
5
1.8...2.15
< 85
< 600
1
< 100
< 200
1
-0.09...-0.06
BZT2V2
2.2
5
2.08...2.33
< 85
< 600
1
< 75
< 160
1
-0.09...-0.06
BZT2V4
2.4
5
2.28...2.56
< 85
< 600
1
< 50
< 100
1
-0.09...-0.06
BZT2V7
2.7
5
2.5...2.9
< 85
< 600
1
< 10
< 50
1
-0.09...-0.06
BZT3V0
3.0
5
2.8...3.2
< 85
< 600
1
< 4
< 40
1
-0.08...-0.05
BZT3V3
3.3
5
3.1...3.5
< 85
< 600
1
< 2
< 40
1
-0.08...-0.05
BZT3V6
3.6
5
3.4...3.8
< 85
< 600
1
< 2
< 40
1
-0.08...-0.05
BZT3V9
3.9
5
3.7...4.1
< 85
< 600
1
< 2
< 40
1
-0.08...-0.05
BZT4V3
4.3
5
4...4.6
< 75
< 600
1
< 1
< 20
1
-0.06...-0.03
BZT4V7
4.7
5
4.4...5
< 60
< 600
1
< 0.5
< 10
1
-0.05...+0.02
BZT5V1
5.1
5
4.8...5.4
< 35
< 550
1
< 0.1
< 2
1
-0.02...+0.02
BZT5V6
5.6
5
5.2...6
< 25
< 450
1
< 0.1
< 2
1
-0.05...+0.05
BZT6V2
6.2
5
5.8...6.6
< 10
< 200
1
< 0.1
< 2
2
0.03...0.06
BZT6V8
6.8
5
6.4...7.2
< 8
< 150
1
< 0.1
< 2
3
0.03...0.07
BZT7V5
7.5
5
7...7.9
< 7
< 50
1
< 0.1
< 2
5
0.03...0.07
BZT8V2
8.2
5
7.7...8.7
< 7
< 50
1
< 0.1
< 2
6.2
0.03...0.08
BZT9V1
9.1
5
8.5...9.6
< 10
< 50
1
< 0.1
< 2
6.8
0.03...0.09
BZT10
10
5
9.4...10.6
< 15
< 70
1
< 0.1
< 2
7.5
0.03...0.10
BZT11
11
5
10.4...11.6
< 20
< 70
1
< 0.1
< 2
8.2
0.03...0.11
BZT12
12
5
11.4...12.7
< 20
< 90
1
< 0.1
< 2
9.1
0.03...0.11
BZT13
13
5
12.4...14.1
< 26
< 110
1
< 0.1
< 2
10
0.03...0.11
BZT15
15
5
13.8...15.6
< 30
< 110
1
< 0.1
< 2
11
0.03...0.11
BZT16
16
5
15.3...17.1
< 40
< 170
1
< 0.1
< 2
12
0.03...0.11
BZT18
18
5
16.8...19.1
< 50
< 170
1
< 0.1
< 2
13
0.03...0.11
BZT20
20
5
18.8...21.2
< 55
< 220
1
< 0.1
< 2
15
0.04...0.11
BZT22
22
5
20.8...23.3
< 55
< 220
1
< 0.1
< 2
16
0.04...0.12
BZT24
24
5
22.8...25.6
< 80
< 220
1
< 0.1
< 2
18
0.04...0.12
BZT27
27
5
25.1...28.9
< 80
< 220
1
< 0.1
< 2
20
0.04...0.12
BZT30
30
5
28...32
< 80
< 220
1
< 0.1
< 2
22
0.04...0.12
BZT33
33
5
31...35
< 80
< 220
1
< 0.1
< 2
24
0.04...0.12
BZT36
36
5
34...38
< 80
< 220
1
< 0.1
< 2
27
0.04...0.12
BZT39
39
2.5
37...41
< 90
< 500
0.5
< 0.1
< 5
30
0.04...0.12
BZT43
43
2.5
40...46
< 90
< 500
0.5
< 0.1
< 5
33
0.04...0.12
BZT47
47
2.5
44...50
< 110
< 600
0.5
< 0.1
< 5
38
0.04...0.12
BZT51
51
2.5
48...54
< 125
< 700
0.5
< 0.1
< 10
39
0.04...0.12
BZT56
56
2.5
52...60
< 135
< 700
0.5
< 0.1
< 10
43
0.04...0.12
BZT62
62
2.5
58...66
< 150
< 1000
0.5
< 0.1
< 10
47
0.04...0.12
BZT68
68
2.5
64...72
< 200
< 1000
0.5
< 0.1
< 10
51
0.04...0.12
BZT75
75
2.5
70...79
< 250
< 1000
0.5
< 0.1
< 10
56
0.04...0.12
BZT82
82
2.5
77...87
< 300
< 1500
0.25
< 0.1
< 10
62
0.05...0.12
BZT91
91
1
85...96
< 450
< 2000
0.1
< 0.1
< 10
68
0.05...0.12
BZT100
100
1
94...106
< 450
< 5000
0.1
< 0.1
< 10
75
0.05...0.12
BZT110
110
1
104...116
< 600
< 5000
0.1
< 0.1
< 10
82
0.05...0.12
BZT120
120
1
114...127
< 800
< 5500
0.1
< 0.1
< 10
91
0.05...0.12
BZT130
130
1
124...141
< 950
< 6000
0.1
< 0.1
< 10
100
0.05...0.12
BZT150
150
1
138...156
< 1250
< 6500
0.1
< 0.1
< 10
110
0.0.5...0.12
BZT160
160
1
153...171
< 1400
< 7000
0.1
< 0.1
< 10
120
0.05...0.12
BZT180
180
1
168...191
< 1700
< 8500
0.1
< 0.1
< 10
130
0.05...0.12
BZT200
200
1
188...212
< 2000
< 10000
0.1
< 0.1
< 10
150
0.05...0.12
1) Tested with pulses t
p = 20 ms.
2) Valid provided that electrodes are kept at ambient temperature.


Similar Part No. - BZT6V8

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
BZT6.2 SEMTECH-BZT6.2 Datasheet
386Kb / 2P
   Silicon Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
BZT6.2HS SEMTECH_ELEC-BZT6.2HS Datasheet
362Kb / 5P
   SILICON PLANAR ZENER DIODES
BZT6.2HSA SEMTECH_ELEC-BZT6.2HSA Datasheet
362Kb / 5P
   SILICON PLANAR ZENER DIODES
BZT6.2HSB SEMTECH_ELEC-BZT6.2HSB Datasheet
362Kb / 5P
   SILICON PLANAR ZENER DIODES
BZT6.2HSC SEMTECH_ELEC-BZT6.2HSC Datasheet
362Kb / 5P
   SILICON PLANAR ZENER DIODES
More results

Similar Description - BZT6V8

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com