Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

607-309-04 Datasheet(PDF) 1 Page - Marl International Limited

Part # 607-309-04
Description  PROFESSIONAL LED INDICATORS - 횠 6.35mm Mounting
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

607-309-04 Datasheet(HTML) 1 Page - Marl International Limited

  607-309-04 Datasheet HTML 1Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Order Code: 911-000-00
For use with 909 and 910 series Push-on Connectors
Fax: +44 (0)1229 585155
email: sales@marl.co.uk website: www.marl.co.uk website: www.marl-leds.com • Telephone +44 (0)1229 582430
Marl International Limited, experts in LED technology since 1972.
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation relating to
either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply for products or service.
MLQ = 10
Dimensions in mm (Typical)
Not to Scale
608 SERIES
PART NUMBER
COLOUR
LENS
VOLTAGE
CURRENT
LUMINOUS
WAVE
VIEWING
OPERATING
STORAGE
DC
DC
INTENSITY
LENGTH
ANGLE
TEMP
TEMP
Vopr
lopr
lv@10mA
lp
Topr
Tstg
STANDARD INTENSITY
607-303-04
Red
2.1
20
100
650
607-309-04
Yellow
Coloured Diffused
2.2
20
100
585
607-312-04
Green
2.2
20
160
563
Wide
-40 ~ +85
-50 ~ +100
608-303-04
Red
2.1
20
100
650
608-309-04
Yellow
Smoked
2.2
20
100
585
608-312-04
Green
2.2
20
160
563
UNITS
Vdc
mA
mcd
nm
oC
oC
Black anodised
aluminium housing
Burn-in options
available on
request
Industry standard
mounting diameter
Sealed to IP67
PROFESSIONAL LED INDICATORS - Ø 6.35mm Mounting
Ordering Information & Typical Technical Characteristics (Ta = 25°C)
Mean Time Between Failure = 90,000 Hours. Luminous intensity figures refer to the unmodified discrete LED.
CUSTOM DESIGN SERVICE
STANDARD INTENSITY
© MARL INTERNATIONAL LTD 2002 : DS 03/02 Issue 1
CRIMP TOOL


Similar Part No. - 607-309-04

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
607-3 ETC2-607-3 Datasheet
385Kb / 1P
   TERMINAL BOARDS & STRIPS
logo
Dialight Corporation
607-3132-120F DIALIGHT-607-3132-120F Datasheet
117Kb / 2P
   LED Panel Mount Indicators for 7.2mm Mounting Hole w/ Optional Watertight Capability
607-3132-130F DIALIGHT-607-3132-130F Datasheet
117Kb / 2P
   LED Panel Mount Indicators for 7.2mm Mounting Hole w/ Optional Watertight Capability
607-3132-140F DIALIGHT-607-3132-140F Datasheet
117Kb / 2P
   LED Panel Mount Indicators for 7.2mm Mounting Hole w/ Optional Watertight Capability
607-3132-320F DIALIGHT-607-3132-320F Datasheet
117Kb / 2P
   LED Panel Mount Indicators for 7.2mm Mounting Hole w/ Optional Watertight Capability
More results

Similar Description - 607-309-04

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
662-303-04 MARL-662-303-04 Datasheet
176Kb / 1P
   PROFESSIONAL LED INDICATORS - 횠 6.35mm Mounting
502-501-21 MARL-502-501-21 Datasheet
252Kb / 3P
   PROFESSIONAL LED INDICATORS 횠 8.1mm Mounting
676-501-21 MARL-676-501-21 Datasheet
343Kb / 3P
   PROFESSIONAL LED INDICATORS 횠 8.1mm Mounting
507-501-21 MARL-507-501-21 Datasheet
266Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
508-501-21 MARL-508-501-21 Datasheet
275Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
692-501-21 MARL-692-501-21 Datasheet
309Kb / 3P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
611-301-21 MARL-611-301-21 Datasheet
336Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.35mm Mounting
672-290-22 MARL-672-290-22 Datasheet
247Kb / 2P
   PROFESSIONAL LED INDICATORS 횠25.4mm Mounting
524-501-21 MARL-524-501-21 Datasheet
277Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
696-301-21 MARL-696-301-21 Datasheet
299Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.1mm Mounting
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com