Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

528-521-21-19 Datasheet(PDF) 1 Page - Marl International Limited

Part # 528-521-21-19
Description  PROFESSIONAL LED INDICATORS 횠13mm Mounting
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

528-521-21-19 Datasheet(HTML) 1 Page - Marl International Limited

  528-521-21-19 Datasheet HTML 1Page - Marl International Limited 528-521-21-19 Datasheet HTML 2Page - Marl International Limited 528-521-21-19 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
PART NUMBER
COLOUR
LENS
VOLTAGE CURRENT
LUMINOUS
WAVE
OPERATING
STORAGE
DC (Vdc)
DC (mA)
INTENSITY
LENGTH
TEMP
TEMP
Vopr
lopr
lv@20mA (mcd) λp (nm)
Topr
Tstg
528-501-21
Red
Colour Diffused 12
19
11000
643
-40 ~ +95^
-40 ~ +100
Yes
528-521-21
Yellow
Colour Diffused 12
19
16000
591
-40 ~ +95^
-40 ~ +100
Yes
528-532-21
Green
Colour Diffused 12
20
23000
527
-40 ~ +95^
-40 ~ +100
Yes
528-930-21
Blue
Colour Diffused 12
20
7000
470
-40 ~ +95^
-40 ~ +100
Yes
528-997-21
Cool White
Colour Diffused 12
20
14000
*see below -40 ~ +95^
-40 ~ +100
Yes
528-501-23
Red
Colour Diffused 24-28
20
11000
643
-40 ~ +95^
-40 ~ +100
Yes
528-521-23
Yellow
Colour Diffused 24-28
20
16000
591
-40 ~ +95^
-40 ~ +100
Yes
528-532-23
Green
Colour Diffused 24-28
20
23000
527
-40 ~ +95^
-40 ~ +100
Yes
528-930-23
Blue
Colour Diffused 24-28
20
7000
470
-40 ~ +95^
-40 ~ +100
Yes
528-997-23
Cool White
Colour Diffused 24-28
20
14000
*see below -40 ~ +95^
-40 ~ +100
Yes
UNITS
Vdc
mA
mcd
nm
°C
°C
Robust stainless steel housing
Low profile styling, sunlight readable LEDs
Sealed to IP67
Flying lead terminations available
Suitable for high vibration applications
Internal reverse protection diode fitted as standard in all
voltage models.
PROFESSIONAL LED INDICATORS Ø13mm Mounting
SAMPLES AVAILABLE
© MARL INTERNATIONAL LTD 2008 : DS 037/06 Issue 4
Ordering Information & Typical Technical Characteristics (Ta = 25°C)
Mean Time Between Failure = 100,000 Hours. Luminous intensity figures refer to the unmodified discrete LED.
FEATURES
SPECIFICATION
HIGH INTENSITY
528 SERIES
PACK QUANTITY = 10 PIECES
Page 1 of 3
Other voltages AC/DC available. Please contact our Technical Sales.
^ = Products must be derated according to the derating information. Each derating graph refers to specific LEDs.
Intensities (lv) and colour shades of white (x,y co-ordinates) may vary between LEDs
within a batch.
997F-C *Typical emission colour cool white
x
0.245 0.361
0.356
0.264
y
0.229 0.385
0.351
0.220
BS EN ISO 9001:2000
Approved Manufacturer


Similar Part No. - 528-521-21-19

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
528-521-21 MARL-528-521-21 Datasheet
432Kb / 5P
   횠13.0mm mounting Robust stainless steel housing, sealed to IP67
528-521-21 MARL-528-521-21 Datasheet
432Kb / 5P
   industrial panel lamps
528-521-21 MARL-528-521-21 Datasheet
255Kb / 2P
   PANEL INDICATOR LED
More results

Similar Description - 528-521-21-19

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
507-501-21 MARL-507-501-21 Datasheet
266Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
508-501-21 MARL-508-501-21 Datasheet
275Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
692-501-21 MARL-692-501-21 Datasheet
309Kb / 3P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
611-301-21 MARL-611-301-21 Datasheet
336Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.35mm Mounting
672-290-22 MARL-672-290-22 Datasheet
247Kb / 2P
   PROFESSIONAL LED INDICATORS 횠25.4mm Mounting
524-501-21 MARL-524-501-21 Datasheet
277Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
696-301-21 MARL-696-301-21 Datasheet
299Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.1mm Mounting
603-301-04 MARL-603-301-04 Datasheet
274Kb / 3P
   PROFESSIONAL LED INDICATORS 횠5.0mm Mounting
684-312-04 MARL-684-312-04 Datasheet
272Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.35mm Mounting
538-501-63 MARL-538-501-63 Datasheet
244Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com