Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMCRD91SB Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # ZMCRD91SB
Description  ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ZMCRD91SB Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  ZMCRD91SB Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ZMCRD91SB Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ZMCRD91SB Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
Dated : 17/05/2006
ZMC RD...S Series
Characteristics at Ta = 25 OC
Zener Voltage
Dynamic Impedance
Reverse Current
VZ (V)
1)
ZZ (Ω)
2)
IR (µA)
Type
Min.
Max.
lZ (mA)
Max.
lZ (mA)
Max.
VR (V)
ZMCRD2V0SB
1.8
2.15
5
100
5
120
0.5
ZMCRD2V2SB
2.1
2.4
5
100
5
120
0.7
ZMCRD2V4SB
2.3
2.6
5
100
5
120
1
ZMCRD2V7SB
2.5
2.9
ZMCRD2V7SB1
2.5
2.75
ZMCRD2V7SB2
2.65
2.9
5
110
5
120
1
ZMCRD3V0SB
2.8
3.2
ZMCRD3V0SB1
2.8
3.05
ZMCRD3V0SB2
2.95
3.2
5
120
5
50
1
ZMCRD3V3SB
3.1
3.5
ZMCRD3V3SB1
3.1
3.35
ZMCRD3V3SB2
3.25
3.5
5
130
5
20
1
ZMCRD3V6SB
3.4
3.8
ZMCRD3V6SB1
3.4
3.65
ZMCRD3V6SB2
3.55
3.8
5
130
5
10
1
ZMCRD3V9SB
3.7
4.1
ZMCRD3V9SB1
3.7
3.97
ZMCRD3V9SB2
3.87
4.1
5
130
5
10
1
ZMCRD4V3SB
4
4.49
ZMCRD4V3SB1
4
4.22
ZMCRD4V3SB2
4.14
4.35
ZMCRD4V3SB3
4.27
4.49
5
130
5
10
1
ZMCRD4V7SB
4.4
4.92
ZMCRD4V7SB1
4.4
4.63
ZMCRD4V7SB2
4.53
4.77
ZMCRD4V7SB3
4.67
4.92
5
130
5
10
1
ZMCRD5V1SB
4.82
5.39
ZMCRD5V1SB1
4.82
5.06
ZMCRD5V1SB2
4.96
5.22
ZMCRD5V1SB3
5.12
5.39
5
130
5
5
1.5
ZMCRD5V6SB
5.29
5.94
ZMCRD5V6SB1
5.29
5.57
ZMCRD5V6SB2
5.47
5.75
ZMCRD5V6SB3
5.65
5.94
5
80
5
5
2.5
ZMCRD6V2SB
5.84
6.55
ZMCRD6V2SB1
5.84
6.14
ZMCRD6V2SB2
6.04
6.35
ZMCRD6V2SB3
6.24
6.55
5
50
5
2
3
ZMCRD6V8SB
6.44
7.17
ZMCRD6V8SB1
6.44
6.76
ZMCRD6V8SB2
6.62
6.96
ZMCRD6V8SB3
6.83
7.17
5
30
5
2
3.5
ZMCRD7V5SB
7.03
7.87
ZMCRD7V5SB1
7.03
7.39
ZMCRD7V5SB2
7.25
7.63
ZMCRD7V5SB3
7.49
7.87
5
30
5
2
4
ZMCRD8V2SB
7.73
8.67
ZMCRD8V2SB1
7.73
8.13
ZMCRD8V2SB2
7.98
8.39
ZMCRD8V2SB3
8.25
8.67
5
30
5
2
5


Similar Part No. - ZMCRD91SB

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
ZMCRD9.1MB SEMTECH_ELEC-ZMCRD9.1MB Datasheet
301Kb / 4P
   ZENER DIODES
ZMCRD9.1MB1 SEMTECH_ELEC-ZMCRD9.1MB1 Datasheet
301Kb / 4P
   ZENER DIODES
ZMCRD9.1MB2 SEMTECH_ELEC-ZMCRD9.1MB2 Datasheet
301Kb / 4P
   ZENER DIODES
ZMCRD9.1MB3 SEMTECH_ELEC-ZMCRD9.1MB3 Datasheet
301Kb / 4P
   ZENER DIODES
ZMCRD9V1MB SEMTECH_ELEC-ZMCRD9V1MB Datasheet
265Kb / 3P
   ZENER DIODES
More results

Similar Description - ZMCRD91SB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com