Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMCRD20MB Datasheet(PDF) 3 Page - SEMTECH ELECTRONICS LTD.

Part # ZMCRD20MB
Description  ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ZMCRD20MB Datasheet(HTML) 3 Page - SEMTECH ELECTRONICS LTD.

  ZMCRD20MB Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ZMCRD20MB Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ZMCRD20MB Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
Dated : 17/05/2006
ZMC RD...M Series
Characteristics at Ta = 25 OC
Zener Voltage
Dynamic Impedance
Reverse Current
VZ (V)
1)
ZZ (Ω)
2)
IR (µA)
Type
Min.
Max.
lZ (mA)
Max.
lZ (mA)
Max.
VR (V)
ZMCRD9V1MB
8.56
9.55
ZMCRD9V1MB1
8.56
8.93
ZMCRD9V1MB2
8.85
9.23
ZMCRD9V1MB3
9.15
9.55
5
30
5
2
6
ZMCRD10MB
9.45
10.55
ZMCRD10MB1
9.45
9.87
ZMCRD10MB2
9.77
10.21
ZMCRD10MB3
10.11
10.55
5
30
5
2
7
ZMCRD11MB
10.44
11.56
ZMCRD11MB1
10.44
10.88
ZMCRD11MB2
10.76
11.22
ZMCRD11MB3
11.1
11.56
5
30
5
2
8
ZMCRD12MB
11.42
12.6
ZMCRD12MB1
11.42
11.9
ZMCRD12MB2
11.74
12.24
ZMCRD12MB3
12.08
12.6
5
35
5
2
9
ZMCRD13MB
12.47
13.96
ZMCRD13MB1
12.47
13.03
ZMCRD13MB2
12.91
13.49
ZMCRD13MB3
13.37
13.96
5
35
5
2
10
ZMCRD15MB
13.84
15.52
ZMCRD15MB1
13.84
14.46
ZMCRD15MB2
14.34
14.98
ZMCRD15MB3
14.85
15.52
5
40
5
2
11
ZMCRD16MB
15.37
17.09
ZMCRD16MB1
15.37
16.01
ZMCRD16MB2
15.85
16.51
ZMCRD16MB3
16.35
17.09
5
40
5
2
12
ZMCRD18MB
16.94
19.03
ZMCRD18MB1
16.94
17.7
ZMCRD18MB2
17.56
18.35
ZMCRD18MB3
18.21
19.03
5
45
5
2
13
ZMCRD20MB
18.86
21.08
ZMCRD20MB1
18.86
19.7
ZMCRD20MB2
19.52
20.39
ZMCRD20MB3
20.21
21.08
5
50
5
2
15
ZMCRD22MB
20.88
23.17
ZMCRD22MB1
20.88
21.77
ZMCRD22MB2
21.54
22.47
ZMCRD22MB3
22.23
23.17
5
55
5
2
17
ZMCRD24MB
22.93
25.57
ZMCRD24MB1
22.93
23.96
ZMCRD24MB2
23.72
24.78
ZMCRD24MB3
24.54
25.57
5
60
5
2
19
ZMCRD27MB
25.1
28.9
2
70
2
2
21
ZMCRD30MB
28
32
2
80
2
2
23
ZMCRD33MB
31
35
2
80
2
2
25
ZMCRD36MB
34
38
2
90
2
2
27
ZMCRD39MB
37
41
2
100
2
2
30
ZMCRD43MB
40
45
2
130
2
2
33
ZMCRD47MB
44
49
2
150
2
2
36
1) Vz is tested with pulse (20 ms).
2) Zz is measured at Iz by given a very small A.C. Current Signal.


Similar Part No. - ZMCRD20MB

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
ZMCRD20MB SEMTECH_ELEC-ZMCRD20MB Datasheet
301Kb / 4P
   ZENER DIODES
ZMCRD20MB1 SEMTECH_ELEC-ZMCRD20MB1 Datasheet
301Kb / 4P
   ZENER DIODES
ZMCRD20MB2 SEMTECH_ELEC-ZMCRD20MB2 Datasheet
301Kb / 4P
   ZENER DIODES
ZMCRD20MB3 SEMTECH_ELEC-ZMCRD20MB3 Datasheet
301Kb / 4P
   ZENER DIODES
More results

Similar Description - ZMCRD20MB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com