Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

507-512-24 Datasheet(PDF) 2 Page - Marl International Limited

Part # 507-512-24
Description  PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

507-512-24 Datasheet(HTML) 2 Page - Marl International Limited

  507-512-24 Datasheet HTML 1Page - Marl International Limited 507-512-24 Datasheet HTML 2Page - Marl International Limited 507-512-24 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
507 Series
MATERIALS
PUSH-ON CONNECTORS
Body
Brass to BS 2874 CZ121
Nickel plated to BS 1224
Nut
Brass to BS 2874 CZ121
nickel plated to BS 1224
Panel Seal
Viton
Termination
Brass to BS 2874 CZ108
Copper flash undercoat with silver flash finish
Lock Washer
Zinc plated steel
Fresnel lens
Polycarbonate
Encapsulation
PC5430 resin
TECHNICAL CHARACTERISTICS
OPTIONAL FLYING LEAD TERMINATIONS
SERIES
MAXIMUM
MAXIMUM
PANEL
NUT
MINIMUM
MIN/MAX.
POWER
REVERSE
CUTOUT
MOUNTING
MOUNTING
PANEL
DISSIPATION
VOLTAGE
TORQUE
CENTRES
THICKNESS
507
700
3* / 1000•
8.1
0.65
x,y=14.5
1.5-13.0
mw
Vdc
mm
Nm
mm
mm
* = current version
• = voltage version
ORDER
SUPPLY
WIRE
WIRE
NO/DIAMETER
DIAMETER
COMMENTS
CODE
VOLTAGE
COLOUR
LENGTH
OF
OVER
SUFFIX
CONDUCTORS
INSULATION
15
DC Products
Red-anode / Black-cathode 150mm
15
AC Products
Brown-live / Blue-neutral
150mm
Customised
19/0.15mm
1.2mm
lengths
19
DC Products
Red-anode / Black-cathode 1000mm
available
19
AC Products
Brown-live / Blue-neutral
1000mm
925-000-00 is brass tin plated.
For use with 507 series lamps.
Dimensions in mm (Typical)
Not to scale
Page 2 of 3
Anode termination indicated by red sleeve
Mounting hole to be clean an burr free
BS EN ISO 9001:2000
Approved Manufacturer
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
Dimensions in mm (Typical)
Not to scale
MARL INTERNATIONAL LTD 2008 : DS 034/06 Issue 4
Mounting Hole
SAMPLES AVAILABLE


Similar Part No. - 507-512-24

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
507-512-24 MARL-507-512-24 Datasheet
434Kb / 5P
   횠8.1mm mounting Robust bright nickel plated brass housing
More results

Similar Description - 507-512-24

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
614-530-04 MARL-614-530-04 Datasheet
155Kb / 2P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
508-501-21 MARL-508-501-21 Datasheet
275Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
524-501-21 MARL-524-501-21 Datasheet
277Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
614-535-04-35 MARL-614-535-04-35 Datasheet
238Kb / 2P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
698-501-63 MARL-698-501-63 Datasheet
246Kb / 2P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
643-503-04 MARL-643-503-04 Datasheet
345Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
503-501-21 MARL-503-501-21 Datasheet
269Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
534-501-63 MARL-534-501-63 Datasheet
247Kb / 2P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
677-501-21 MARL-677-501-21 Datasheet
292Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
692-501-21 MARL-692-501-21 Datasheet
309Kb / 3P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com