Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

520-301-21 Datasheet(PDF) 3 Page - Marl International Limited

Part # 520-301-21
Description  PROFESSIONAL LED INDICATORS 횠6.1mm Mounting
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

520-301-21 Datasheet(HTML) 3 Page - Marl International Limited

  520-301-21 Datasheet HTML 1Page - Marl International Limited 520-301-21 Datasheet HTML 2Page - Marl International Limited 520-301-21 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DERATING INFORMATION
301
325
324, 934 & 998
Page 3 of 3
BS EN ISO 9001:2000
Approved Manufacturer
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
© MARL INTERNATIONAL LTD 2008 : DS 033/06 Issue 4
PART NO.
COLOUR
VOLTAGE DC
(Vdc) Vopr
520-301-04
Red
2.0
520-301-04-15
Red
2.0
520-301-20
Red
5/6
520-301-21-15
Red
12
520-301-22
Red
24
520-301-22-15
Red
24
520-314-22-50
Green
24
520-324-04
Green
3.5
520-324-04-15
Green
3.5
520-324-22
Green
24
520-324-22-15
Green
24
520-324-24
Green
48
520-325-04
Yellow
2.1
520-325-04-15
Yellow
2.1
520-325-20
Yellow
5/6
520-325-22
Yellow
24
520-330-04-15
Red/Green
2.0/2.2
UNITS
PART NO.
COLOUR
VOLTAGE DC
(Vdc) Vopr
520-330-04-50
Red/Green
2.0/2.2
520-330-21
Red/Green
12
520-330-22
Red/Green
24
520-330-22-15
Red/Green
24
520-934-04
Blue
3.6
520-934-21-15
Blue
12
520-934-22
Blue
24
520-934-22-15
Blue
24
520-934-22-21
Blue
24
520-934-23-15
Blue
24-28
520-934-24
Blue
48
520-998-04
Cold White
3.6
520-998-21-15
Cold White
12
520-998-22
Cold White
24
520-998-22-50
Cold White
24
520-998-23-15
Cold White
24-28
UNITS
ALSO AVAILABLE
Part numbers also available in the 520 Series:
The products listed above illustrate all of the options available to order. These products may have custom modifications that alter
their operation beyond the generic information contained within this datasheet. Please contact sales for further information.
SAMPLES AVAILABLE


Similar Part No. - 520-301-21

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
520-301-21 MARL-520-301-21 Datasheet
423Kb / 5P
   횠6.1mm mounting Robust stainless steel housing
520-301-21 MARL-520-301-21 Datasheet
423Kb / 5P
   industrial panel lamps
520-301-21 MARL-520-301-21 Datasheet
277Kb / 2P
   PANEL INDICATOR LED
520-301-21_1309 MARL-520-301-21_1309 Datasheet
423Kb / 5P
   industrial panel lamps
520-301-21_1309 MARL-520-301-21_1309 Datasheet
423Kb / 5P
   Robust stainless steel housing
More results

Similar Description - 520-301-21

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
696-301-21 MARL-696-301-21 Datasheet
299Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.1mm Mounting
507-501-21 MARL-507-501-21 Datasheet
266Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
508-501-21 MARL-508-501-21 Datasheet
275Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
692-501-21 MARL-692-501-21 Datasheet
309Kb / 3P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
611-301-21 MARL-611-301-21 Datasheet
336Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.35mm Mounting
672-290-22 MARL-672-290-22 Datasheet
247Kb / 2P
   PROFESSIONAL LED INDICATORS 횠25.4mm Mounting
524-501-21 MARL-524-501-21 Datasheet
277Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
603-301-04 MARL-603-301-04 Datasheet
274Kb / 3P
   PROFESSIONAL LED INDICATORS 횠5.0mm Mounting
684-312-04 MARL-684-312-04 Datasheet
272Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.35mm Mounting
538-501-63 MARL-538-501-63 Datasheet
244Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com