Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

319-511-21-50 Datasheet(PDF) 4 Page - Marl International Limited

Part # 319-511-21-50
Description  PANEL INDICATOR LEDs - 횠6.35mm Mounting
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

319-511-21-50 Datasheet(HTML) 4 Page - Marl International Limited

  319-511-21-50 Datasheet HTML 1Page - Marl International Limited 319-511-21-50 Datasheet HTML 2Page - Marl International Limited 319-511-21-50 Datasheet HTML 3Page - Marl International Limited 319-511-21-50 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BS EN ISO 9001:2000
Approved Manufacturer
SAMPLES AVAILABLE
© MARL INTERNATIONAL LTD 2007 : DS 079/07 Issue 1
Page 4 of 4
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
319 Series
PART NO.
COLOUR
VOLTAGE
(Vdc) Vopr
319-501-04
Red
20mA
319-501-21
Red
12Vdc
319-501-22
Red
24Vdc
319-501-22-03
Red
24Vdc
319-501-46
Red
35Vdc
319-502-21
Red
12Vdc
319-502-22-03
Red
24Vdc
319-503-04-03
Red
20mA
319-503-04-04
Red
20mA
319-503-04-50
Red
20mA
319-503-20
Red
5/6Vdc
319-503-21
Red
12Vdc
319-503-21-04
Red
12Vdc
319-503-21-17
Red
12Vdc
319-503-22
Red
24Vdc
319-503-22-03
Red
24Vdc
319-503-22-04
Red
24Vdc
319-503-22-50
Red
24Vdc
319-503-22-51
Red
24Vdc
319-503-22-52
Red
24Vdc
319-503-22-54
Red
24Vdc
319-503-23
Red
24-28Vdc
319-503-23-04
Red
24-28Vdc
319-503-43
Red
18Vdc
319-505-04
Red
20mA
319-505-20
Red
5/6Vdc
319-505-21-50
Red
12Vdc
319-505-22
Red
24Vdc
319-505-22-03
Red
24Vdc
319-506-04
Orange
20mA
319-506-22
Orange
24Vdc
319-506-22-03
Orange
24Vdc
319-506-22-50
Orange
24Vdc
319-506-23-04
Orange
24-28Vdc
319-506-76-15
Orange
230Vac
319-509-04
Yellow
20mA
UNITS
PART NO.
COLOUR
VOLTAGE
(Vdc) Vopr
319-509-04-03
Yellow
20mA
319-509-04-04
Yellow
20mA
319-509-04-51
Yellow
20mA
319-509-20
Yellow
5/6Vdc
319-509-21
Yellow
12Vdc
319-509-21-04
Yellow
12Vdc
319-509-22
Yellow
24Vdc
319-509-22-03
Yellow
24Vdc
319-509-22-50
Yellow
24Vdc
319-509-22-51
Yellow
24Vdc
319-509-22-52
Yellow
24Vdc
319-509-22-53
Yellow
24Vdc
319-509-23
Yellow
24-28Vdc
319-509-23-03
Yellow
24-28Vdc
319-509-23-04
Yellow
24-28Vdc
319-509-24-03
Yellow
48Vdc
319-511-04
Yellow
20mA
319-511-21-50
Yellow
12Vdc
319-511-22
Yellow
24Vdc
319-511-22-03
Yellow
24Vdc
319-512-04
Green
20mA
319-512-20
Green
5/6Vdc
319-512-21-04
Green
12Vdc
319-512-21-50
Green
12Vdc
319-512-22
Green
24Vdc
319-512-22-03
Green
24Vdc
319-512-22-50
Green
24Vdc
319-512-22-52
Green
24Vdc
319-512-22-53
Green
24Vdc
319-512-22-54
Green
24Vdc
319-512-23-03
Green
24-28Vdc
319-512-23-04
Green
24-28Vdc
319-512-25-13
Green
110Vdc
319-514-22
Green
24Vdc
319-519-22-03
Blue
24Vdc
319-519-23-03
Blue
24Vdc
UNITS
Part numbers also available in the 319 Series:
The products listed above illustrate all of
the options available to order. These
products may have custom modifications
that alter their operation beyond the
generic information contained within this
datasheet. Please contact sales for
further information.
PART NO.
COLOUR
VOLTAGE
(Vdc) Vopr
319-521-04
Yellow
20mA
319-521-22
Yellow
24Vdc
319-532-04
Green
20mA
319-532-22
Green
24Vdc
319-532-75-21
Green
110Vac
319-555-00-50
Red
9-14Vdc
319-561-00-50
Yellow
9-14Vdc
319-564-00-50
Green
9-14Vdc
319-564-04
Green
20mA
319-921-75
Green
110Vac
319-930-04
Blue
20mA
319-930-04-03
Blue
20mA
319-930-04-04
Blue
20mA
319-930-04-50
Blue
20mA
319-930-22
Blue
24Vdc
319-930-22-03
Blue
24Vdc
319-997-04
White
20mA
319-997-22
White
24Vdc
319-997-46
White
35Vdc
UNITS


Similar Part No. - 319-511-21-50

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
319-064 GLENAIR-319-064 Datasheet
200Kb / 2P
   Composite Self-Locking Rotatable Coupling
319-065 GLENAIR-319-065 Datasheet
255Kb / 2P
   Composite Self-Locking Rotatable Coupling
logo
Mill-Max Mfg. Corp.
319-10-101-00-001000 MILL-MAX-319-10-101-00-001000 Datasheet
227Kb / 1P
   SPRING-LOADED CONNECTORS 2,54 Grid Target Connectors for Spring-Loaded Assemblies Single Row
319-10-101-00-001000 MILL-MAX-319-10-101-00-001000 Datasheet
117Kb / 3P
   Interconnect Target Connector Spring-Loaded Header
319-10-101-00-002000 MILL-MAX-319-10-101-00-002000 Datasheet
227Kb / 1P
   SPRING-LOADED CONNECTORS 2,54 Grid Target Connectors for Spring-Loaded Assemblies Single Row
More results

Similar Description - 319-511-21-50

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
352-505-04 MARL-352-505-04 Datasheet
284Kb / 3P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
318-530-04 MARL-318-530-04 Datasheet
164Kb / 3P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
315-505-21 MARL-315-505-21 Datasheet
367Kb / 4P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
307-303-2 MARL-307-303-2 Datasheet
320Kb / 3P
   PANEL INDICATOR LEDs - 횠4.8mm Mounting
411-501-21 MARL-411-501-21 Datasheet
326Kb / 4P
   PANEL INDICATOR LEDs - 횠8.0mm Mounting
327-000-21-50 MARL-327-000-21-50 Datasheet
347Kb / 4P
   PANEL INDICATOR LEDs - 횠8.0mm Mounting
423-501-21 MARL-423-501-21 Datasheet
298Kb / 4P
   PANEL INDICATOR LEDs - 횠9.5mm Mounting
612-301-21 MARL-612-301-21 Datasheet
336Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.35mm Mounting
610-301-21 MARL-610-301-21 Datasheet
337Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.35mm Mounting
611-301-21 MARL-611-301-21 Datasheet
336Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.35mm Mounting
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com