Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMCRD6V8SB Datasheet(PDF) 3 Page - SEMTECH ELECTRONICS LTD.

Part # ZMCRD6V8SB
Description  ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ZMCRD6V8SB Datasheet(HTML) 3 Page - SEMTECH ELECTRONICS LTD.

  ZMCRD6V8SB Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ZMCRD6V8SB Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ZMCRD6V8SB Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
Dated : 17/05/2006
ZMC RD...S Series
Characteristics at Ta = 25 OC
Zener Voltage
Dynamic Impedance
Reverse Current
VZ (V)
1)
ZZ (Ω)
2)
IR (µA)
Type
Min.
Max.
lZ (mA)
Max.
lZ (mA)
Max.
VR (V)
ZMCRD9V1SB
8.53
9.58
ZMCRD9V1SB1
8.53
8.96
ZMCRD9V1SB2
8.81
9.26
ZMCRD9V1SB3
9.12
9.58
5
30
5
2
6
ZMCRD10SB
9.42
10.58
ZMCRD10SB1
9.42
9.9
ZMCRD10SB2
9.74
10.24
ZMCRD10SB3
10.08
10.58
5
30
5
2
7
ZMCRD11SB
10.4
11.6
ZMCRD11SB1
10.4
10.92
ZMCRD11SB2
10.72
11.26
ZMCRD11SB3
11.06
11.6
5
30
5
2
8
ZMCRD12SB
11.38
12.64
ZMCRD12SB1
11.38
11.94
ZMCRD12SB2
11.69
12.28
ZMCRD12SB3
12.04
12.64
5
35
5
2
9
ZMCRD13SB
12.43
14
5
35
5
2
10
ZMCRD15SB
13.8
15.56
5
40
5
2
11
ZMCRD16SB
15.31
17.14
5
40
5
2
12
ZMCRD18SB
16.89
19.08
5
45
5
2
13
ZMCRD20SB
18.8
21.14
5
50
5
2
15
ZMCRD22SB
20.81
23.25
5
55
5
2
17
ZMCRD24SB
22.86
25.66
5
60
5
2
19
ZMCRD27SB
25.1
28.9
2
70
2
2
21
ZMCRD30SB
28
32
2
80
2
2
23
ZMCRD33SB
31
35
2
80
2
2
25
ZMCRD36SB
34
38
2
90
2
2
27
ZMCRD39SB
37
41
2
100
2
2
30
ZMCRD43SB
40
45
2
130
2
2
33
ZMCRD47SB
44
49
2
150
2
2
36
ZMCRD51SB
48
54
2
180
2
1
39
ZMCRD56SB
53
60
2
180
2
1
43
ZMCRD62SB
58
66
2
200
2
0.2
47
ZMCRD68SB
64
72
2
250
2
0.2
52
ZMCRD75SB
70
79
2
300
2
0.2
57
ZMCRD82SB
77
87
2
300
2
0.2
63
ZMCRD91SB
85
96
1
700
1
0.2
69
ZMCRD100SB
94
106
1
700
1
0.2
76
ZMCRD110SB
104
116
1
800
1
0.2
84
ZMCRD120SB
114
126
1
900
1
0.2
91
1) Vz is tested with pulse (20 ms).
2) Zz is measured at Iz by given a very small A.C. Current Signal.


Similar Part No. - ZMCRD6V8SB

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
ZMCRD6V8MB SEMTECH_ELEC-ZMCRD6V8MB Datasheet
265Kb / 3P
   ZENER DIODES
ZMCRD6V8MB1 SEMTECH_ELEC-ZMCRD6V8MB1 Datasheet
265Kb / 3P
   ZENER DIODES
ZMCRD6V8MB2 SEMTECH_ELEC-ZMCRD6V8MB2 Datasheet
265Kb / 3P
   ZENER DIODES
ZMCRD6V8MB3 SEMTECH_ELEC-ZMCRD6V8MB3 Datasheet
265Kb / 3P
   ZENER DIODES
More results

Similar Description - ZMCRD6V8SB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com