Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS207 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # RS207
Description  SINGLE-PHASE SILICON BRIDGES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

RS207 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  RS207 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dated : 06/10/2005 H
R
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
RS201 THRU RS207
SINGLE-PHASE SILICON BRIDGES
Reverse Voltage – 50 to 1000 Volts
Forward Current – 2.0 Amperes
Features
• Surge overload rating –50 amperes peak
• Ideal for printed circuit board
• Plastic material has Underwriters Laboratory
Flammability Classification 94V-0
• Mounting position: Any
• Lead: Silver plated copper lead
Absolute Maximum Ratings and Characteristics
Ratings at 25
oC ambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
For capacitive load, derate current by 20%
Symbols
RS
201
RS
202
RS
203
RS
204
RS
205
RS
206
RS
207
Units
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS bridge input voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum average forward rectified output current
at TA = 50 OC
I(AV)
2
Amps
Peak forward surge current 8.3mS single
half sine-wave superimposed on rated load
IFSM
50
Amps
Maximum forward voltage drop per bridge element
at 1A peak
VF
1
Volts
Maximum DC reverse current at rated
DC blocking voltage per element
10
µA
Maximum DC reverse current at rated
DC blocking voltage per element
TA = 100
OC
IR
1
mA
Operating temperature range
TJ
-55 to +125
OC
Storage temperature range
TS
-55 to +150
OC
Dimensions in mm
.200(5.08)
.180(4.57)
.460(11.58)
.420(10.57)
.566(14.4)
.528(13.4)
.034(0.86)DIA.
.028(0.76)TYP.
.105
(2.67)
.600
(15.2)
.160(4.1)
.140(3.6)
MIN.
.560(14.22)
.600(15.24)
KBP
AC
+-


Similar Part No. - RS207

ManufacturerPart #DatasheetDescription
logo
Bytes
RS207 BYTES-RS207 Datasheet
144Kb / 2P
   SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
RS207 SECOS-RS207 Datasheet
290Kb / 2P
   VOLTAGE 50V ~ 1000V 2.0AMP Single Phase Bridge Rectifiers
logo
Suntan Capacitors
RS207 SUNTAN-RS207 Datasheet
390Kb / 2P
   Ideal for printed circuit board
logo
Dc Components
RS207 DCCOM-RS207 Datasheet
381Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
RS207 CHENYI-RS207 Datasheet
81Kb / 2P
   2Amp single phase bridge rectifier 50to1000 volts
More results

Similar Description - RS207

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
B172 EDAL-B172 Datasheet
372Kb / 2P
   Silicon Rectifier Miniature Single Phase Bridges
logo
Pan Jit International I...
AM150 PANJIT-AM150_03 Datasheet
53Kb / 2P
   1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES
logo
Powersem GmbH
PSB41 POWERSEM-PSB41 Datasheet
158Kb / 2P
   Single Phase Rectifier Bridges
PSB50 POWERSEM-PSB50 Datasheet
119Kb / 1P
   Single Phase Rectifier Bridges
PSB61 POWERSEM-PSB61 Datasheet
169Kb / 2P
   Single Phase Rectifier Bridges
logo
Inchange Semiconductor ...
PSB62-16 ISC-PSB62-16 Datasheet
340Kb / 2P
   Single Phase Rectifier Bridges
logo
Diode Semiconductor Kor...
SGBPC35005 DSK-SGBPC35005 Datasheet
141Kb / 2P
   THREE - PHASE SILICON BRIDGES
logo
Powersem GmbH
PSB62 POWERSEM-PSB62 Datasheet
177Kb / 2P
   Single Phase Rectifier Bridges
PSB105 POWERSEM-PSB105 Datasheet
168Kb / 2P
   Single Phase Rectifier Bridges
PSB112 POWERSEM-PSB112 Datasheet
181Kb / 2P
   Single Phase Rectifier Bridges
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com