Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

502-532-20 Datasheet(PDF) 1 Page - Marl International Limited

Part # 502-532-20
Description  PROFESSIONAL LED INDICATORS8.1mm Mounting
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

502-532-20 Datasheet(HTML) 1 Page - Marl International Limited

  502-532-20 Datasheet HTML 1Page - Marl International Limited 502-532-20 Datasheet HTML 2Page - Marl International Limited 502-532-20 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
PART NUMBER
COLOUR
LENS
VOLTAGE CURRENT LUMINOUS
WAVE
OPERATING STORAGE
DC (Vdc) DC (mA)
INTENSITY
LENGTH
TEMP
TEMP
Vopr
lopr
lv@20mA (mcd) λp (nm)
Topr
Tstg
502-501-21
Red
Water Clear
12
20
11000
643
-40 ~ +95^ -40 ~ +100 Yes
502-521-21
Yellow
Water Clear
12
20
16000
591
-40 ~ +95^ -40 ~ +100 Yes
502-532-21
Green
Water Clear
12
20
23000
527
-40 ~ +95^ -40 ~ +100 Yes
502-930-21
Blue
Water Clear
12
20
7000
470
-40 ~ +95^ -40 ~ +100 Yes
502-997-21
Cool White
Water Clear
12
20
14000
*see below -40 ~ +95^ -40 ~ +100 Yes
502-501-23
Red
Water Clear
24-28
20
11000
643
-40 ~ +95^ -40 ~ +100 Yes
502-521-23
Yellow
Water Clear
24-28
20
16000
591
-40 ~ +95^ -40 ~ +100 Yes
502-532-23
Green
Water Clear
24-28
20
23000
527
-40 ~ +95^ -40 ~ +100 Yes
502-930-23
Blue
Water Clear
24-28
20
7000
470
-40 ~ +95^ -40 ~ +100 Yes
502-997-23
Cool White
Water Clear
24-28
20
14000
*see below -40 ~ +95^ -40 ~ +100 Yes
UNITS
Vdc
mA
mcd
nm
°C
°C
Nickel plated brass housing
Sealed to IP67
Water clear lens for good on/off contrast ratio
Internally potted for use in high vibration applications
Internal reverse protection diode fitted as standard in all
voltage models.
Wide viewing angle
PROFESSIONAL LED INDICATORS Ø 8.1mm Mounting
SAMPLES AVAILABLE
© MARL INTERNATIONAL LTD 2008 : DS 014/08 Issue 2
Ordering Information & Typical Technical Characteristics (Ta = 25°C)
Mean Time Between Failure = 100,000 Hours. Luminous intensity figures refer to the unmodified discrete LED.
FEATURES
SPECIFICATION
HIGH INTENSITY
502 SERIES
PACK QUANTITY = 10 PIECES
Page 1 of 3
BS EN ISO 9001:2000
Approved Manufacturer
Other voltages AC/DC available. Please contact our Technical Sales.
^ = Products must be derated according to the derating information. Each derating graph refers to specific LEDs. Refer to page 3.
Intensities (lv) and colour shades of white (x,y co-ordinates) may vary between LEDs
within a batch.
997F-C *Typical emission colour cool white
x
0.245 0.361 0.356 0.264
y
0.229 0.385 0.351 0.220


Similar Part No. - 502-532-20

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
502-532-23 MARL-502-532-23 Datasheet
433Kb / 5P
   횠8.1mm mounting Nickel plated brass housing, Sealed to IP67
More results

Similar Description - 502-532-20

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
676-501-21 MARL-676-501-21 Datasheet
343Kb / 3P
   PROFESSIONAL LED INDICATORS 횠 8.1mm Mounting
662-303-04 MARL-662-303-04 Datasheet
176Kb / 1P
   PROFESSIONAL LED INDICATORS - 횠 6.35mm Mounting
607-303-04 MARL-607-303-04 Datasheet
53Kb / 1P
   PROFESSIONAL LED INDICATORS - 횠 6.35mm Mounting
507-501-21 MARL-507-501-21 Datasheet
266Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
508-501-21 MARL-508-501-21 Datasheet
275Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
692-501-21 MARL-692-501-21 Datasheet
309Kb / 3P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
611-301-21 MARL-611-301-21 Datasheet
336Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.35mm Mounting
672-290-22 MARL-672-290-22 Datasheet
247Kb / 2P
   PROFESSIONAL LED INDICATORS 횠25.4mm Mounting
524-501-21 MARL-524-501-21 Datasheet
277Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
696-301-21 MARL-696-301-21 Datasheet
299Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.1mm Mounting
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com