Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMC2V7 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # ZMC2V7
Description  SILICON PLANAR ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ZMC2V7 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  ZMC2V7 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ZMC2V7 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
Dated : 08/05/2006
ZMC1 … ZMC200
Zener Voltage Range
1)
Dynamic Resistance
Reverse Leakage Current
Temp. Coefficient
of Zener Voltage
Type
VZnom
V
lZT for VZT
2)
mA
V
rzjT
rzjK
at IZK
mA
Ta = 25 OC Ta = 125 OC lR at VR
µA
µA
V
TKVZ
%/K
ZMC1
3)
0.75
5
0.7…0.8
< 8
< 50
1
--
--
--
-0.26…-0.23
ZMC2V0
2.0
5
1.80…2.15
< 85
< 600
1< 100
<200
1
-0.09…-0.06
ZMC2V2
2.2
5
2.08…2.33
< 85
< 600
1< 75
<160
1
-0.09…-0.06
ZMC2V4
2.4
5
2.28…2.56
< 85
< 600
1< 50
<100
1
-0.09…-0.06
ZMC2V7
2.7
5
2.5…2.9
< 85
< 600
1< 10
< 50
1
-0.09…-0.06
ZMC3V0
3.0
5
2.8…3.2
< 85
< 600
1< 4< 40
1
-0.08…-0.05
ZMC3V3
3.3
5
3.1…3.5
< 85
< 600
1< 2< 40
1
-0.08…-0.05
ZMC3V6
3.6
5
3.4…3.8
< 85
< 600
1< 2< 40
1
-0.08…-0.05
ZMC3V9
3.9
5
3.7…4.1
< 85
< 600
1< 2< 40
1
-0.08…-0.05
ZMC4V3
4.3
5
4.0…4.6
< 75
< 600
1< 1< 20
1
-0.06…-0.03
ZMC4V7
4.7
5
4.4…5.0
< 60
< 600
1< 0.5
<10
1
-0.05…+0.02
ZMC5V1
5.1
5
4.8…5.4
< 35
< 550
1< 0.1
< 2
1
-0.02…+0.02
ZMC5V6
5.6
5
5.2…6.0
< 25
<450
1< 0.1
< 2
1
-0.05…+0.05
ZMC6V2
6.2
5
5.8…6.6
< 10
<200
1< 0.1
< 2
2
0.03…0.06
ZMC6V8
6.8
5
6.4…7.2
< 8
<150
1< 0.1
< 2
3
0.03…0.07
ZMC7V5
7.5
5
7.0…7.9
< 7
< 50
1< 0.1
< 2
5
0.03…0.07
ZMC8V2
8.2
5
7.7…8.7
< 7
< 50
1< 0.1
< 2
6.2
0.03…0.08
ZMC9V1
9.1
5
8.5…9.6
< 10
< 50
1< 0.1
< 2
6.8
0.03…0.09
ZMC10
10
5
9.4…10.6
< 15
<70
1< 0.1
< 2
7.5
0.03…0.1
ZMC11
11
5
10.4…11.6
< 20
<70
1< 0.1
< 2
8.2
0.03…0.11
ZMC12
12
5
11.4…12.7
< 20
< 90
1< 0.1
< 2
9.1
0.03…0.11
ZMC13
13
5
12.4…14.1
< 26
<110
1< 0.1
< 2
10
0.03…0.11
ZMC15
15
5
13.8…15.6
< 30
<110
1< 0.1
< 2
11
0.03…0.11
ZMC16
16
5
15.3…17.1
< 40
<170
1< 0.1
< 2
12
0.03…0.11
ZMC18
18
5
16.8…19.1
< 50
<170
1< 0.1
< 2
13
0.03…0.11
ZMC20
20
5
18.8…21.2
< 55
<220
1< 0.1
< 2
15
0.03…0.11
ZMC22
22
5
20.8…23.3
< 55
<220
1< 0.1
< 2
16
0.04…0.12
ZMC24
24
5
22.8…25.6
< 80
<220
1< 0.1
< 2
18
0.04…0.12
ZMC27
27
5
25.1…28.9
< 80
<220
1< 0.1
< 2
20
0.04…0.12
ZMC30
30
5
28…32
< 80
<220
1< 0.1
< 2
22
0.04…0.12
ZMC33
33
5
31…35
< 80
<220
1< 0.1
< 2
24
0.04…0.12
ZMC36
36
5
34…38
< 80
<220
1< 0.1
< 2
27
0.04…0.12
ZMC39
39
2.5
37…41
< 90
< 500
0.5
< 0.1
< 5
30
0.04…0.12
ZMC43
43
2.5
40…46
< 90
< 500
0.5
< 0.1
< 5
33
0.04…0.12
ZMC47
47
2.5
44…50
< 110
< 600
0.5
< 0.1
< 5
36
0.04…0.12
ZMC51
51
2.5
48…54
< 125
<700
0.5
< 0.1
< 10
39
0.04…0.12
ZMC56
56
2.5
52…60
< 135
<700
0.5
< 0.1
< 10
43
0.04…0.12
ZMC62
62
2.5
58…66
< 150
<1000
0.5
< 0.1
< 10
47
0.04…0.12
ZMC68
68
2.5
64…72
< 200
<1000
0.5
< 0.1
< 10
51
0.04…0.12
ZMC75
75
2.5
70…79
< 250
<1000
0.5
< 0.1
< 10
56
0.04…0.12
ZMC82
82
2.5
77…87
< 300
<1500
0.25
< 0.1
< 10
62
0.05…0.12
ZMC91
91
1
85…96
< 450
<2000
0.1
< 0.1
< 10
68
0.05…0.12
ZMC100
100
1
94…106
< 450
< 5000
0.1
< 0.1
< 10
75
0.05…0.12
ZMC110
110
1
104…116
< 600
< 5000
0.1
< 0.1
< 10
82
0.05…0.12
ZMC120
120
1
114…127
< 800
< 5500
0.1
< 0.1
< 10
91
0.05…0.12
ZMC130
130
1
124…141
< 950
< 6000
0.1
< 0.1
< 10
100
0.05…0.12
ZMC150
150
1
138…156
< 1250
< 6500
0.1
< 0.1
< 10
110
0.05…0.12
ZMC160
160
1
153…171
< 1400
<7000
0.1
< 0.1
< 10
120
0.05…0.12
ZMC180
180
1
168…191
< 1700
< 8500
0.1
< 0.1
< 10
130
0.05…0.12
ZMC200
200
1
188…212
< 2000
<10000
0.1
< 0.1
< 10
150
0.05…0.12
1) Tested with pulse t
p = 20 ms.
2) Valid provided that electrodes are kept at ambient temperature.
3) The ZMC1 is a silicon diode with operation in forward direction. Hence, the index of all parameters should be "F" instead
of "Z". Connect the cathode electrode to the negative pole.


Similar Part No. - ZMC2V7

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
ZMC2V7 DGNJDZ-ZMC2V7 Datasheet
80Kb / 2P
   Silicon Epitaxial Planar Zener Diodes
More results

Similar Description - ZMC2V7

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com