Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

318-521-22 Datasheet(PDF) 1 Page - Marl International Limited

Part # 318-521-22
Description  PANEL INDICATOR LEDs - 횠6.35mm Mounting
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

318-521-22 Datasheet(HTML) 1 Page - Marl International Limited

  318-521-22 Datasheet HTML 1Page - Marl International Limited 318-521-22 Datasheet HTML 2Page - Marl International Limited 318-521-22 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Domed fresnel lens styling for wide viewing angle
Flying lead terminations available
Available as a Red/Amber/Green tri-colour indicator
Sealed to IP40
Supplied complete with mounting hardware
Product illustrated 318-530-23
PANEL INDICATOR LEDs - Ø6.35mm Mounting
Ordering Information & Typical Technical Characteristics (Ta = 25°C)
Mean Time Between Failure Typically = 100,000 Hours. Luminous intensity figures refer to the unmodified discrete LED.
FEATURES
SPECIFICATIONS
318 SERIES
Bi-colour &
Tri-colour
PACK QUANTITY = 20 PIECES
SAMPLES AVAILABLE
© MARL INTERNATIONAL LTD 2007 : DS083/07 Issue 1
Page 1 of 3
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
PART NUMBER
COLOUR
LENS
VOLTAGE CURRENT
LUMINOUS
WAVE
OPERATING
STORAGE
DC (Vdc)
DC (mA)
INTENSITY
LENGTH
TEMP
TEMP
Vopr
lopr
lv@20mA (mcd) λp (nm)
Topr
Tstg
318-530-04
Red/Green
Water Clear
2.0/2.2
20
30/25
627/565
-40 ~ +85^
-40 ~ +85
Yes
318-530-20
Red/Green
Water Clear
5/6
15/20
30/25
627/565
-40 ~ +85^
-40 ~ +85
Yes
318-530-21
Red/Green
Water Clear
12
20
30/25
627/565
-40 ~ +85^
-40 ~ +85
Yes
318-530-23
Red/Green
Water Clear
24-28
20
30/25
627/565
-40 ~ +85^
-40 ~ +85
Yes
318-535-04-35
Red/Green
Water Clear
2.0/2.2
20
60/50
627/565
-40 ~ +85^
-40 ~ +85
Yes
318-535-20-35
Red/Green
Water Clear
5/6
15/20
60/50
627/565
-40 ~ +85^
-40 ~ +85
Yes
318-535-21-35
Red/Green
Water Clear
12
20
60/50
627/565
-40 ~ +85^
-40 ~ +85
Yes
318-535-22-35
Red/Green
Water Clear
24-28
20
60/50
627/565
-40 ~ +85^
-40 ~ +85
Yes
UNITS
Vdc
mA
mcd
nm
°C
°C
BI-COLOUR STANDARD INTENSITY
TRI-COLOUR STANDARD INTENSITY
^ = Products must be derated according to the derating information. Each derating graph
refers to specific LEDs. Appropriate LED numbers shown.
530 & 535


Similar Part No. - 318-521-22

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
318-LE MACOM-318-LE Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
318-LM MACOM-318-LM Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
More results

Similar Description - 318-521-22

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
352-505-04 MARL-352-505-04 Datasheet
284Kb / 3P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
319-505-21 MARL-319-505-21 Datasheet
372Kb / 4P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
315-505-21 MARL-315-505-21 Datasheet
367Kb / 4P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
307-303-2 MARL-307-303-2 Datasheet
320Kb / 3P
   PANEL INDICATOR LEDs - 횠4.8mm Mounting
411-501-21 MARL-411-501-21 Datasheet
326Kb / 4P
   PANEL INDICATOR LEDs - 횠8.0mm Mounting
327-000-21-50 MARL-327-000-21-50 Datasheet
347Kb / 4P
   PANEL INDICATOR LEDs - 횠8.0mm Mounting
423-501-21 MARL-423-501-21 Datasheet
298Kb / 4P
   PANEL INDICATOR LEDs - 횠9.5mm Mounting
612-301-21 MARL-612-301-21 Datasheet
336Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.35mm Mounting
610-301-21 MARL-610-301-21 Datasheet
337Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.35mm Mounting
611-301-21 MARL-611-301-21 Datasheet
336Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.35mm Mounting
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com