Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

411-521-23 Datasheet(PDF) 4 Page - Marl International Limited

Part # 411-521-23
Description  PANEL INDICATOR LEDs - 횠8.0mm Mounting
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

411-521-23 Datasheet(HTML) 4 Page - Marl International Limited

  411-521-23 Datasheet HTML 1Page - Marl International Limited 411-521-23 Datasheet HTML 2Page - Marl International Limited 411-521-23 Datasheet HTML 3Page - Marl International Limited 411-521-23 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BS EN ISO 9001:2000
Approved Manufacturer
SAMPLES AVAILABLE
© MARL INTERNATIONAL LTD 2007 : DS 081/07 Issue 1
Page 4 of 4
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
411 Series
PART NO.
COLOUR
VOLTAGE
(Vdc) Vopr
411-000-22-50
Red/Yellow
24Vdc
411-501-04
Red
20mA
411-501-04-03
Red
20mA
411-501-22
Red
24Vdc
411-501-22-03
Red
24Vdc
411-501-22-04
Red
24Vdc
411-501-24
Red
48Vdc
411-501-24-03
Red
48Vdc
411-501-24-04
Red
48Vdc
411-501-75
Red
110Vac
411-501-75-03
Red
110Vac
411-501-76
Red
230Vac
411-503-20
Red
5/6Vdc
411-503-20-03
Red
5/6Vdc
411-503-21
Red
12Vdc
411-503-21-04
Red
12Vdc
411-503-22
Red
24Vdc
411-503-22-03
Red
24Vdc
411-503-22-04
Red
24Vdc
411-503-22-05
Red
24Vdc
411-503-22-50
Red
24Vdc
411-503-22-51
Red
24Vdc
411-503-23
Red
24-28Vdc
411-503-24-03
Red
48Vdc
411-503-76
Red
230Vac
411-506-20-03
Orange
5/6Vdc
411-506-22
Orange
24Vdc
411-506-22-03
Orange
24Vdc
411-506-22-04
Orange
24Vdc
411-506-22-51
Orange
24Vdc
411-506-23
Orange
24-28Vdc
411-506-75
Orange
110Vac
411-506-76-15
Orange
230Vac
411-509-20
Yellow
5/6Vdc
411-509-21
Yellow
12Vdc
411-509-21-50
Yellow
12Vdc
411-509-22
Yellow
24Vdc
UNITS
Part numbers also available in the 411 Series:
The products listed above illustrate all of the options available to order. These products may have custom modifications that alter
their operation beyond the generic information contained within this datasheet. Please contact sales for further information.
PART NO.
COLOUR
VOLTAGE
(Vdc) Vopr
411-509-22-03
Yellow
24Vdc
411-509-22-04
Yellow
24Vdc
411-509-22-05
Yellow
24Vdc
411-509-22-52
Yellow
24Vdc
411-509-23
Yellow
24-28Vdc
411-512-20
Green
5/6Vdc
411-512-21
Green
12Vdc
411-512-21-04
Green
12Vdc
411-512-22
Green
24Vdc
411-512-22-03
Green
24Vdc
411-512-22-04
Green
24Vdc
411-512-22-05
Green
24Vdc
411-512-22-51
Green
24Vdc
411-512-24-03
Green
48Vdc
411-519-22
Blue
24Vdc
411-519-22-03
Blue
24Vdc
411-519-22-50
Blue
24Vdc
411-521-22
Yellow
24Vdc
411-521-22-03
Yellow
24Vdc
411-521-22-04
Yellow
24Vdc
411-521-24-04
Yellow
48Vdc
411-521-76-13
Yellow
230Vac
411-532-04
Green
20mA
411-532-22
Green
24Vdc
411-532-22-03
Green
24Vdc
411-532-22-04
Green
24Vdc
411-532-24-03
Green
48Vdc
411-532-76
Green
230Vac
411-532-76-13
Green
230Vac
411-532-76-15
Green
230Vac
411-930-22
Blue
24Vdc
411-930-22-03
Blue
24Vdc
411-930-22-50
Blue
24Vdc
411-997-22
White
24Vdc
411-997-22-03
White
24Vdc
411-997-43
White
18Vdc
411-997-76
White
230Vac
UNITS


Similar Part No. - 411-521-23

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
411-5 WILLOW-411-5 Datasheet
146Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
More results

Similar Description - 411-521-23

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
327-000-21-50 MARL-327-000-21-50 Datasheet
347Kb / 4P
   PANEL INDICATOR LEDs - 횠8.0mm Mounting
307-303-2 MARL-307-303-2 Datasheet
320Kb / 3P
   PANEL INDICATOR LEDs - 횠4.8mm Mounting
318-530-04 MARL-318-530-04 Datasheet
164Kb / 3P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
352-505-04 MARL-352-505-04 Datasheet
284Kb / 3P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
319-505-21 MARL-319-505-21 Datasheet
372Kb / 4P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
315-505-21 MARL-315-505-21 Datasheet
367Kb / 4P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
423-501-21 MARL-423-501-21 Datasheet
298Kb / 4P
   PANEL INDICATOR LEDs - 횠9.5mm Mounting
logo
Dialight Corporation
557-1XXX-203 DIALIGHT-557-1XXX-203 Datasheet
24Kb / 1P
   LED Panel Mount Indicator 11/16 Mounting Hole, Watertight
logo
List of Unclassifed Man...
Q14P1CZZRYG12E ETC2-Q14P1CZZRYG12E Datasheet
1Mb / 3P
   Q-SERIES 14mm횠 Panel Mounting LED Indicator Product Specification
logo
Toshiba Semiconductor
TLWWK1100B TOSHIBA-TLWWK1100B Datasheet
238Kb / 10P
   Panel Circuit Indicator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com