Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

315-511-22 Datasheet(PDF) 4 Page - Marl International Limited

Part # 315-511-22
Description  PANEL INDICATOR LEDs - 횠6.35mm Mounting
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

315-511-22 Datasheet(HTML) 4 Page - Marl International Limited

  315-511-22 Datasheet HTML 1Page - Marl International Limited 315-511-22 Datasheet HTML 2Page - Marl International Limited 315-511-22 Datasheet HTML 3Page - Marl International Limited 315-511-22 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BS EN ISO 9001:2000
Approved Manufacturer
SAMPLES AVAILABLE
© MARL INTERNATIONAL LTD 2007 : DS 077/07 Issue 1
Page 4 of 4
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
ALSO AVAILABLE
PART NO.
COLOUR
VOLTAGE
(Vdc) Vopr
315-501-04
Red
20mA
315-501-20-13
Red
5/6Vdc
315-501-22
Red
24Vdc
315-501-71
Red
12Vac
315-501-72
Red
24Vac
315-501-73
Red
28Vac
315-501-79
Red
30Vac
315-502-22
Red
24Vdc
315-502-72
Red
24Vac
315-502-75
Red
110Vac
315-503-20-50
Red
5/6Vdc
315-503-21
Red
12Vdc
315-503-22
Red
24Vdc
315-503-22-02
Red
24Vdc
315-505-04
Red
20mA
315-505-22
Red
24Vdc
315-505-22-03
Red
24Vdc
315-505-72
Red
24Vac
315-506-22
Orange
24Vdc
315-509-24-03
Yellow
48Vdc
315-509-25
Yellow
110Vdc
315-511-04
Yellow
20mA
315-511-22
Yellow
24Vdc
315-511-72
Yellow
24Vac
UNITS
PART NO.
COLOUR
VOLTAGE
(Vdc) Vopr
315-512-04
Green
20mA
315-512-20
Green
5/6Vdc
315-512-22
Green
24Vdc
315-512-22-03
Green
24Vdc
315-512-72
Green
24Vac
315-512-75
Green
110Vac
315-512-76-15
Green
230Vac
315-512-76-19
Green
230Vac
315-521-04
Yellow
20mA
315-521-22
Yellow
24Vdc
315-521-71
Yellow
12Vac
315-532-04
Green
20mA
315-532-20-13
Green
5/6Vdc
315-532-22
Green
24Vdc
315-532-72
Green
24Vac
315-930-04
Blue
20mA
315-930-22
Blue
24Vdc
315-930-25
Blue
110Vdc
315-997-04
White
20mA
315-997-21-50
White
12Vdc
315-997-22
White
24Vdc
315-997-72
White
24Vac
315-997-73
White
28Vac
315-997-79
White
30Vac
UNITS
Part numbers also available in the 315 Series:
The products listed above illustrate all of the options available to order. These products may have custom
modifications that alter their operation beyond the generic information contained within this datasheet. Please
contact sales for further information.


Similar Part No. - 315-511-22

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
315-012-500-201 EDAC-315-012-500-201 Datasheet
111Kb / 2P
   315 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.470" (11.94mm) Insulator Height
315-012-500-201 EDAC-315-012-500-201 Datasheet
255Kb / 3P
   315 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.470" (11.94mm) Insulator Height
315-012-500-201 EDAC-315-012-500-201 Datasheet
278Kb / 3P
   Card Edge Connectors 0.156” (3.96mm) Pitch
315-012-500-202 EDAC-315-012-500-202 Datasheet
111Kb / 2P
   315 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.470" (11.94mm) Insulator Height
315-012-500-202 EDAC-315-012-500-202 Datasheet
255Kb / 3P
   315 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.470" (11.94mm) Insulator Height
More results

Similar Description - 315-511-22

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
352-505-04 MARL-352-505-04 Datasheet
284Kb / 3P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
319-505-21 MARL-319-505-21 Datasheet
372Kb / 4P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
318-530-04 MARL-318-530-04 Datasheet
164Kb / 3P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
307-303-2 MARL-307-303-2 Datasheet
320Kb / 3P
   PANEL INDICATOR LEDs - 횠4.8mm Mounting
411-501-21 MARL-411-501-21 Datasheet
326Kb / 4P
   PANEL INDICATOR LEDs - 횠8.0mm Mounting
327-000-21-50 MARL-327-000-21-50 Datasheet
347Kb / 4P
   PANEL INDICATOR LEDs - 횠8.0mm Mounting
423-501-21 MARL-423-501-21 Datasheet
298Kb / 4P
   PANEL INDICATOR LEDs - 횠9.5mm Mounting
612-301-21 MARL-612-301-21 Datasheet
336Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.35mm Mounting
610-301-21 MARL-610-301-21 Datasheet
337Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.35mm Mounting
611-301-21 MARL-611-301-21 Datasheet
336Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.35mm Mounting
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com