Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

307-301-23 Datasheet(PDF) 2 Page - Marl International Limited

Part # 307-301-23
Description  PANEL INDICATOR LEDs - 횠4.8mm Mounting
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

307-301-23 Datasheet(HTML) 2 Page - Marl International Limited

  307-301-23 Datasheet HTML 1Page - Marl International Limited 307-301-23 Datasheet HTML 2Page - Marl International Limited 307-301-23 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Body
Nylon 6
Panel Washer
Neoprene
Termination Pins Tin on Nickel Plated Phosphor Bronze
Retaining Clip
Spring steel
Fresnel lens
Polycarbonate
Header
PTFE
BS EN ISO 9001:2000
Approved Manufacturer
SAMPLES AVAILABLE
© MARL INTERNATIONAL LTD 2007 : DS 046/07 Issue 1
Page 2 of 3
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
307 Series
Materials
Push-on Connectors
Technical Characteristics
SERIES
MAXIMUM
MAXIMUM
PANEL
MINIMUM
MAX.
POWER
REVERSE
CUTOUT
MOUNTING
PANEL
DISSIPATION
VOLTAGE
CENTRES
THICKNESS
307
425
3
4.8
10.0
11.0
UNITS
mW
Vdc
mm
mm
mm
909-000-00 is gold plated
910-000-00 is tin plated
for use with 307 series.
Suitable for wire sizes from
0.15mm² to 0.38mm² cross
sectional area.
Dual metal contact design
provides low resistance
and gas tight electrical
contact.
Dimensions in mm (Typical)
Not to scale
Anode termination indicated by long tag.
Mounting hole to be clean an burr free
Dimensions in mm (Typical)
Not to scale
MOUNTING HOLE
Optional Flying Lead Terminations
ORDER
SUPPLY
WIRE
WIRE
NO/DIAMETER
DIAMETER
COMMENTS
CODE
VOLTAGE
COLOUR
LENGTH
OF
OVER
SUFFIX
CONDUCTORS
INSULATION
13
DC Products
Red-anode / Black-cathode 150mm
13
AC Products
Brown-live / Blue-neutral
150mm
Customised
7/0.2mm
1.2mm
lengths
17
DC Products
Red-anode / Black-cathode 1000mm
available
17
AC Products
Brown-live / Blue-neutral
1000mm
Optional Reverse Protection Diode
ORDER CODE
CIRCUIT
COMMENTS
SUFFIX
01
Available on all indicators except Bi-Colour
devices.
20.0
20.0
Ø4.8
9.0


Similar Part No. - 307-301-23

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
307-006-401-101 EDAC-307-006-401-101 Datasheet
248Kb / 3P
   307 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
307-006-401-101 EDAC-307-006-401-101 Datasheet
144Kb / 3P
   307 Series,Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
307-006-401-102 EDAC-307-006-401-102 Datasheet
248Kb / 3P
   307 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
307-006-401-102 EDAC-307-006-401-102 Datasheet
145Kb / 3P
   307 Series,Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
307-006-401-103 EDAC-307-006-401-103 Datasheet
248Kb / 3P
   307 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
More results

Similar Description - 307-301-23

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
318-530-04 MARL-318-530-04 Datasheet
164Kb / 3P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
411-501-21 MARL-411-501-21 Datasheet
326Kb / 4P
   PANEL INDICATOR LEDs - 횠8.0mm Mounting
352-505-04 MARL-352-505-04 Datasheet
284Kb / 3P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
319-505-21 MARL-319-505-21 Datasheet
372Kb / 4P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
327-000-21-50 MARL-327-000-21-50 Datasheet
347Kb / 4P
   PANEL INDICATOR LEDs - 횠8.0mm Mounting
315-505-21 MARL-315-505-21 Datasheet
367Kb / 4P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
423-501-21 MARL-423-501-21 Datasheet
298Kb / 4P
   PANEL INDICATOR LEDs - 횠9.5mm Mounting
logo
Dialight Corporation
557-1XXX-203 DIALIGHT-557-1XXX-203 Datasheet
24Kb / 1P
   LED Panel Mount Indicator 11/16 Mounting Hole, Watertight
logo
List of Unclassifed Man...
Q14P1CZZRYG12E ETC2-Q14P1CZZRYG12E Datasheet
1Mb / 3P
   Q-SERIES 14mm횠 Panel Mounting LED Indicator Product Specification
logo
Toshiba Semiconductor
TLWWK1100B TOSHIBA-TLWWK1100B Datasheet
238Kb / 10P
   Panel Circuit Indicator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com