Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

261-993-95 Datasheet(PDF) 1 Page - Marl International Limited

Part # 261-993-95
Description  FILAMENT REPLACEMENT LEDs - T3쩌
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

261-993-95 Datasheet(HTML) 1 Page - Marl International Limited

  261-993-95 Datasheet HTML 1Page - Marl International Limited 261-993-95 Datasheet HTML 2Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PART NUMBER
COLOUR
LENS
VOLTAGE
CURRENT
LUMINOUS
WAVE
OPERATING
STORAGE
DC
DC
INTENSITY
LENGTH
TEMP
TEMP
Vopr
lopr
lv@20mA
λ
p
Topr
Tstg
261-990-95-38
Cold White
Water Clear
60
10
18000
*
-30 ~ +85^
-40 ~ +100
Yes
261-993-95-38
Warm White
Water Clear
60
10
9200
**
-30 ~ +85^
-40 ~ +100
Yes
261-990-95
Cold White
Water Clear
60
10
18000
*
-30 ~ +85^
-40 ~ +100
Yes
261-993-95
Warm White
Water Clear
60
10
9200
**
-30 ~ +85^
-40 ~ +100
Yes
UNITS
Vac/dc
mA
mcd
nm
0
C
0
C
Direct replacement for T3¼ MES E10
Ideal for industrial pushbutton switches and
annunciator panels
Fully encapsulated for unrivalled vibration and shock
resistance
Bi-polar and Bridge Rectified
Warm White LEDs may be used behind coloured lens as a true
replacement for a filament lamp.
Product illustrated 261-990-95
FILAMENT REPLACEMENT LEDs - T3¼
Ordering Information & Typical Technical Characteristics (Ta = 25°C)
Mean Time Between Failure = 100,000 Hours. Luminous intensity figures refer to the unmodified discrete LED.
FEATURES
SPECIFICATIONS
261 SERIES
PACK QUANTITY = 20 PIECES
SAMPLES AVAILABLE
© MARL INTERNATIONAL LTD 2007 : DS 012/07 Issue 1
Page 1 of 2
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
HIGH INTENSITY
Intensities (lv) and colour shades of white (x,y co-ordinates) may vary between LEDs within a batch.
993
**Typical emission colour warm white
x
0.426 0.439
0.497 0.477
y
0.400 0.431
0.446 0.413
990
*Typical emission colour cold white
x
0.296 0.287
0.330 0.330
y
0.276 0.295
0.339 0.318
^ = Products must be derated according to the
derating information. Each derating graph refers to
specific LEDs.
993 & 990
-38 denotes flat-topped led


Similar Part No. - 261-993-95

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
261-993-95 MARL-261-993-95 Datasheet
215Kb / 3P
   Direct replacement for T3 쩌 Midget Edison Screw E10
261-993-95 MARL-261-993-95 Datasheet
215Kb / 3P
   filament replacement leds
261-993-95-38 MARL-261-993-95-38 Datasheet
215Kb / 3P
   Direct replacement for T3 쩌 Midget Edison Screw E10
261-993-95-38 MARL-261-993-95-38 Datasheet
215Kb / 3P
   filament replacement leds
More results

Similar Description - 261-993-95

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
211-501-21-38 MARL-211-501-21-38 Datasheet
335Kb / 3P
   FILAMENT REPLACEMENT LEDs - T3쩌
251-993-64 MARL-251-993-64 Datasheet
119Kb / 2P
   FILAMENT REPLACEMENT LEDs - T3쩌
215-501-21-38 MARL-215-501-21-38 Datasheet
269Kb / 3P
   FILAMENT REPLACEMENT LEDs - T3쩌 BA9s
215-993-84-38 MARL-215-993-84-38 Datasheet
120Kb / 2P
   FILAMENT REPLACEMENT LEDs - T3쩌 BA9s
255-501-64-38 MARL-255-501-64-38 Datasheet
215Kb / 3P
   FILAMENT REPLACEMENT LEDs - T3쩌 Bayonet Cap
210-501-21-38 MARL-210-501-21-38 Datasheet
331Kb / 3P
   FILAMENT REPLACEMENT LEDs - T3쩌 MES E10
236-038-93_1307 MARL-236-038-93_1307 Datasheet
265Kb / 4P
   filament replacement leds
238-501-98_1309 MARL-238-501-98_1309 Datasheet
206Kb / 4P
   filament replacement leds
261-990-95-38_1311 MARL-261-990-95-38_1311 Datasheet
215Kb / 3P
   filament replacement leds
216-532-22-65_1310 MARL-216-532-22-65_1310 Datasheet
220Kb / 4P
   filament replacement leds
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com