Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

255-993-64-38 Datasheet(PDF) 1 Page - Marl International Limited

Part # 255-993-64-38
Description  FILAMENT REPLACEMENT LEDs - T3쩌 Bayonet Cap
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

255-993-64-38 Datasheet(HTML) 1 Page - Marl International Limited

  255-993-64-38 Datasheet HTML 1Page - Marl International Limited 255-993-64-38 Datasheet HTML 2Page - Marl International Limited 255-993-64-38 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PART NUMBER
COLOUR
LENS
VOLTAGE
CURRENT
LUMINOUS
WAVE
OPERATING
STORAGE
DC
DC
INTENSITY
LENGTH
TEMP
TEMP
Vopr
lopr
lv@20mA
λ
p
Topr
Tstg
255-501-64-38
Red
Water Clear
8-48
10
11000
643
-40 ~ +85^
-40 ~ +85
Yes
255-521-64-38
Yellow
Water Clear
8-48
10
16000
591
-40 ~ +85^
-40 ~ +85
Yes
255-532-64-38
Green
Water Clear
8-48
10
23000
527
-40 ~ +85^
-40 ~ +85
Yes
255-930-64-38
Blue
Water Clear
8-48
10
7000
470
-40 ~ +85^
-40 ~ +85
Yes
255-997-64-38
Cool White
Water Clear
8-48
10
14000
*see below
-40 ~ +85^
-40 ~ +85
Yes
255-993-64-38
Warm White
Water Clear
8-48
10
9200
**see below -30 ~ +85^
-40 ~ +100
Yes
UNITS
Vac/dc
mA
mcd
nm
0
C
0
C
Direct replacement for T3¼ BA9s
Unique SOLO technology - Single product for multi-
voltage operating range 8-48Vac/dc. Bi-polar
Flat-topped for enhanced, even illumination of large
lens areas
Reduces stock and maintenance costs
Resistant to shock and vibration
FILAMENT REPLACEMENT LEDs - T3¼ Bayonet Cap
Ordering Information & Typical Technical Characteristics (Ta = 25°C)
Mean Time Between Failure = 100,000 Hours. Luminous intensity figures refer to the unmodified discrete LED.
FEATURES
SPECIFICATIONS
HIGH INTENSITY
255 SERIES
PACK QUANTITY = 10 PIECES
SAMPLES AVAILABLE
© MARL INTERNATIONAL LTD 2007 : DS 024/06 Issue 2
Page 1 of 3
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
Please note this product will illuminate below 8Vac/dc but will not stabilise at
10mA until the 8 volt threshold has been reached.
Absolute maximum input voltage is 50Vac/dc.
^ = Products must be derated according to the derating information. Each derating graph refers to
specific LEDs. Appropriate LED numbers shown. - Refer to page 3.
993
*Typical emission colour warm white
x
0.426 0.439
0.497 0.477
y
0.400 0.431
0.446 0.413
Intensities (lv) and colour shades of white (x,y co-ordinates) may vary between LEDs within a batch.
997F-C *Typical emission colour cool white
x
0.245 0.361
0.356 0.264
y
0.229 0.385
0.351 0.220


Similar Part No. - 255-993-64-38

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
255-993-64-38 MARL-255-993-64-38 Datasheet
285Kb / 5P
   Direct replacement for T3 쩌 BA9s Incandescent
255-993-64-38 MARL-255-993-64-38 Datasheet
285Kb / 5P
   filament replacement leds
255-993-64-38 MARL-255-993-64-38 Datasheet
277Kb / 5P
   Durable to shock and vibration
More results

Similar Description - 255-993-64-38

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
261-990-95-38 MARL-261-990-95-38 Datasheet
139Kb / 2P
   FILAMENT REPLACEMENT LEDs - T3쩌
211-501-21-38 MARL-211-501-21-38 Datasheet
335Kb / 3P
   FILAMENT REPLACEMENT LEDs - T3쩌
253-997-98-50 MARL-253-997-98-50 Datasheet
122Kb / 2P
   FILAMENT REPLACEMENT LEDs - T2 Bayonet Cap
251-993-64 MARL-251-993-64 Datasheet
119Kb / 2P
   FILAMENT REPLACEMENT LEDs - T3쩌
253-501-64-38 MARL-253-501-64-38 Datasheet
211Kb / 3P
   FILAMENT REPLACEMENT LEDs - T2 Bayonet Cap
215-501-21-38 MARL-215-501-21-38 Datasheet
269Kb / 3P
   FILAMENT REPLACEMENT LEDs - T3쩌 BA9s
215-993-84-38 MARL-215-993-84-38 Datasheet
120Kb / 2P
   FILAMENT REPLACEMENT LEDs - T3쩌 BA9s
210-501-21-38 MARL-210-501-21-38 Datasheet
331Kb / 3P
   FILAMENT REPLACEMENT LEDs - T3쩌 MES E10
236-038-93_1307 MARL-236-038-93_1307 Datasheet
265Kb / 4P
   filament replacement leds
238-501-98_1309 MARL-238-501-98_1309 Datasheet
206Kb / 4P
   filament replacement leds
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com