Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

258-501-64 Datasheet(PDF) 2 Page - Marl International Limited

Part # 258-501-64
Description  FILAMENT REPLACEMENT LEDs - T6.8SB
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

258-501-64 Datasheet(HTML) 2 Page - Marl International Limited

  258-501-64 Datasheet HTML 1Page - Marl International Limited 258-501-64 Datasheet HTML 2Page - Marl International Limited 258-501-64 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
258 Series
BS EN ISO 9001:2000
Approved Manufacturer
SAMPLES AVAILABLE
© MARL INTERNATIONAL LTD 2006 : DS 096/06 Issue 1
Page 2 of 3
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
Dimensions in mm (Typical)
Not to scale
Colour dot on product denotes LED colour
TECHNICAL INFORMATION
Lamp Base Style
Series
Metric Equivalent (mm)
Maximum Power Dissipation (mW)
Telephone Slide Base T6.8
258
-
625
DESIGN CONSIDERATIONS
Single-Chip LEDs
All devices feature water clear high intensity LEDs as standard. The single chip LED devices have been modified by the removal of the domed
portion of the encapsulation (flat-topped) to provide even illumination of switches and annunciators. Non flat topped versions are also available,
please contact the sales department for details.
Product Evaluation
Filament Replacement LEDs have been specifically designed to meet the primary objective of providing improved reliability. As this product range
is suitable for both new-build and retro-fit, (sometimes in very old systems), a wide range of illuminated push button switches and lamp holders
can be encountered. Due to subjectivity, evaluation of the LED type is recommended, (samples of all standard models are available). care should
be taken to correctly simulate operating ambient light conditions to ensure that the correct device has been selected to maximise viewing
characteristics such as viewing angle, colour compatibility and on/off contrast ratio.
Electro-static Discharge (ESD)
Build up of electrostatic discharge occurs in many situations involving people moving and handling products. The range of possible situations is
very diverse but voltage levels as high as several thousand volts can and do arise in many individual situations. When an operator charged up to
these levels handles a ‘static sensitive device’, there is a very probable likelihood that the device will be irreversibly damaged. It is essential that
precautions are taken at all stages during manufacture and assembly of these products. Although LEDs were never considered to be static
sensitive devices, changes in manufacturing technology and materials used to produce higher intensity products over a large range of the
wavelength spectrum have changed this. Marl has an approved system of ESD control from goods in, through production and into final packing
and despatch. We recommend all users of LED based products follow the guidelines of BS 100015.
Power derating
The forward voltage/current value of an LED is dependant upon the ambient temperature of the environment in which it is operated. Therefore,
care must be taken to operate the LED at the correct voltage/current values, depending upon the ambient temperature. Consequently, a
recommendation regarding operating voltages and currents is given in order to address these temperature effects. This recommendation is
termed ‘de-rating’.
It is usual for forward voltages and currents to be specified for ambient temperature of 25°C. However, because the values of these qualities vary
with temperature, Marl should be contacted if the device is to be operated at a temperature significantly higher than 25°C.
Marl accept no liability for any product that is operated higher than the stated voltage.
Note:
All luminous intensity figures refer to the unmodified discrete LED.


Similar Part No. - 258-501-64

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
258-501-64 MARL-258-501-64 Datasheet
266Kb / 5P
   Direct replacement for T6.8 Slide Base
258-501-64-38 MARL-258-501-64-38 Datasheet
266Kb / 5P
   Direct replacement for T6.8 Slide Base
258-501-64-38 MARL-258-501-64-38 Datasheet
204Kb / 4P
   filament replacement leds
258-501-64-38 MARL-258-501-64-38 Datasheet
204Kb / 4P
   Reduces stock and maintenance costs
258-501-64-3812 MARL-258-501-64-3812_15 Datasheet
204Kb / 4P
   Durable to shock and vibration
More results

Similar Description - 258-501-64

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
208-501-21-38 MARL-208-501-21-38 Datasheet
268Kb / 3P
   FILAMENT REPLACEMENT LEDs - T6.8SB
208-993-22-38 MARL-208-993-22-38 Datasheet
145Kb / 2P
   FILAMENT REPLACEMENT LEDs - T6.8SB
238-501-98 MARL-238-501-98 Datasheet
167Kb / 4P
   FILAMENT REPLACEMENT LEDs - T6.8SB Bi-Polar
238-993-93-38 MARL-238-993-93-38 Datasheet
121Kb / 2P
   FILAMENT REPLACEMENT LEDs - T6.8SB Bi-Polar
236-038-93_1307 MARL-236-038-93_1307 Datasheet
265Kb / 4P
   filament replacement leds
238-501-98_1309 MARL-238-501-98_1309 Datasheet
206Kb / 4P
   filament replacement leds
261-990-95-38_1311 MARL-261-990-95-38_1311 Datasheet
215Kb / 3P
   filament replacement leds
216-532-22-65_1310 MARL-216-532-22-65_1310 Datasheet
220Kb / 4P
   filament replacement leds
258-501-64-38_1312 MARL-258-501-64-38_1312 Datasheet
204Kb / 4P
   filament replacement leds
231-501-21_1309 MARL-231-501-21_1309 Datasheet
283Kb / 5P
   filament replacement leds
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com