Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER304 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # HER304
Description  HIGH EFFICIENCY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

HER304 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  HER304 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. HER304 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 12/04/2003
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, acompany
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
HER301 THRU HER308
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60 Hz
4
1
2
60
90
30
120
0
150
640 60
20
100
10
0
0.01
0.1
1
HER308
Tj=25 C
1.0
FORWARD VOLTAGE
VOLTS
0.6
0.2 0.4
0.8
HER301
TYPICAL
1.2 1.4 1.6
o
10
FORWARD CHARACTERISTICS
TYPICAL FORWARD CURRENT DERATING
AMBIENT TEMPERATURE, C
3.0
50
25
0
1.0
2.0
4.0
150
125
75 100
200
175
o
0.375" (9.5mm) LENGTH
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
0.01
0
0.1
1
20
40
60
80
Tj=25 C
o
140
100
120
10
100
TYPICAL REVERSE LEAKAGE
CHARACTERISTICS
Tj=150 C
o
Tj =100 C
o
+0.5A
-1.0A
-0.25A
REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50
NONINDUCTIVE
(+)
25Vdc
(appox)
(-)
NOTES:1. Rise Time=7ns max. Input Impedance=
1 megohm 22 pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
PULSE
GENERATOR
(NOTE 2)
OSCILLOSCOPE
(NOTE 1)
1
NON
INDUCTIVE
10
NONINDUCTIVE
DUT
SET TIME BASE FOR
50ns/cm
1cm
0
trr


Similar Part No. - HER304

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
HER304 MOSPEC-HER304 Datasheet
125Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(3.0A,50-400V)
logo
Formosa MS
HER304 FORMOSA-HER304 Datasheet
102Kb / 6P
   Axial Leaded High Effciency Rectifiers
logo
Shenzhen Ping Sheng Ele...
HER304 PFS-HER304 Datasheet
179Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Leshan Radio Company
HER304 LRC-HER304 Datasheet
64Kb / 2P
   3A High Efficiency Diodes
logo
First Silicon Co., Ltd
HER304 FS-HER304 Datasheet
573Kb / 2P
   High Efficiency Rectifiers Reverse Voltage 50V~1000 Volts , Forward Current 3.0 Ampers
More results

Similar Description - HER304

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
HER510T LUGUANG-HER510T Datasheet
208Kb / 2P
   High Efficiency Rectifiers
HER1010 LUGUANG-HER1010 Datasheet
209Kb / 2P
   High Efficiency Rectifiers
HER601 LUGUANG-HER601 Datasheet
290Kb / 2P
   High Efficiency Rectifiers
EG01Y LUGUANG-EG01Y Datasheet
174Kb / 2P
   High Efficiency Rectifiers
EGP50A LUGUANG-EGP50A Datasheet
215Kb / 2P
   High Efficiency Rectifiers
logo
Microdiode Electronics ...
1H2 CHENDA-1H2 Datasheet
74Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Leshan Radio Company
HER103 LRC-HER103_15 Datasheet
201Kb / 7P
   High Efficiency Rectifiers
HER208 LRC-HER208_15 Datasheet
153Kb / 7P
   High Efficiency Rectifiers
HER305 LRC-HER305_15 Datasheet
195Kb / 7P
   High Efficiency Rectifiers
logo
Shenzhen Luguang Electr...
ERB32-01 LUGUANG-ERB32-01 Datasheet
1Mb / 2P
   High Efficiency Rectifiers
logo
Diode Semiconductor Kor...
TVR1B DSK-TVR1B Datasheet
282Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com