Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

217-930-23-65 Datasheet(PDF) 3 Page - Marl International Limited

Part # 217-930-23-65
Description  FILAMENT REPLACEMENT LEDs - Multi-LED Cluster
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

217-930-23-65 Datasheet(HTML) 3 Page - Marl International Limited

  217-930-23-65 Datasheet HTML 1Page - Marl International Limited 217-930-23-65 Datasheet HTML 2Page - Marl International Limited 217-930-23-65 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DERATING INFORMATION
501, 521
532, 930
997
BS EN ISO 9001:2000
Approved Manufacturer
© MARL INTERNATIONAL LTD 2007 : DS 007/08 Issue 1
Page 3 of 3
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
ALSO AVAILABLE
PART NO.
COLOUR
VOLTAGE DC
(Vdc) Vopr
217-501-22-65 Red
24Vdc
217-501-22-76 Red
24Vdc
217-501-23-65 Red
28Vdc
217-501-24-65 Red
48Vdc
217-501-25-65 Red
110Vdc
217-501-25-92 Red
110Vdc
217-501-25-93 Red
110Vdc
217-501-75-55 Red
110Vac
217-501-75-57 Red
110Vac
217-501-75-65 Red
110Vac
217-501-75-90 Red
110Vac
217-501-76-55 Red
230Vac
217-501-76-56 Red
230Vac
217-501-76-57 Red
230Vac
217-501-76-62 Red
230Vac
217-501-76-63 Red
230Vac
217-501-76-65 Red
230Vac
217-501-76-89 Red
230Vac
217-509-76-65 Yellow
230Vac
217-521-22-65 Yellow
24Vdc
217-521-75-57 Yellow
110Vac
217-521-76-63 Yellow
230Vac
217-521-76-65 Yellow
230Vac
217-521-77-65 Yellow
125Vac
217-532-22-65 Green
24Vdc
217-532-22-76 Green
24Vdc
217-532-25-65 Green
110Vdc
217-532-75-57 Green
110Vac
UNITS
PART NO.
COLOUR
VOLTAGE DC
(Vdc) Vopr
217-532-75-65 Green
110Vac
217-532-76-55 Green
230Vac
217-532-76-57 Green
230Vac
217-532-76-65 Green
230Vac
217-551-76-95 Red
230Vac
217-551-76-96 Red
230Vac
217-751-76-55 Red
230Vac
217-904-76-95 Red
230Vac
217-904-76-96 Red
230Vac
217-904-86-50 Red
115Vac
217-904-86-51 Red
115Vac
217-905-76-95 Orange
230Vac
217-905-76-96 Orange
230Vac
217-907-76-95 Green
230Vac
217-907-76-96 Green
230Vac
217-925-76-95 Yellow
230Vac
217-925-76-96 Yellow
230Vac
217-930-22-65 Blue
24Vdc
217-930-23-65 Blue
28Vdc
217-930-76-55 Blue
230Vac
217-930-76-57 Blue
230Vac
217-930-76-65 Blue
230Vac
217-940-76-55 IR
230Vac
217-940-76-57 IR
230Vac
217-940-76-65 IR
230Vac
217-940-76-95 IR
230Vac
217-940-76-96 IR
230Vac
217-945-76-55 IR
230Vac
UNITS
PART NO.
COLOUR
VOLTAGE DC
(Vdc) Vopr
217-945-76-65 IR
230Vac
217-945-76-83 IR
230Vac
217-971-76-65 Green
230Vac
217-993-75-65 Warm white 110Vac
217-993-76-62 Warm white 230Vac
217-993-76-63 Warm white 230Vac
217-993-76-65 Warm white 230Vac
217-997-22-65 White
24Vdc
217-997-23-65 White
28Vdc
217-997-25-65 White
110Vdc
217-997-25-87 White
110Vdc
217-997-75-63 White
110Vac
217-997-75-65 White
110Vac
217-997-75-68 White
110Vac
217-997-76-55 White
230Vac
217-997-76-57 White
230Vac
217-997-76-62 White
230Vac
217-997-76-63 White
230Vac
217-997-76-65 White
230Vac
217-997-76-68 White
230Vac
217-997-77-65 White
125Vac
UNITS
The products listed above illustrate all
of the options available to order. These
products may have custom
modifications that alter their operation
beyond the generic information
contained within this datasheet. Please
contact sales for further information.
Part numbers also available in the 217 Series:


Similar Part No. - 217-930-23-65

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
217-930-23-65 MARL-217-930-23-65 Datasheet
284Kb / 5P
   Direct replacement for E27 (European Standard)
More results

Similar Description - 217-930-23-65

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
217-501-76-62 MARL-217-501-76-62 Datasheet
140Kb / 2P
   FILAMENT REPLACEMENT LEDs - Multi-LED Cluster
246-532-93-50 MARL-246-532-93-50 Datasheet
185Kb / 2P
   FILAMENT REPLACEMENT LEDs - Multi-LED Cluster
216-501-22-65 MARL-216-501-22-65 Datasheet
211Kb / 2P
   FILAMENT REPLACEMENT LEDs - Multi-LED Cluster
218-501-22-65 MARL-218-501-22-65 Datasheet
253Kb / 3P
   FILAMENT REPLACEMENT LEDs - Multi-LED Cluster
246-501-87-38 MARL-246-501-87-38 Datasheet
153Kb / 2P
   FILAMENT REPLACEMENT LEDs - Multi-LED Cluster
246-501-93-38 MARL-246-501-93-38 Datasheet
175Kb / 2P
   FILAMENT REPLACEMENT LEDs - Multi-LED Cluster
234-501-22 MARL-234-501-22 Datasheet
246Kb / 1P
   FILAMENT REPLACEMENT LEDs - MULTI-LED CLUSTER
231-501-21 MARL-231-501-21 Datasheet
262Kb / 3P
   FILAMENT REPLACEMENT LEDs - Multi-LED Cluster
225-501-21 MARL-225-501-21 Datasheet
259Kb / 3P
   FILAMENT REPLACEMENT LEDs - Multi-LED Cluster
245-501-93-38 MARL-245-501-93-38 Datasheet
190Kb / 3P
   FILAMENT REPLACEMENT LEDs - Multi-LED Cluster
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com