Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5406K Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # 1N5406K
Description  SILICON RECTIFIERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

1N5406K Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  1N5406K Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dated : 08/05/2004
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, acompany
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
1N5400K THRU 1N5408K
SILICON RECTIFIERS
Reverse Voltage – 50 to 1000 Volts
Forward Current – 3.0 Amperes
Features
Case: Molded plastic, DO-15.
Weight: 0.4g.
Absolute Maximum Ratings and Characteristics
Symbols
1N
5400K
1N
5401K
1N
5402K
1N
5403K
1N
5404K
1N
5405K
1N
5406K
1N
5407K
1N
5408K
Units
Maximum repetitive peak reverse voltage
VRRM
50
100
200
300
400
500
600
800
1000
Volts
Maximum RMS voltage
VRMS
50
100
200
300
400
500
600
800
1000
Volts
Maximum DC blocking voltage
VDC
50
100
200
300
400
500
600
800
1000
Volts
Maximum average forward rectified current R-load
TA = 50
OC
IFAV
3
A
Repetitive peak forward current
f>15Hz
IFRM
20
A
Peak forward surge current 50Hz half sine-wave
TA = 25
OC
IFSM
100
A
Maximum forward voltage
at IF=3A, Tj = 25
OC
VF
1.2
V
Maximum Leakage current
at VR=VRRM, Tj = 25
OC
IR
10
µA
Rating for fusing
t<10ms TA = 25
OC
i
2t
50
A
2s
Maximum full load reverse current full cycle
average 5”(12.5mm) lead length at TL= 105
OC
IR(av)
0.5
µA
Maximum thermal resistance junction to ambient air
RthA
45
K/W
Operating and storage temperature range
TJ ,TS
-50 to +175
OC
DO-15


Similar Part No. - 1N5406K

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
1N5406K DIOTEC-1N5406K Datasheet
262Kb / 2P
   Silicon Rectifiers
logo
Semikron International
1N5406K SEMIKRON-1N5406K Datasheet
131Kb / 2P
   Standard silicon rectifier diodes
logo
Diotec Semiconductor
1N5406K DIOTEC-1N5406K Datasheet
100Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
1N5406K DIOTEC-1N5406K Datasheet
96Kb / 2P
   Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
1N5406K DIOTEC-1N5406K Datasheet
91Kb / 2P
   Standard Recovery Rectifier Diodes
More results

Similar Description - 1N5406K

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BYW27-50 EIC-BYW27-50 Datasheet
15Kb / 2P
   SILICON RECTIFIERS
logo
Yangzhou yangjie electr...
30A YANGJIE-30A Datasheet
263Kb / 2P
   SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
1N5400 TSC-1N5400_14 Datasheet
181Kb / 4P
   Silicon Rectifiers
logo
Guangdong Juxing Electr...
RL201 JUXING-RL201 Datasheet
3Mb / 2P
   SILICON RECTIFIERS
logo
New Jersey Semi-Conduct...
N3260-73 NJSEMI-N3260-73 Datasheet
64Kb / 1P
   Silicon Rectifiers
1N3260 NJSEMI-1N3260 Datasheet
171Kb / 1P
   Silicon Rectifiers
logo
Taiwan Semiconductor Co...
1N5391 TSC-1N5391_14 Datasheet
198Kb / 4P
   Silicon Rectifiers
logo
Guangdong Juxing Electr...
6A05 JUXING-6A05 Datasheet
417Kb / 2P
   SILICON RECTIFIERS
logo
Guangdong Kexin Industr...
KLL4001 KEXIN-KLL4001 Datasheet
32Kb / 1P
   Silicon Rectifiers
logo
Diotec Semiconductor
1N5391 DIOTEC-1N5391 Datasheet
177Kb / 2P
   Silicon Rectifiers
BY251 DIOTEC-BY251 Datasheet
188Kb / 2P
   Silicon Rectifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com