Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS2J Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # RS2J
Description  SURFACE MOUNT FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

RS2J Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  RS2J Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. RS2J Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 29/03/2004
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, acompany
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
RS2A THRU RS2M
SURFACE MOUNT FAST RECOVERY RECTIFIERS
Reverse Voltage – 50 to 1000 Volts
Forward Current – 2.0 Amperes
Features
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Fast switching for high efficiency
Built-in strain relief, ideal for automated placement
Low reverse leakage
High forward surge current capability
For surface mounted applications
High temperature soldering guaranteed:250℃/10 seconds
at terminals.
Mechanical Data
Case: Molded plastic body, JEDEC DO-214AA
Terminals: Solder plated, solderable per MIL-STD-750,
method 2026
Polarity: Color band denotes cathode end.
Mounting Position: Any
Absolute Maximum Ratings and Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified. Single phase, half-wave 60Hz , resistive or inductive load.
For capacitive load current derate by 20%.
Symbols
RS
2A
RS
2B
RS
2D
RS
2G
RS
2J
RS
2K
RS
2M
Units
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current
at TL = 90
OC
I(AV)
2
A
Peak forward surge current
8.3ms single half sine-wave superimposed
on rated load (JEDEC method)
IFSM
50
A
Maximum instantaneous forward voltage at 2A
VF
1.3
V
Maximum DC reverse current
TA = 25
OC
at rated DC blocking voltage
TA = 100
OC
IR
5
50
µA
Maximum reverse recovery time (Note 1)
trr
150
250
500
ns
Typical junction capacitance (Note 2)
CJ
50
pF
Typical thermal resistance (Note 3)
RΘJA
20
OC/W
Operating junction temperature range
TJ
-65 to +150
OC
storage temperature range
TS
-65 to +150
OC
Notes: 1. Reverse recovery condition IF=0.5A, IR = 1A, Irr = 0.25A.
2. Measured at 1MHZ and applied reverse voltage of 4V DC.
3. P.C.B, mounted with 0.2×0.2” (5.0×5.0mm) copper pad areas.


Similar Part No. - RS2J

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
RS2J CHONGQING-RS2J Datasheet
178Kb / 1P
   2.0AMPS. FAST RECOVERY SURFACE MOUNT RECTIFIERS
logo
Shanghai Sunrise Electr...
RS2J SSE-RS2J Datasheet
19Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Shanghai Yint Electroni...
RS2J YINT-RS2J Datasheet
488Kb / 3P
   Surface Mount Fast Recovery Rectifiers
logo
Diotech Company.
RS2J DIOTECH-RS2J Datasheet
672Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
UN Semiconducctor INC
RS2J UNSEMI-RS2J Datasheet
2Mb / 4P
   Surface Mount Fast Recovery Rectifiers
Revision March 1,2022
More results

Similar Description - RS2J

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SR3A EIC-SR3A Datasheet
47Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
SRR0 EIC-SRR0 Datasheet
48Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Silicon Standard Corp.
GR3K SSC-GR3K Datasheet
271Kb / 3P
   FAST RECOVERY SURFACE MOUNT RECTIFIERS
logo
Compact Technology Corp...
FS1A CTC-FS1A Datasheet
173Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
SR3A EIC-SR3A_05 Datasheet
55Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
RS1A SEMTECH_ELEC-RS1A Datasheet
168Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Weitron Technology
RS3A WEITRON-RS3A Datasheet
84Kb / 3P
   Surface Mount Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
RS1AL TSC-RS1AL_14 Datasheet
378Kb / 4P
   Surface Mount Fast Recovery Rectifiers
logo
Shenzhen Taychipst Elec...
FR3A TAYCHIPST-FR3A Datasheet
1Mb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Shenzhen Luguang Electr...
DFR05A LUGUANG-DFR05A Datasheet
175Kb / 2P
   Surface Mount Fast Recovery Rectifiers
logo
SHENZHEN YONGERJIA INDU...
FR101W WINNERJOIN-FR101W Datasheet
289Kb / 3P
   Surface Mount Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com