Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

218-532-25-65 Datasheet(PDF) 3 Page - Marl International Limited

Part # 218-532-25-65
Description  FILAMENT REPLACEMENT LEDs - Multi-LED Cluster
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

218-532-25-65 Datasheet(HTML) 3 Page - Marl International Limited

  218-532-25-65 Datasheet HTML 1Page - Marl International Limited 218-532-25-65 Datasheet HTML 2Page - Marl International Limited 218-532-25-65 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BS EN ISO 9001:2000
Approved Manufacturer
© MARL INTERNATIONAL LTD 2008 : DS 008/08 Issue 1
Page 3 of 3
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
DERATING INFORMATION
501, 521
532, 930
997
ALSO AVAILABLE
PART NO.
COLOUR
VOLTAGE DC
(Vdc) Vopr
218-501-22-59 Red
24Vdc
218-501-22-65 Red
24Vdc
218-501-23-65 Red
28Vdc
218-501-25-65 Red
110Vdc
218-501-75-65 Red
110Vac
218-501-77-64 Red
125Vac
218-501-86-65 Red
115Vac
218-521-22-65 Yellow
24Vdc
218-521-23-65 Yellow
28Vdc
218-521-25-65 Yellow
110Vdc
218-521-86-65 Yellow
115Vac
218-532-22-65 Green
24Vdc
218-532-23-65 Green
28Vdc
218-532-25-65 Green
110Vdc
218-532-75-65 Green
110Vac
218-532-85-65 Green
110Vac
218-751-86-66 Orange
115Vac
218-751-86-67 Orange
115Vac
218-751-86-72 Orange
115Vac
218-751-86-73 Orange
115Vac
218-752-86-72 Orange
115Vac
218-752-86-73 Orange
115Vac
218-752-86-73 Orange
115Vac
218-904-85-58 Red
110Vac
218-904-85-63 Red
110Vac
218-904-86-50 Red
115Vac
218-904-86-51 Red
115Vac
218-904-86-52 Red
115Vac
218-904-86-85 Red
115Vac
UNITS
PART NO.
COLOUR
VOLTAGE DC
(Vdc) Vopr
218-905-86-50 Orange
115Vac
218-905-86-51 Orange
115Vac
218-906-85-51 Yellow
110Vac
218-906-86-50 Yellow
115Vac
218-906-86-51 Yellow
115Vac
218-906-86-52 Yellow
115Vac
218-906-86-85 Yellow
115Vac
218-907-86-50 Green
115Vac
218-907-86-51 Green
115Vac
218-925-76-95 Yellow
230Vac
218-925-76-96 Yellow
230Vac
218-925-86-50 Yellow
115Vac
218-925-86-51 Yellow
115Vac
218-925-86-52 Yellow
115Vac
218-930-22-65 Blue
24Vdc
218-930-23-65 Blue
28Vdc
218-930-25-65 Blue
110Vdc
218-940-86-50 IR
115Vac
218-940-86-51 IR
115Vac
218-940-86-52 IR
115Vac
218-940-86-54 IR
115Vac
218-960-22-76 IR
24Vdc
218-997-22-65 White
24Vdc
218-997-23-65 White
28Vdc
218-997-25-65 White
110Vdc
218-997-75-65 White
110Vac
218-997-85-65 White
110Vac
218-997-86-65 White
115Vac
UNITS
The products listed above illustrate all
of the options available to order. These
products may have custom
modifications that alter their operation
beyond the generic information
contained within this datasheet. Please
contact sales for further information.
Part numbers also available in the 218 Series:


Similar Part No. - 218-532-25-65

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
218-532-23-65 MARL-218-532-23-65 Datasheet
231Kb / 4P
   Direct replacement for E26 (North American Standard)
More results

Similar Description - 218-532-25-65

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
217-501-76-62 MARL-217-501-76-62 Datasheet
140Kb / 2P
   FILAMENT REPLACEMENT LEDs - Multi-LED Cluster
246-532-93-50 MARL-246-532-93-50 Datasheet
185Kb / 2P
   FILAMENT REPLACEMENT LEDs - Multi-LED Cluster
216-501-22-65 MARL-216-501-22-65 Datasheet
211Kb / 2P
   FILAMENT REPLACEMENT LEDs - Multi-LED Cluster
246-501-87-38 MARL-246-501-87-38 Datasheet
153Kb / 2P
   FILAMENT REPLACEMENT LEDs - Multi-LED Cluster
246-501-93-38 MARL-246-501-93-38 Datasheet
175Kb / 2P
   FILAMENT REPLACEMENT LEDs - Multi-LED Cluster
217-501-22-65 MARL-217-501-22-65 Datasheet
260Kb / 3P
   FILAMENT REPLACEMENT LEDs - Multi-LED Cluster
234-501-22 MARL-234-501-22 Datasheet
246Kb / 1P
   FILAMENT REPLACEMENT LEDs - MULTI-LED CLUSTER
231-501-21 MARL-231-501-21 Datasheet
262Kb / 3P
   FILAMENT REPLACEMENT LEDs - Multi-LED Cluster
225-501-21 MARL-225-501-21 Datasheet
259Kb / 3P
   FILAMENT REPLACEMENT LEDs - Multi-LED Cluster
245-501-93-38 MARL-245-501-93-38 Datasheet
190Kb / 3P
   FILAMENT REPLACEMENT LEDs - Multi-LED Cluster
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com