Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

235-038-98 Datasheet(PDF) 1 Page - Marl International Limited

Part # 235-038-98
Description  FILAMENT REPLACEMENT LEDs - T1쩐 MG S5.7s
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

235-038-98 Datasheet(HTML) 1 Page - Marl International Limited

  235-038-98 Datasheet HTML 1Page - Marl International Limited 235-038-98 Datasheet HTML 2Page - Marl International Limited 235-038-98 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Direct replacement for T1¾ MG S5.7s
Bi-Polar termination
High intensity, single-chip LED technology
Voltage ranges suit both AC and DC operation
FILAMENT REPLACEMENT LEDs - T1¾ MG S5.7s
Ordering Information & Typical Technical Characteristics (Ta = 25°C)
Mean Time Between Failure = 100,000 Hours. Luminous intensity figures refer to the unmodified discrete LED.
FEATURES
SPECIFICATIONS
235 SERIES
PACK QUANTITY = 20 PIECES
SAMPLES AVAILABLE
© MARL INTERNATIONAL LTD 2007 : DS 090/06 Issue 2
Page 1 of 3
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
PART NUMBER
COLOUR
LENS
VOLTAGE
CURRENT
LUMINOUS
WAVE
OPERATING
STORAGE
AC/DC
DC
INTENSITY
LENGTH
TEMP
TEMP
Vopr
lopr
lv@20mA
λ
p
Topr
Tstg
235-042-98
Red
Water Clear
24
10
94
645
-55 ~ +100^ -55 ~ +100
Yes
235-043-98
Yellow
Water Clear
24
10
150
591
-55 ~ +100^ -55 ~ +100
Yes
235-044-98
Green
Water Clear
24
10
460
520
-20 ~ +85^
-30 ~ +100
Yes
235-045-98
Blue
Water Clear
24
10
104
470
-30 ~ +85^
-40 ~ +100
Yes
235-046-98
Cold White
Water Clear
24
10
370
*see below
-30 ~ +85^
-40 ~ +100
Yes
235-038-98
Warm White
Water Clear
24
10
740
**see below -30 ~ +85^
-40 ~ +100
Yes
235-042-93
Red
Water Clear
28
8
94
645
-55 ~ +100^ -55 ~ +100
Yes
235-043-93
Yellow
Water Clear
28
8
150
591
-55 ~ +100^ -55 ~ +100
Yes
235-044-93
Green
Water Clear
28
8
460
520
-20 ~ +85^
-30 ~ +100
Yes
235-045-93
Blue
Water Clear
28
8
104
470
-30 ~ +85^
-40 ~ +100
Yes
235-046-93
Cold White
Water Clear
28
8
370
*see below
-30 ~ +85^
-40 ~ +100
Yes
235-038-93
Warm White
Water Clear
28
8
740
**see below -30 ~ +85^
-40 ~ +100
Yes
UNITS
Vac/dc
mA
mcd
nm
0
C
0
C
HIGH INTENSITY
046
*Typical emission colour cool white
x
0.296 0.283
0.330 0.330
y
0.276 0.305
0.360 0.318
038
**Typical emission colour warm white
x
0.3545 0.3610 0.4970 0.4580
y
0.3408 0.3850 0.4466 0.3838
Intensities (lv) and colour shades of white (x,y co-ordinates) may vary between LEDs within a batch.
^ = Products must be derated according to the derating information. Each derating graph refers to specific LEDs.
Appropriate LED numbers shown. - Refer to page 3.


Similar Part No. - 235-038-98

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
235-038-98 MARL-235-038-98 Datasheet
193Kb / 4P
   Direct replacement for T1 쩐 Midget Groove S5.7s
235-038-98 MARL-235-038-98 Datasheet
254Kb / 4P
   filament replacement leds
235-038-98 MARL-235-038-98 Datasheet
254Kb / 4P
   Voltage ranges to suit both AC and DC operation
More results

Similar Description - 235-038-98

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
204-501-21-38 MARL-204-501-21-38 Datasheet
260Kb / 3P
   FILAMENT REPLACEMENT LEDs - T1쩐
206-501-21-38 MARL-206-501-21-38 Datasheet
258Kb / 3P
   FILAMENT REPLACEMENT LEDs - T1쩐
204-993-59-38 MARL-204-993-59-38 Datasheet
127Kb / 2P
   FILAMENT REPLACEMENT LEDs - T1쩐
205-501-21-38 MARL-205-501-21-38 Datasheet
260Kb / 3P
   FILAMENT REPLACEMENT LEDs - T1쩐
212-501-21-38 MARL-212-501-21-38 Datasheet
305Kb / 3P
   FILAMENT REPLACEMENT LEDs - T1쩐
236-042-98 MARL-236-042-98 Datasheet
268Kb / 3P
   FILAMENT REPLACEMENT LEDs - T1쩐 MF SX6s
236-038-93_1307 MARL-236-038-93_1307 Datasheet
265Kb / 4P
   filament replacement leds
238-501-98_1309 MARL-238-501-98_1309 Datasheet
206Kb / 4P
   filament replacement leds
261-990-95-38_1311 MARL-261-990-95-38_1311 Datasheet
215Kb / 3P
   filament replacement leds
216-532-22-65_1310 MARL-216-532-22-65_1310 Datasheet
220Kb / 4P
   filament replacement leds
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com