Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV74PW Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74LV74PW
Description  DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV74PW Datasheet(HTML) 4 Page - Texas Instruments

  SN74LV74PW Datasheet HTML 1Page - Texas Instruments SN74LV74PW Datasheet HTML 2Page - Texas Instruments SN74LV74PW Datasheet HTML 3Page - Texas Instruments SN74LV74PW Datasheet HTML 4Page - Texas Instruments SN74LV74PW Datasheet HTML 5Page - Texas Instruments SN74LV74PW Datasheet HTML 6Page - Texas Instruments SN74LV74PW Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SN54LV74, SN74LV74
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SCLS189C – FEBRUARY 1993 – REVISED APRIL 1996
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
V
SN54LV74
SN74LV74
UNIT
PARAMETER
TEST CONDITIONS
VCC†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
IOH = –100 µA
MIN to MAX
VCC – 0.2
VCC – 0.2
VOH
IOH = –6 mA
3 V
2.4
2.4
V
IOH = –12 mA
4.5 V
3.6
3.6
IOL = 100 µA
MIN to MAX
0.2
0.2
VOL
IOL = 6 mA
3 V
0.4
0.4
V
IOL = 12 mA
4.5 V
0.55
0.55
II
VI =VCC or GND
3.6 V
±1
±1
µA
II
VI = VCC or GND
5.5 V
±1
±1
µA
ICC
VI =VCC or GND
IO =0
3.6 V
20
20
µA
ICC
VI = VCC or GND
IO = 0
5.5 V
20
20
µA
nICC
One input at
VCC – 0.6 V
Other inputs at
VCC or GND
3 V to 3.6 V
500
500
µA
Ci
VI =VCC or GND
3.3 V
2.5
2.5
pF
Ci
VI = VCC or GND
5 V
3
3
pF
† For conditions shown as MIN or MAX, use the appropriate values under recommended operating conditions.
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
SN54LV74
VCC = 5 V
± 0.5 V
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
0
70
0
60
0
50
ns
t
Pulse duration LE high
PRE or CLR low
15
20
25
ns
tw
Pulse duration, LE high
CLK high or low
15
20
25
ns
t
Setup time data before CLK
Data
6
8
12
ns
tsu
Setup time, data before CLK
PRE or CLR inactive
5
6
8
ns
th
Hold time, data after CLK
3
3
3
ns
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
SN74LV74
VCC = 5 V
± 0.5 V
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
0
70
0
60
0
50
ns
t
Pulse duration LE high
PRE or CLR low
15
20
25
ns
tw
Pulse duration, LE high
CLK high or low
15
20
25
ns
t
Setup time data before CLK
Data
6
8
12
ns
tsu
Setup time, data before CLK
PRE or CLR inactive
5
6
8
ns
th
Hold time, data after CLK
3
3
3
ns
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74LV74PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV74PWLE TI1-SN74LV74PWLE Datasheet
148Kb / 8P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN74LV74PWR TI1-SN74LV74PWR Datasheet
148Kb / 8P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
More results

Similar Description - SN74LV74PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV74A TI-SN54LV74A Datasheet
444Kb / 16P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Potato Semiconductor Co...
PO74G74A POTATO-PO74G74A_14 Datasheet
1Mb / 6P
   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Texas Instruments
SN54LV74 TI1-SN54LV74_10 Datasheet
148Kb / 8P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54AC74 TI1-SN54AC74_15 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54HC74 TI1-SN54HC74_15 Datasheet
164Kb / 15P
[Old version datasheet]   Dual D-Type Positive-Edge-Triggered Flip-Flops
SN74LV74A-EP TI1-SN74LV74A-EP Datasheet
506Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54LV74A TI1-SN54LV74A_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Positive-Edge-Triggered D-Type Flip-Flops
CD54AC74 TI1-CD54AC74_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
CD54ACT74 TI1-CD54ACT74_14 Datasheet
887Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
National Semiconductor ...
DM54L74 NSC-DM54L74 Datasheet
88Kb / 4P
   Dual Positive-Edge-Triggered D Flip-Flops
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com