Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UB25NKG036G Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # UB25NKG036G
Description  Low Profile Pushbuttons
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

UB25NKG036G Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  UB25NKG036G Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. UB25NKG036G Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. UB25NKG036G Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. UB25NKG036G Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. UB25NKG036G Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. UB25NKG036G Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. UB25NKG036G Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. UB25NKG036G Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. UB25NKG036G Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Low Profile Pushbuttons
Series UB
Bright
Super Bright
Color
Red
Amber
Green
White
Green
Blue
Unit
Forward Peak Current
I
FM
30
30
25
25
25
25
mA
Continuous Forward Current
I
F
20
20
20
20
20
20
mA
Forward Voltage
V
F
1.85
2.0
2.1
3.8
3.8
3.8
V
Reverse Peak Voltage
V
RM
5
5
5
5
5
5
V
Current Reduction Rate Above 25°C
∆I
F
0.40
0.42
0.46
0.47
0.47
0.47
mA/°C
Ambient Temperature Range
–25° ~ +50°C
–25° ~ +50°C
CAP TYPES & COLOR COMBINATIONS
LED COLORS & SPECIFICATIONS
5C
5D
5F
The electrical specifications shown are determined at a basic temperature of 25°C.
LED circuit is isolated and requires external power source. Polarity marks are on the bottom of the switch.
If the source voltage exceeds the rated voltage, a ballast resistor is required.
The resistor value can be calculated by using the formula in the Supplement section.
The LED is an integral part of the switch and not available separately.
CB
Full Face Illuminated Cap for Bright LED
Lens/Diffuser
Colors Available for Square Cap:
Lens/Diffuser
Colors Available for Rectangular Cap:
CC
CJ
DB
AT4074
Lens
AT4117
Lens
AT4075
Diffuser
AT4118
Diffuser
AB Black Cap with Translucent
White Window for LED Display
Material: Polycarbonate
Finish: Matte
AT4119 Square
for Bright and
Super Bright LED
6F
6G
Super Bright LEDs are
Electrostatic Sensitive
Lens & Diffuser Material: Polycarbonate
Lens Finish: Glossy
Diffuser Finish: Textured
DD
DJ
FB
FF
FJ
JB
JC
JD
JF
JJ
CB
CC
DB
DD
FB
FF
JB
JC
JD
JF
Full Face Illuminated Cap for Super Bright LED
Color Codes:
A Black
B White
C Red
D Amber
F Green
J Clear
JB
Lens/Diffuser
Colors Available for Square Cap:
AT4074 Lens & AT4075 Diffuser
(Dimensioned above)
Rectangular lens & diffuser are not
available for combining with super
bright LED.
Spot Illuminated Caps
Lens & Diffuser Material: Polycarbonate
Lens Finish: Glossy
Diffuser Finish: Textured
Attention
Electrostatic
Sensitive Devices
(+)
(-)
(3.0)
.118
(12.0) Sq
.472
(0.5)
.020
(10.35) Sq
.407
(12.0)
.472
(17.0)
.669
(3.0)
.118
(15.35)
.604
(10.35)
.407
(0.5)
.020
(1.9)
.075
(3.1)
.122
(3.0)
.118
(17.0)
.669
(12.0)
.472
(5.0)
.197
(12.0) Sq
.472
(3.0)
.118
(3.1)
.122
(1.9)
.075
(5.0)
.197
6B
AT4120 Rectangular
for Bright LED


Similar Part No. - UB25NKG036G

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
UB25NKG035C-CB NKK-UB25NKG035C-CB Datasheet
349Kb / 10P
   Low Profile Pushbuttons
UB25NKG03N-A NKK-UB25NKG03N-A Datasheet
341Kb / 8P
   Distinctive Characteristics
UB25NKG03N-B NKK-UB25NKG03N-B Datasheet
341Kb / 8P
   Distinctive Characteristics
UB25NKG03N-C NKK-UB25NKG03N-C Datasheet
341Kb / 8P
   Distinctive Characteristics
UB25NKG03N-E NKK-UB25NKG03N-E Datasheet
341Kb / 8P
   Distinctive Characteristics
More results

Similar Description - UB25NKG036G

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
UB215SKW01N-4JA NKK-UB215SKW01N-4JA Datasheet
271Kb / 7P
   Low Profile Pushbuttons
logo
GREATECS
UB15SKG035C-CB GREATECS-UB15SKG035C-CB Datasheet
291Kb / 6P
   Low Profile Pushbuttons
logo
Nihon Kaiheiki Industry...
UB15SKG035C-CC NKK-UB15SKG035C-CC Datasheet
960Kb / 10P
   Low Profile Pushbuttons
UB15SKW015C-CB NKK-UB15SKW015C-CB Datasheet
349Kb / 10P
   Low Profile Pushbuttons
UB215SKW015C-1JB NKK-UB215SKW015C-1JB Datasheet
404Kb / 12P
   Low Profile Pushbuttons
SB221NO NKK-SB221NO Datasheet
115Kb / 3P
   Low/Medium Capacity Pushbuttons
logo
List of Unclassifed Man...
SB25B ETC2-SB25B Datasheet
115Kb / 3P
   Low/Medium Capacity Pushbuttons
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com