Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5344B Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # 1N5344B
Description  5 W SILICON ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

1N5344B Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  1N5344B Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 1N5344B Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 1N5344B Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dated : 19/07/2008 E
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
1N5335B THRU 1N5388B
Electrical Characteristics (Rating at 25 OC ambient temperature unless otherwise specified)
Zener Voltage
1)
Maximum Zener Impedance
Maximum Reverse
Leakage Current
Maximum DC
Zener Current
VZnom
VZ (V)
at IZT
ZZT
at IZT
ZZK
at IZK
IR
at VR
IZM
Type
V
Min.
Max.
mA
mA
mA
µA
V
mA
1N5342B
6.8
6.46
7.14
175
1
175
200
1
10
5.2
700
1N5343B
7.5
7.13
7.87
175
1.5
175
200
1
10
5.7
630
1N5344B
8.2
7.79
8.61
150
1.5
150
200
1
10
6.2
580
1N5345B
8.7
8.27
9.13
150
2
150
200
1
10
6.6
545
1N5346B
9.1
8.65
9.55
150
2
150
150
1
7.5
6.9
520
1N5347B
10
9.5
10.5
125
2
125
125
1
5
7.6
475
1N5348B
11
10.45
11.55
125
2.5
125
125
1
5
8.4
430
1N5349B
12
11.4
12.6
100
2.5
100
125
1
2
9.1
395
1N5350B
13
12.35
13.65
100
2.5
100
100
1
1
9.9
365
1N5351B
14
13.3
14.7
100
2.5
100
75
1
1
10.6
340
1N5352B
15
14.25
15.75
75
2.5
75
75
1
1
11.5
315
1N5353B
16
15.2
16.8
75
2.5
75
75
1
1
12.2
295
1N5354B
17
16.15
17.85
70
2.5
70
75
1
0.5
12.9
280
1N5355B
18
17.1
18.9
65
2.5
65
75
1
0.5
13.7
265
1N5356B
19
18.05
19.95
65
3
65
75
1
0.5
14.4
250
1N5357B
20
19
21
65
3
65
75
1
0.5
15.2
237
1N5358B
22
20.9
23.1
50
3.5
50
75
1
0.5
16.7
216
1N5359B
24
22.8
25.2
50
3.5
50
100
1
0.5
18.2
198
1N5360B
25
23.75
26.25
50
4
50
110
1
0.5
19
190
1N5361B
27
25.65
28.35
50
5
50
120
1
0.5
20.6
176
1N5362B
28
26.6
29.4
50
6
50
130
1
0.5
21.2
170
1N5363B
30
28.5
31.5
40
8
40
140
1
0.5
22.8
158
1N5364B
33
31.35
34.65
40
10
40
150
1
0.5
25.1
144
1N5365B
36
34.2
37.8
30
11
30
160
1
0.5
27.4
132
1N5366B
39
37.05
40.95
30
14
30
170
1
0.5
29.7
122
1N5367B
43
40.85
45.15
30
20
30
190
1
0.5
32.7
110
1N5368B
47
44.65
49.35
25
25
25
210
1
0.5
35.8
100
1N5369B
51
48.45
53.55
25
27
25
230
1
0.5
38.8
93
1N5370B
56
53.2
58.8
20
35
20
280
1
0.5
42.6
86
1N5371B
60
57
63
20
40
20
350
1
0.5
45.5
79
1N5372B
62
58.9
65.1
20
42
20
400
1
0.5
47.1
76
1N5373B
68
64.6
71.4
20
44
20
500
1
0.5
51.7
70
1N5374B
75
71.25
78.75
20
45
20
620
1
0.5
56
63
1N5375B
82
77.9
86.1
15
65
15
720
1
0.5
62.2
58
1N5376B
87
82.65
91.35
15
75
15
760
1
0.5
66
54.5
1N5377B
91
86.45
95.55
15
75
15
760
1
0.5
69.2
52.5
1N5378B
100
95
105
12
90
12
800
1
0.5
76
47.5
1N5379B
110
104.5
115.5
12
125
12
1000
1
0.5
83.6
43
1N5380B
120
114
126
10
170
10
1150
1
0.5
91.2
39.5
1N5381B
130
123.5
136.5
10
190
10
1250
1
0.5
98.8
36.6
1N5382B
140
133
147
8
230
8
1500
1
0.5
106
34
1N5383B
150
142.5
157.5
8
330
8
1500
1
0.5
114
31.6
1N5384B
160
152
168
8
350
8
1650
1
0.5
122
29.4
1N5385B
170
161.5
178.5
8
380
8
1750
1
0.5
129
28
1N5386B
180
171
189
5
430
5
1750
1
0.5
137
26.4
1N5387B
190
180.5
199.5
5
450
5
1850
1
0.5
144
25
1N5388B
200
190
210
5
480
5
1850
1
0.5
152
23.6
1) Suffix "A" indicates ± 10% tolerance, Suffix "B" indicates ± 5% tolerance


Similar Part No. - 1N5344B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5344B MOTOROLA-1N5344B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
SUNMATE electronic Co.,...
1N5344B SUNMATE-1N5344B Datasheet
121Kb / 2P
   5Watts Axial Leaded Zener Diodes
logo
TAITRON Components Inco...
1N5344B TAITRON-1N5344B Datasheet
189Kb / 5P
   5.0W Zener Diodes
logo
Gaomi Xinghe Electronic...
1N5344B GXELECTRONICS-1N5344B Datasheet
209Kb / 3P
   5W ZENER DIODE
logo
Boca Semiconductor Corp...
1N5344B BOCA-1N5344B Datasheet
428Kb / 5P
   5 Watt Surmetic 40 Silicon Zener Diodes
More results

Similar Description - 1N5344B

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
SMB5342 SEMTECH_ELEC-SMB5342 Datasheet
162Kb / 2P
   5 W SURFACE MOUNT SILICON ZENER DIODES
logo
Micro Commercial Compon...
1EZ110D5 MCC-1EZ110D5_16 Datasheet
260Kb / 4P
   1.0 W Silicon Zener Diodes Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
1N5913B SEMTECH_ELEC-1N5913B Datasheet
225Kb / 3P
   3 W SILICON ZENER DIODES
logo
Microsemi Corporation
1N5342D MICROSEMI-1N5342D Datasheet
157Kb / 3P
   Silicon 5 Watt Zener Diodes
1N5333B MICROSEMI-1N5333B Datasheet
114Kb / 2P
   SILICON 5 WATT ZENER DIODES
logo
Solid States Devices, I...
Z00010D SSDI-Z00010D Datasheet
204Kb / 3P
   5 W 6.8 ??390 VOLTS ZENER DIODES
logo
List of Unclassifed Man...
BZY97C10 ETC1-BZY97C10 Datasheet
74Kb / 5P
   1.5 W Zener Diodes
logo
New Jersey Semi-Conduct...
1N5333B NJSEMI-1N5333B Datasheet
102Kb / 2P
   5 Watt Surmetic 40 Silicon Zener Diodes
logo
Boca Semiconductor Corp...
1N5333B BOCA-1N5333B Datasheet
428Kb / 5P
   5 Watt Surmetic 40 Silicon Zener Diodes
logo
Micro Commercial Compon...
SMBJ5333B MCC-SMBJ5333B Datasheet
1Mb / 4P
   5 Watt Surface Mount Silicon Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com