Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMDT5114W Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # MMDT5114W
Description  PNP Silicon Epitaxial Planar Digital Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

MMDT5114W Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  MMDT5114W Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. MMDT5114W Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. MMDT5114W Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dated : 06/06/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
MMDT5110W…MMDT511ZW
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at -VCE = 10 V, -IC = 5 mA
MMDT5118/511L/511VW
MMDT5119/511D/511F/511HW
MMDT5111W
MMDT5112/511EW
MMDT511ZW
MMDT5113/5114/511MW
MMDT511N/511TW
MMDT5110/5115/5116/5117W
1)
hFE
20
30
35
60
60
80
80
160
-
-
-
-
-
-
-
-
-
-
-
-
200
-
400
460
-
-
-
-
-
-
-
-
Collector Base Cutoff Current
at -VCB = 50 V
-ICBO
-
-
100
nA
Emitter Base Cutoff Current
at -VEB = 6 V
MMDT5110/5115/5116/5117W
MMDT5113W
MMDT5112/5114/511D/511E/511M/511N/511TW
MMDT511ZW
MMDT5111W
MMDT511F/511HW
MMDT5119W
MMDT5118/511L/511VW
-IEBO
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0.01
0.1
0.2
0.4
0.5
1
1.5
2
mA
Collector Base Breakdown Voltage
at -IC = 10 µA
-V(BR)CBO
50
-
-
V
Collector Emitter Breakdown Voltage
at -IC = 2 mA
-V(BR)CEO
50
-
-
V
Collector Emitter Saturation Voltage
at -IC = 10 mA, -IB = 0.5 mA
-VCEsat
-
-
0.3
V
Input Voltage (ON)
at -VO = 0.3 V, -IO = 20 mA
at -VO = 0.3 V, -IO = 20 mA
at -VO = 0.3 V, -IO = 2 mA
at -VO = 0.3 V, -IO = 2 mA
at -VO = 0.3 V, -IO = 2 mA
at -VO = 0.3 V, -IO = 10 mA
at -VO = 0.2 V, -IO = 5 mA
at -VO = 0.3 V, -IO = 2 mA
at -VO = 0.3 V, -IO = 5 mA
at -VO = 0.2 V, -IO = 5 mA
at -VO = 0.3 V, -IO = 5 mA
at -VO = 0.3 V, -IO = 1 mA
MMDT511V/511L/5119/511H/5118W
MMDT511FW
MMDT511TW
MMDT511DW
MMDT511EW
MMDT5111W
MMDT5112W
MMDT5113W
MMDT511MW
MMDT511ZW
MMDT511NW
MMDT5114W
-VI(ON)
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
3
2.5
2.5
5
4
3
3
3
1.1
1.7
1.3
1.4
V
1) h
FE Rank Classification: Q: 160~260, R: 210~340, S: 290~460, No-rank: 160~460


Similar Part No. - MMDT5114W

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MMDT5210W SEMTECH_ELEC-MMDT5210W Datasheet
219Kb / 3P
   NPN Silicon Epitaxial Planar Digital Transistor
MMDT5211W SEMTECH_ELEC-MMDT5211W Datasheet
219Kb / 3P
   NPN Silicon Epitaxial Planar Digital Transistor
MMDT5212W SEMTECH_ELEC-MMDT5212W Datasheet
219Kb / 3P
   NPN Silicon Epitaxial Planar Digital Transistor
MMDT5213W SEMTECH_ELEC-MMDT5213W Datasheet
219Kb / 3P
   NPN Silicon Epitaxial Planar Digital Transistor
MMDT5214W SEMTECH_ELEC-MMDT5214W Datasheet
219Kb / 3P
   NPN Silicon Epitaxial Planar Digital Transistor
More results

Similar Description - MMDT5114W

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MMDTA115W SEMTECH_ELEC-MMDTA115W Datasheet
129Kb / 1P
   PNP Silicon Epitaxial Planar Digital Transistor
MMDTA124W SEMTECH_ELEC-MMDTA124W Datasheet
129Kb / 1P
   PNP Silicon Epitaxial Planar Digital Transistor
logo
DONGGUAN YOU FENG WEI E...
MMDTX241DW YFWDIODE-MMDTX241DW Datasheet
663Kb / 4P
   NPN/PNP Silicon Epitaxial Planar Digital Transistor
MMDTX237DW YFWDIODE-MMDTX237DW Datasheet
294Kb / 3P
   NPN/PNP Silicon Epitaxial Planar Digital Transistor
logo
SEMTECH ELECTRONICS LTD...
MMDTX144D SEMTECH_ELEC-MMDTX144D Datasheet
514Kb / 5P
   NPN/PNP Silicon Epitaxial Planar Digital Transistor
logo
DONGGUAN YOU FENG WEI E...
MMDTX3241DW YFWDIODE-MMDTX3241DW Datasheet
705Kb / 5P
   NPN/PNP Silicon Epitaxial Planar Digital Transistor
logo
Panasonic Semiconductor
UNR31A4 PANASONIC-UNR31A4 Datasheet
79Kb / 3P
   Silicon PNP epitaxial planar transistor For digital circuits
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
   Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1259 SANKEN-2SB1259_07 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com