Part Name
         Description
MMDT5113W

 PNP Silicon Epitaxial Planar Digital Transistor ( 3 Page)


SEMTECH_ELEC
100% 
Zoom Out Zoom In
   
 2 page
background image
Dated : 06/06/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
MMDT5110W…MMDT511ZW
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at -VCE = 10 V, -IC = 5 mA
MMDT5118/511L/511VW
MMDT5119/511D/511F/511HW
MMDT5111W
MMDT5112/511EW
MMDT511ZW
MMDT5113/5114/511MW
MMDT511N/511TW
MMDT5110/5115/5116/5117W
1)
hFE
20
30
35
60
60
80
80
160
-
-
-
-
-
-
-
-
-
-
-
-
200
-
400
460
-
-
-
-
-
-
-
-
Collector Base Cutoff Current
at -VCB = 50 V
-ICBO
-
-
100
nA
Emitter Base Cutoff Current
at -VEB = 6 V
MMDT5110/5115/5116/5117W
MMDT5113W
MMDT5112/5114/511D/511E/511M/511N/511TW
MMDT511ZW
MMDT5111W
MMDT511F/511HW
MMDT5119W
MMDT5118/511L/511VW
-IEBO
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0.01
0.1
0.2
0.4
0.5
1
1.5
2
mA
Collector Base Breakdown Voltage
at -IC = 10 µA
-V(BR)CBO
50
-
-
V
Collector Emitter Breakdown Voltage
at -IC = 2 mA
-V(BR)CEO
50
-
-
V
Collector Emitter Saturation Voltage
at -IC = 10 mA, -IB = 0.5 mA
-VCEsat
-
-
0.3
V
Input Voltage (ON)
at -VO = 0.3 V, -IO = 20 mA
at -VO = 0.3 V, -IO = 20 mA
at -VO = 0.3 V, -IO = 2 mA
at -VO = 0.3 V, -IO = 2 mA
at -VO = 0.3 V, -IO = 2 mA
at -VO = 0.3 V, -IO = 10 mA
at -VO = 0.2 V, -IO = 5 mA
at -VO = 0.3 V, -IO = 2 mA
at -VO = 0.3 V, -IO = 5 mA
at -VO = 0.2 V, -IO = 5 mA
at -VO = 0.3 V, -IO = 5 mA
at -VO = 0.3 V, -IO = 1 mA
MMDT511V/511L/5119/511H/5118W
MMDT511FW
MMDT511TW
MMDT511DW
MMDT511EW
MMDT5111W
MMDT5112W
MMDT5113W
MMDT511MW
MMDT511ZW
MMDT511NW
MMDT5114W
-VI(ON)
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
3
2.5
2.5
5
4
3
3
3
1.1
1.7
1.3
1.4
V
1) h
FE Rank Classification: Q: 160~260, R: 210~340, S: 290~460, No-rank: 160~460



Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MMDTA124WPNP Silicon Epitaxial Planar Digital Transistor 1 SEMTECH ELECTRONICS LTD.
MMDTA115WPNP Silicon Epitaxial Planar Digital Transistor 1 SEMTECH ELECTRONICS LTD.
GI1202PNP EPITAXIAL PLANAR SILICON TRANSISTOR 1 2 3 GTM CORPORATION
2SA2127PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications 1 2 3 4 Seme LAB
2SA1576AWPNP Silicon Epitaxial Planar Transistor 1 2 3 Galaxy Semi-Conductor Holdings Limited
JCH3101PNP Epitaxial Planar Silicon Transistor For Automotive Audios 1 2 3 4 Sanyo Semicon Device
ST2N6520PNP Silicon Epitaxial Planar Transistor 1 2 SEMTECH ELECTRONICS LTD.
MMBTRA221SSPNP Silicon Epitaxial Planar Transistor 1 2 3 4 5 SEMTECH ELECTRONICS LTD.
MMBTSA1298WPNP Silicon Epitaxial Planar Transistor 1 2 SEMTECH ELECTRONICS LTD.
ST2SA950PNP Silicon Epitaxial Planar Transistor 1 2 3 SEMTECH ELECTRONICS LTD.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl