Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2V0HSA Datasheet(PDF) 3 Page - SEMTECH ELECTRONICS LTD.

Part # 2V0HSA
Description  SILICON PLANAR ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

2V0HSA Datasheet(HTML) 3 Page - SEMTECH ELECTRONICS LTD.

  2V0HSA Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 2V0HSA Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 2V0HSA Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. 2V0HSA Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. 2V0HSA Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
Dated : 07/05/2006
HS Series
Characteristics at Ta = 25 OC
Zener Voltage
Dynamic Resistance
Reverse Leakage Current (IR at VR)
Type
Min. (V)
Max. (V)
lZT (mA)
Ohm at lZT
lZT (mA)
IR (µA) Max.
VR (V)
5V6HS
5.29
5.88
5V6HSA
5.29
5.52
5V6HSB
5.46
5.7
5V6HSC
5.64
5.88
5
40
5
5
2.5
6V2HS
5.81
6.4
6V2HSA
5.81
6.06
6V2HSB
5.99
6.24
6V2HSC
6.16
6.4
5
30
5
5
3
6V8HS
6.32
6.97
6V8HSA
6.32
6.59
6V8HSB
6.52
6.79
6V8HSC
6.7
6.97
5
25
5
2
3.5
7V5HS
6.88
7.64
7V5HSA
6.88
7.19
7V5HSB
7.11
7.41
7V5HSC
7.33
7.64
5
25
5
0.5
4
8V2HS
7.56
8.41
8V2HSA
7.56
7.9
8V2HSB
7.82
8.15
8V2HSC
8.07
8.41
5
20
5
0.5
5
9V1HS
8.33
9.29
9V1HSA
8.33
8.7
9V1HSB
8.61
8.99
9V1HSC
8.89
9.29
5
20
5
0.5
6
10HS
9.19
10.3
10HSA
9.19
9.59
10HSB
9.48
9.9
10HSC
9.82
10.3
5
20
5
0.2
7
11HS
10.18
11.26
11HSA
10.18
10.63
11HSB
10.5
10.95
11HSC
10.82
11.26
5
20
5
0.2
8
12HS
11.13
12.3
12HSA
11.13
11.63
12HSB
11.5
11.92
12HSC
11.8
12.3
5
25
5
0.2
9
13HS
12.18
13.62
13HSA
12.18
12.71
13HSB
12.59
13.16
13HSC
13.03
13.62
5
25
5
0.2
10
1) Tested with pulse tp = 20 ms
2) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.


Similar Part No. - 2V0HSA

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
2V010 NTE-2V010 Datasheet
67Kb / 3P
   High Transient Current Capability
2V014 NTE-2V014 Datasheet
67Kb / 3P
   High Transient Current Capability
2V015 NTE-2V015 Datasheet
67Kb / 3P
   High Transient Current Capability
2V017 NTE-2V017 Datasheet
67Kb / 3P
   High Transient Current Capability
2V020 NTE-2V020 Datasheet
67Kb / 3P
   High Transient Current Capability
More results

Similar Description - 2V0HSA

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com