Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV74 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74LV74
Description  DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV74 Datasheet(HTML) 5 Page - Texas Instruments

  SN74LV74 Datasheet HTML 1Page - Texas Instruments SN74LV74 Datasheet HTML 2Page - Texas Instruments SN74LV74 Datasheet HTML 3Page - Texas Instruments SN74LV74 Datasheet HTML 4Page - Texas Instruments SN74LV74 Datasheet HTML 5Page - Texas Instruments SN74LV74 Datasheet HTML 6Page - Texas Instruments SN74LV74 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SN54LV74, SN74LV74
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SCLS189C – FEBRUARY 1993 – REVISED APRIL 1996
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
FROM
TO
SN54LV74
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V ± 0.5 V
VCC = 3.3 V ± 0.3 V
VCC = 2.7 V
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
MAX
fmax
70
100
60
90
50
MHz
tpd
PRE or CLR
QorQ
11
19
18
27
34
ns
tpd
CLK
Q or Q
10
17
17
26
28
ns
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
FROM
TO
SN74LV74
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V ± 0.5 V
VCC = 3.3 V ± 0.3 V
VCC = 2.7 V
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
MAX
fmax
70
100
60
90
50
MHz
tpd
PRE or CLR
QorQ
11
19
18
27
34
ns
tpd
CLK
Q or Q
10
17
17
26
28
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
C d
Power dissipation capacitance per flip flop
CL =50 pF
f=10MHz
3.3 V
32
pF
Cpd
Power dissipation capacitance per flip-flop
CL = 50 pF,
f = 10 MHz
5 V
68
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74LV74

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV74 TI1-SN74LV74 Datasheet
148Kb / 8P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN74LV74A TI-SN74LV74A Datasheet
444Kb / 16P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN74LV74A TI1-SN74LV74A Datasheet
847Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LV74A-EP TI1-SN74LV74A-EP Datasheet
506Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN74LV74A-EP TI1-SN74LV74A-EP Datasheet
847Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
More results

Similar Description - SN74LV74

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV74A TI-SN54LV74A Datasheet
444Kb / 16P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Potato Semiconductor Co...
PO74G74A POTATO-PO74G74A_14 Datasheet
1Mb / 6P
   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Texas Instruments
SN54LV74 TI1-SN54LV74_10 Datasheet
148Kb / 8P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54AC74 TI1-SN54AC74_15 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54HC74 TI1-SN54HC74_15 Datasheet
164Kb / 15P
[Old version datasheet]   Dual D-Type Positive-Edge-Triggered Flip-Flops
SN74LV74A-EP TI1-SN74LV74A-EP Datasheet
506Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54LV74A TI1-SN54LV74A_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Positive-Edge-Triggered D-Type Flip-Flops
CD54AC74 TI1-CD54AC74_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
CD54ACT74 TI1-CD54ACT74_14 Datasheet
887Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
National Semiconductor ...
DM54L74 NSC-DM54L74 Datasheet
88Kb / 4P
   Dual Positive-Edge-Triggered D Flip-Flops
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com