Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54LV595AJ Datasheet(PDF) 1 Page - Texas Instruments

Part # SN54LV595AJ
Description  8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LV595AJ Datasheet(HTML) 1 Page - Texas Instruments

  SN54LV595AJ Datasheet HTML 1Page - Texas Instruments SN54LV595AJ Datasheet HTML 2Page - Texas Instruments SN54LV595AJ Datasheet HTML 3Page - Texas Instruments SN54LV595AJ Datasheet HTML 4Page - Texas Instruments SN54LV595AJ Datasheet HTML 5Page - Texas Instruments SN54LV595AJ Datasheet HTML 6Page - Texas Instruments SN54LV595AJ Datasheet HTML 7Page - Texas Instruments SN54LV595AJ Datasheet HTML 8Page - Texas Instruments SN54LV595AJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SN54LV595A, SN74LV595A
8BIT SHIFT REGISTERS
WITH 3STATE OUTPUT REGISTERS
SCLS414N − APRIL 1998 − REVISED APRIL 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 2-V to 5.5-V VCC Operation
D Max tpd of 7.1 ns at 5 V
D Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
D Typical VOHV (Output VOH Undershoot)
>2.3 V at VCC = 3.3 V, TA = 25°C
D Support Mixed-Mode Voltage Operation on
All Ports
D 8-Bit Serial-In, Parallel-Out Shift
D Ioff Supports Partial-Power-Down Mode
Operation
D Shift Register Has Direct Clear
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
SN54LV595A ...J OR W PACKAGE
SN74LV595A . . . D, DB, NS,
OR PW PACKAGE
(TOP VIEW)
SN54LV595A . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
QB
QC
QD
QE
QF
QG
QH
GND
VCC
QA
SER
OE
RCLK
SRCLK
SRCLR
QH′
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
SER
OE
NC
RCLK
SRCLK
QD
QE
NC
QF
QG
SN74LV595A . . . RGY PACKAGE
(TOP VIEW)
116
89
2
3
4
5
6
7
15
14
13
12
11
10
QA
SER
OE
RCLK
SRCLK
SRCLR
QC
QD
QE
QF
QG
QH
description/ordering information
The ’LV595A devices are 8-bit shift registers designed for 2-V to 5.5-V VCC operation.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QFN − RGY
Reel of 1000
SN74LV595ARGYR
LV595A
SOIC − D
Tube of 40
SN74LV595AD
LV595A
SOIC − D
Reel of 2500
SN74LV595ADR
LV595A
−40
°C to 85°C
SOP − NS
Reel of 2000
SN74LV595ANSR
74LV595A
−40
°C to 85°C
SSOP − DB
Reel of 2000
SN74LV595ADBR
LV595A
Tube of 90
SN74LV595APW
TSSOP − PW
Reel of 2000
SN74LV595APWR
LV595A
TSSOP − PW
Reel of 250
SN74LV595APWT
LV595A
CDIP − J
Tube of 25
SNJ54LV595AJ
SNJ54LV595AJ
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54LV595AW
SNJ54LV595AW
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54LV595AFK
SNJ54LV595AFK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
Copyright
 2005, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN54LV595AJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV595A TI-SN54LV595A Datasheet
755Kb / 22P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54LV595A TI-SN54LV595A_07 Datasheet
755Kb / 22P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
More results

Similar Description - SN54LV595AJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHCT595 TI-SN54AHCT595 Datasheet
415Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC595 TI-SN54HC595_09 Datasheet
847Kb / 25P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595 TI-SN74HC595_10 Datasheet
809Kb / 26P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595B TI1-SN74HC595B Datasheet
238Kb / 21P
[Old version datasheet]   8-Bit Shift Registers With 3-State Output Registers
SN54HC595 TI-SN54HC595 Datasheet
139Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595_07 Datasheet
588Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595_08 Datasheet
729Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595-EP TI-SN74HC595-EP Datasheet
150Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
CD74HC595 TI-CD74HC595 Datasheet
467Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595 Datasheet
163Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com