Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54LV574AW Datasheet(PDF) 6 Page - Texas Instruments

Part # SN54LV574AW
Description  OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LV574AW Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN54LV574AW Datasheet HTML 2Page - Texas Instruments SN54LV574AW Datasheet HTML 3Page - Texas Instruments SN54LV574AW Datasheet HTML 4Page - Texas Instruments SN54LV574AW Datasheet HTML 5Page - Texas Instruments SN54LV574AW Datasheet HTML 6Page - Texas Instruments SN54LV574AW Datasheet HTML 7Page - Texas Instruments SN54LV574AW Datasheet HTML 8Page - Texas Instruments SN54LV574AW Datasheet HTML 9Page - Texas Instruments SN54LV574AW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
SN54LV574A, SN74LV574A
OCTAL EDGETRIGGERED DTYPE FLIPFLOPS
WITH 3STATE OUTPUTS
SCLS412I − APRIL 1998 − REVISED APRIL 2005
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV574A
SN74LV574A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
CL = 15 pF
80*
145*
65*
65
MHz
fmax
CL = 50 pF
50
120
45
45
MHz
tpd
CLK
Q
6.8*
13.2*
1*
15.5*
1
15.5
ten
OE
Q
CL = 15 pF
6.4*
12.8*
1*
15*
1
15
ns
tdis
OE
Q
CL = 15 pF
4.8*
13*
1*
15*
1
15
ns
tpd
CLK
Q
8.1
16.7
1
19
1
19
ten
OE
Q
CL = 50 pF
7.7
16.3
1
18.5
1
18.5
ns
tdis
OE
Q
CL = 50 pF
6.1
15
1
17
1
17
ns
tsk(o)
1.5
1.5
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV574A
SN74LV574A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
CL = 15 pF
130*
205*
110*
110
MHz
fmax
CL = 50 pF
85
175
75
75
MHz
tpd
CLK
Q
4.8*
8.6*
1*
10*
1
10
ten
OE
Q
CL = 15 pF
4.6*
9*
1*
10.5*
1
10.5
ns
tdis
OE
Q
CL = 15 pF
3.5*
9*
1*
10.5*
1
10.5
ns
tpd
CLK
Q
5.7
10.6
1
12
1
12
ten
OE
Q
CL = 50 pF
5.5
11
1
12.5
1
12.5
ns
tdis
OE
Q
CL = 50 pF
4.1
10.1
1
11.5
1
11.5
ns
tsk(o)
1
1
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
noise characteristics, VCC = 3.3 V, CL = 50 pF, TA = 25°C (see Note 6)
PARAMETER
SN74LV574A
UNIT
PARAMETER
MIN
TYP
MAX
UNIT
VOL(P)
Quiet output, maximum dynamic VOL
0.7
0.8
V
VOL(V)
Quiet output, minimum dynamic VOL
−0.6
−0.8
V
VOH(V)
Quiet output, minimum dynamic VOH
2.8
V
VIH(D)
High-level dynamic input voltage
2.31
V
VIL(D)
Low-level dynamic input voltage
0.99
V
NOTE 6: Characteristics are for surface-mount packages only.
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
Cpd
Power dissipation capacitance
Outputs enabled
CL = 50 pF,
f = 10 MHz
3.3 V
20.4
pF
Cpd
Power dissipation capacitance
Outputs enabled
CL = 50 pF,
f = 10 MHz
5 V
23.8
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN54LV574AW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV574A TI-SN54LV574A Datasheet
846Kb / 20P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54LV574A TI1-SN54LV574A Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LV574A TI-SN54LV574A_07 Datasheet
846Kb / 20P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54LV574A TI1-SN54LV574A_16 Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54LV574AW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC374 TI-SN54AHC374 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT564 TI-SN54ACT564 Datasheet
110Kb / 6P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A Datasheet
125Kb / 9P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS534A TI-SN54ALS534A Datasheet
114Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVC574A TI-SN54LVC574A Datasheet
914Kb / 25P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_08 Datasheet
718Kb / 18P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC574 TI-SN54AHC574 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_02 Datasheet
276Kb / 14P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54HC574 TI-SN54HC574_07 Datasheet
674Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A_08 Datasheet
722Kb / 20P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SNJ54AS574B TI1-SNJ54AS574B Datasheet
1Mb / 25P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com