Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAV70W Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # BAV70W
Description  SILICON EPITAXIAL PLANAR SWITCHING DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BAV70W Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  BAV70W Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BAV70W Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 15/05/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BAV70W
SILICON EPITAXIAL PLANAR SWITCHING DIODE
Features
• Fast switching diode
• Ultra small surface mount package
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Reverse Voltage
VR
75
V
Continuous Forward Current
Single diode loaded
Double diode loaded
IF
175
100
mA
Repetitive Peak Forward Current
IFRM
500
mA
Non-Repetitive Peak Forward Current
at t = 1 µs
at t = 1 ms
at t = 1 s
IFSM
4
1
0.5
A
Power Dissipation
Ptot
200
mW
Junction Temperature
TJ
150
O
C
Storage Temperature Range
Ts
- 65 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
Reverse Breakdown Voltage
at IR = 100 µA
VBR(R)
75
-
V
Forward Voltage
at IF = 1 mA
at IF = 10 mA
at IF = 50 mA
at IF = 150 mA
VF
-
-
-
-
0.715
0.855
1
1.25
V
Reverse Leakage Current
at VR = 25 V
at VR = 75 V
at VR = 25 V, TJ = 150 OC
at VR = 75 V, TJ = 150 OC
IR
-
-
-
-
30
2.5
60
100
nA
µA
µA
µA
Diode Capacitance
at VR = 0 V, f = 1 MHz
Ctot
-
2
pF
Reverse Recovery Time
at IF = 10 mA to IR = 10 mA, Irr = 0.1 IR, RL = 100 Ω
trr
-
4
ns
1
3
2
Marking Code: A4


Similar Part No. - BAV70W

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAV70W ONSEMI-BAV70W Datasheet
65Kb / 5P
   Dual Switching Diode Common Cathode
April, 2015 ??Rev. 8
logo
Pan Jit International I...
BAV70W PANJIT-BAV70W Datasheet
111Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Diotec Semiconductor
BAV70W DIOTEC-BAV70W Datasheet
116Kb / 2P
   Surface Mount Small Signal Double-Diodes
BAV70W DIOTEC-BAV70W Datasheet
116Kb / 2P
   Surface Mount Small Signal Dual Diodes
logo
Galaxy Semi-Conductor H...
BAV70W BILIN-BAV70W Datasheet
152Kb / 3P
   Dual surface mount switching diode
More results

Similar Description - BAV70W

ManufacturerPart #DatasheetDescription
logo
Rohm
DA221 ROHM-DA221 Datasheet
74Kb / 4P
   Switching diode Silicon epitaxial planar
logo
Zowie Technology Corpor...
1N4148WSGH ZOWIE-1N4148WSGH Datasheet
131Kb / 2P
   Silicon Epitaxial Planar Switching Diode
1N4148WTGH ZOWIE-1N4148WTGH Datasheet
152Kb / 2P
   Silicon Epitaxial Planar Switching Diode
1N4148WSGH ZOWIE-1N4148WSGH_11 Datasheet
140Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Zibo Seno Electronic En...
1N914G ZSELEC-1N914G Datasheet
127Kb / 3P
   Silicon Epitaxial Planar Switching Diode
1N914W ZSELEC-1N914W Datasheet
148Kb / 3P
   Silicon Epitaxial Planar Switching Diode
1N4448 ZSELEC-1N4448 Datasheet
123Kb / 3P
   Silicon Epitaxial Planar Switching Diode
1SS400 ZSELEC-1SS400 Datasheet
180Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Olitech Electronics Co....
BAS35 OLITECH-BAS35 Datasheet
515Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Nanjing International G...
MMBD914 DGNJDZ-MMBD914 Datasheet
277Kb / 2P
   Silicon Epitaxial Planar Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com