Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

202-324-22-38 Datasheet(PDF) 1 Page - Marl International Limited

Part # 202-324-22-38
Description  FILAMENT REPLACEMENT LEDs - T1
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

202-324-22-38 Datasheet(HTML) 1 Page - Marl International Limited

  202-324-22-38 Datasheet HTML 1Page - Marl International Limited 202-324-22-38 Datasheet HTML 2Page - Marl International Limited 202-324-22-38 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PART NUMBER
COLOUR
LENS
VOLTAGE
CURRENT
LUMINOUS
WAVE
OPERATING
STORAGE
DC
DC
INTENSITY
LENGTH
TEMP
TEMP
Vopr
lopr
lv@20mA
λ
p
Topr
Tstg
202-301-21-38
Red
Water Clear
12
20
900
660
-40 ~ +85^
-40 ~ +85
Yes
202-325-21-38
Yellow
Water Clear
12
20
4300
590
-30 ~ +85^
-40 ~ +120
Yes
202-324-21-38
Green
Water Clear
12
20
7800
525
-30 ~ +85^
-40 ~ +100
Yes
202-934-21-38
Blue
Water Clear
12
19
2300
470
-30 ~ +85^
-40 ~ +100
Yes
202-998-21-38
Cool White
Water Clear
12
19
4600
*see below
-30 ~ +85^
-40 ~ +100
Yes
202-301-23-38
Red
Water Clear
24-28
20
900
660
-40 ~ +85^
-40 ~ +85
Yes
202-325-23-38
Yellow
Water Clear
24-28
20
4300
590
-30 ~ +85^
-40 ~ +120
Yes
202-324-23-38
Green
Water Clear
24-28
20
7800
525
-30 ~ +85^
-40 ~ +100
Yes
202-934-23-38
Blue
Water Clear
24-28
20
2300
470
-30 ~ +85^
-40 ~ +100
Yes
202-998-23-38
Cool White
Water Clear
24-28
20
4600
*see below
-30 ~ +85^
-40 ~ +100
Yes
UNITS
Vdc
mA
mcd
nm
0
C
0
C
Direct replacement for French Style T1 MF SX3s
Flat-topped for enhanced, even illumination of large
lens areas
Centre contact Anode as standard
Reverse polarity available
FILAMENT REPLACEMENT LEDs - T1
Ordering Information & Typical Technical Characteristics (Ta = 25°C)
Mean Time Between Failure = 100,000 Hours. Luminous intensity figures refer to the unmodified discrete LED.
FEATURES
SPECIFICATIONS
202 SERIES
PACK QUANTITY = 20 PIECES
SAMPLES AVAILABLE
© MARL INTERNATIONAL LTD 2007 : DS 064/06 Issue 3
Page 1 of 3
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
HIGH INTENSITY
Intensities (lv) and colour shades of white (x,y co-ordinates) may vary between LEDs within a
batch.
^ = Products must be derated according to the derating information. Each derating graph refers to
specific LEDs. Appropriate LED numbers shown. - Refer to page 3.
998
*Typical emission colour cool white
x
0.296 0.283
0.330 0.330
y
0.276 0.305
0.339 0.318


Similar Part No. - 202-324-22-38

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
202-324-22-38 MARL-202-324-22-38 Datasheet
273Kb / 5P
   Direct replacement for French Style T1 Midget Flange SX3s
More results

Similar Description - 202-324-22-38

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
201-301-04-38 MARL-201-301-04-38 Datasheet
199Kb / 3P
   FILAMENT REPLACEMENT LEDs - T1
207-501-21-38 MARL-207-501-21-38 Datasheet
257Kb / 3P
   FILAMENT REPLACEMENT LEDs - T1 쩐
236-038-93_1307 MARL-236-038-93_1307 Datasheet
265Kb / 4P
   filament replacement leds
238-501-98_1309 MARL-238-501-98_1309 Datasheet
206Kb / 4P
   filament replacement leds
261-990-95-38_1311 MARL-261-990-95-38_1311 Datasheet
215Kb / 3P
   filament replacement leds
216-532-22-65_1310 MARL-216-532-22-65_1310 Datasheet
220Kb / 4P
   filament replacement leds
258-501-64-38_1312 MARL-258-501-64-38_1312 Datasheet
204Kb / 4P
   filament replacement leds
231-501-21_1309 MARL-231-501-21_1309 Datasheet
283Kb / 5P
   filament replacement leds
206-501-21-38_1312 MARL-206-501-21-38_1312 Datasheet
320Kb / 5P
   filament replacement leds
209-501-21-38_1312 MARL-209-501-21-38_1312 Datasheet
271Kb / 5P
   filament replacement leds
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com