Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

118-305-04 Datasheet(PDF) 3 Page - Marl International Limited

Part # 118-305-04
Description  PCB MOUNTING LEDs - 횠 3mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

118-305-04 Datasheet(HTML) 3 Page - Marl International Limited

  118-305-04 Datasheet HTML 1Page - Marl International Limited 118-305-04 Datasheet HTML 2Page - Marl International Limited 118-305-04 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
De-rating Information
113-120 Series
SAMPLES AVAILABLE
© MARL INTERNATIONAL LTD 2007 : DS 057/07 Issue 2
Page 3 of 3
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
PART NO.
COLOUR
VOLTAGE DC
(Vdc) Vopr
113-305-04
Red
20mA
113-305-04-50
Red
20mA
113-305-04-52
Red
20mA
113-305-13
Red
20mA RP
113-311-01
Yellow
2mA
113-311-04-53
Yellow
20mA
113-311-13
Yellow
20mA RP
113-314-01
Green
2mA
113-314-01-24
Green
2mA
113-314-01-25
Green
2mA
113-314-04-53
Green
20mA
113-314-10
Green
2mA RP
113-314-13
Green
20mA RP
113-326-04
Blue
20mA
113-330-01
Red/Green Bi-colour
2mA
113-336-04
Red
20mA
113-931-04
Red
20mA
114-000-01-51
RY
2mA
114-311-01
Yellow
2mA
115-000-01-50
RYG
2mA
115-314-04
Green
20mA
115-330-04
Red/Green Bi-colour
20mA
116-000-04-50
RGRG
20mA
116-000-04-54
GGRR
20mA
116-000-04-59
YRRR
20mA
116-000-04-60
GGYR
20mA
116-000-13-50
RRRY RP
20mA RP
UNITS
VDC
PART NO.
COLOUR
VOLTAGE DC
(Vdc) Vopr
116-305-01
Red
2mA
116-305-04
Red
20mA
116-311-04
Yellow
20mA
116-314-04
Green
20mA
117-000-04-50
GRGRG
20mA
117-000-04-52
RRYGG
20mA
117-314-01
Green
2mA
117-314-04
Green
20mA
117-330-04
Red/Green Bi-colour
20mA
118-000-04-50
YYRYYR
20mA
118-000-04-52
RRRYGG
20mA
118-305-01-1
Red
2mA
118-305-04
Red
20mA
118-314-04
Green
20mA
118-330-04
Red/Green Bi-colour
20mA
119-305-04
Red
20mA
119-314-04
Green
20mA
120-305-01
Red
2mA
120-305-04
Red
20mA
120-314-01
Green
2mA
120-314-04
Green
20mA
120-332-04
Green/Yellow Bi-colour 20mA
UNITS
VDC
Part numbers also available in the 113-120 Series:
305 & 311
314
330
BS EN ISO 9001:2000
Approved Manufacturer
** = Multi-colour
options are
verified as
example:
117-000-04-50
The products listed above illustrate all of the options
available to order. These products may have custom
modifications that alter their operation beyond the
generic information contained within this datasheet.
Please contact sales for further information.


Similar Part No. - 118-305-04

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
118-0024 ETC2-118-0024 Datasheet
2Mb / 54P
   standard straight tips
118-0025 ETC2-118-0025 Datasheet
2Mb / 54P
   standard straight tips
logo
HellermannTyton.
118-1 HELLERMANNTYTON-118-1 Datasheet
2Mb / 70P
   NorthAmericanProductGuide
logo
Energizer
118-8570 ENERGIZER-118-8570 Datasheet
30Kb / 1P
   Essential??Torches
118-8571 ENERGIZER-118-8571 Datasheet
30Kb / 1P
   Essential??Torches
More results

Similar Description - 118-305-04

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
122-305-04 MARL-122-305-04 Datasheet
215Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
123-305-04 MARL-123-305-04 Datasheet
246Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
103-305-04 MARL-103-305-04 Datasheet
231Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
107-305-04 MARL-107-305-04 Datasheet
280Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
124-305-04 MARL-124-305-04 Datasheet
190Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
109-305-04 MARL-109-305-04 Datasheet
216Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
153-305-04 MARL-153-305-04 Datasheet
190Kb / 2P
   PCB MOUNTING LEDs - 횠 3mm Surface Mount
151-535-04 MARL-151-535-04 Datasheet
128Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
108-505-04 MARL-108-505-04 Datasheet
278Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
101-205-02 MARL-101-205-02 Datasheet
191Kb / 3P
   PCB MOUNTING LEDs - 횠 2mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com