Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

142-205-01 Datasheet(PDF) 3 Page - Marl International Limited

Part # 142-205-01
Description  PCB MOUNTING LEDs - 횠 2mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

142-205-01 Datasheet(HTML) 3 Page - Marl International Limited

  142-205-01 Datasheet HTML 1Page - Marl International Limited 142-205-01 Datasheet HTML 2Page - Marl International Limited 142-205-01 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BS EN ISO 9001:2000
Approved Manufacturer
SAMPLES AVAILABLE
© MARL INTERNATIONAL LTD 2007 : DS 055/07 Issue 2
Page 3 of 3
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
205, 211 & 214
^ = Products must be derated according to the derating information. Each
derating graph refers to specific LEDs.
ALSO AVAILABLE
De-rating
PART NO.
COLOUR
VOLTAGE DC
(Vdc) Vopr
142-205-01
Red
2mA
142-211-01
Yelllow
2mA
142-214-01
Green
2mA
143-205-02
Red
10mA
143-211-02
Yelllow
10mA
143-214-02
Green
10mA
144-203-20
Red
5/6Vdc
144-205-01
Red
2mA
144-205-02
Red
10mA
144-205-20
Red
5/6Vdc
144-209-02
Yelllow
10mA
144-211-01
Yelllow
2mA
144-211-02
Yelllow
10mA
144-211-20
Yelllow
5/6Vdc
144-212-02
Green
10mA
144-214-01
Green
2mA
144-214-02
Green
10mA
144-214-03
Green
17mA
144-214-20
Green
5/6Vdc
145-214-04
Green
20mA
UNITS
VDC
PART NO.
COLOUR
VOLTAGE DC
(Vdc) Vopr
148-205-20
Red
5/6Vdc
148-211-02
Yelllow
10mA
148-211-20
Yelllow
5/6Vdc
148-214-02
Green
10mA
148-214-02-50
Green
10mA
150-000-02-50**
RRRYYYYGGG
10mA
150-205-04
Red
20mA
150-205-20
Red
5/6Vdc
150-214-01
Green
2mA
150-214-02
Green
10mA
UNITS
VDC
Part numbers also available in the 142-150 Series:
These are customer specific and specially created part numbers. If you require more information or a
specific part not detailed in the above list please contact sales for further information.
** = Multi-colour options are verified as example:
150-000-02-50


Similar Part No. - 142-205-01

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
142-01J08L COILCRAFT-142-01J08L Datasheet
128Kb / 2P
   10 mm Tunable Coils
142-01J08L COILCRAFT-142-01J08L Datasheet
233Kb / 2P
   10 mm Tunable Coils ??142, 143, 144
142-01J08SL COILCRAFT-142-01J08SL Datasheet
128Kb / 2P
   10 mm Tunable Coils
142-01J08SL COILCRAFT-142-01J08SL Datasheet
233Kb / 2P
   10 mm Tunable Coils ??142, 143, 144
142-02J08L COILCRAFT-142-02J08L Datasheet
128Kb / 2P
   10 mm Tunable Coils
More results

Similar Description - 142-205-01

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
101-205-02 MARL-101-205-02 Datasheet
191Kb / 3P
   PCB MOUNTING LEDs - 횠 2mm
122-305-04 MARL-122-305-04 Datasheet
215Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
123-305-04 MARL-123-305-04 Datasheet
246Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
103-305-04 MARL-103-305-04 Datasheet
231Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
151-535-04 MARL-151-535-04 Datasheet
128Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
108-505-04 MARL-108-505-04 Datasheet
278Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
104-505-04 MARL-104-505-04 Datasheet
228Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
107-305-04 MARL-107-305-04 Datasheet
280Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
125-505-04 MARL-125-505-04 Datasheet
171Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
124-305-04 MARL-124-305-04 Datasheet
190Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com