Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

127-505-04 Datasheet(PDF) 1 Page - Marl International Limited

Part # 127-505-04
Description  PCB MOUNTING LEDs - 횠 5mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

127-505-04 Datasheet(HTML) 1 Page - Marl International Limited

  127-505-04 Datasheet HTML 1Page - Marl International Limited 127-505-04 Datasheet HTML 2Page - Marl International Limited 127-505-04 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Material conforms to UL94 V-2 flammability ratings
6.4mm spacer height as standard
Variable spacer height options available
Product illustrated 127-505-04-55
Typically available ex stock
PCB MOUNTING LEDs - Ø 5mm
Ordering Information & Typical Technical Characteristics (Ta = 25°C)
Mean Time Between Failure up to = 100,000 Hours. Luminous intensity figures refer to the unmodified discrete LED.
FEATURES
SPECIFICATIONS
127 SERIES
PACK QUANTITY = 100 PIECES
PART NUMBER
COLOUR
LENS
VOLTAGE
CURRENT
LUMINOUS
WAVE
OPERATING STORAGE
DC
DC
INTENSITY
LENGTH
TEMP
TEMP
Vopr
lopr
lv@20mA
λ
p
Topr
Tstg
127-505-04-54
Red
Colour Diffused 2.0*
20
60
627
-40 ~ +85^ -40 ~ +85
Yes
127-511-04-54
Yellow
Colour Diffused 2.1*
20
40
590
-40 ~ +85^ -40 ~ +85
Yes
127-514-04-54
Green
Colour Diffused 2.2*
20
40
565
-40 ~ +85^ -40 ~ +85
Yes
127-530-04-54
Red/Green
White Diffused
2.0/2.2*
20
30/25
627/565
-40 ~ +85^ -40 ~ +85
Yes
127-581-20-54
Red
Colour Diffused 5
10
50
627
-40 ~ +70
-40 ~ +85
Yes
127-582-20-54
Yellow
Colour Diffused 5
10
20
590
-40 ~ +70
-40 ~ +85
Yes
127-583-20-54
Green
Colour Diffused 5
10
20
565
-40 ~ +70
-40 ~ +85
Yes
UNITS
Vdc
mA
mcd
nm
0
C
0
C
STANDARD INTENSITY
SAMPLES AVAILABLE
© MARL INTERNATIONAL LTD 2007 : DS 074/07 Issue 2
Page 1 of 3
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
^ = Products must be derated according to the derating information. Each derating graph refers to specific LEDs.
* = Voltage DC for 20mA product is Vf@20mA, not Vopr
505 & 511
514
530


Similar Part No. - 127-505-04

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
127-0701-201 EMERSON-NETWORKPOWER-127-0701-201 Datasheet
2Mb / 20P
   SMP Blind-Mate Connectors
logo
Glenair, Inc.
127-130-06BBS GLENAIR-127-130-06BBS Datasheet
92Kb / 1P
   Reinforced Helical Convoluted Tubing
127-130-06BNS GLENAIR-127-130-06BNS Datasheet
92Kb / 1P
   Reinforced Helical Convoluted Tubing
127-130-06BSS GLENAIR-127-130-06BSS Datasheet
92Kb / 1P
   Reinforced Helical Convoluted Tubing
127-130-06BTS GLENAIR-127-130-06BTS Datasheet
92Kb / 1P
   Reinforced Helical Convoluted Tubing
More results

Similar Description - 127-505-04

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
151-535-04 MARL-151-535-04 Datasheet
128Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
108-505-04 MARL-108-505-04 Datasheet
278Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
154-501-04 MARL-154-501-04 Datasheet
153Kb / 1P
   PCB MOUNTING LEDs - 횠 5mm
106-505-04 MARL-106-505-04 Datasheet
231Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
104-505-04 MARL-104-505-04 Datasheet
228Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
125-505-04 MARL-125-505-04 Datasheet
171Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
110-505-04 MARL-110-505-04 Datasheet
203Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
122-305-04 MARL-122-305-04 Datasheet
215Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
123-305-04 MARL-123-305-04 Datasheet
246Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
103-305-04 MARL-103-305-04 Datasheet
231Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com