Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UB25RKW03N-F Datasheet(PDF) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # UB25RKW03N-F
Description  Distinctive Characteristics
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

UB25RKW03N-F Datasheet(HTML) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

  UB25RKW03N-F Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. UB25RKW03N-F Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. UB25RKW03N-F Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. UB25RKW03N-F Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. UB25RKW03N-F Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. UB25RKW03N-F Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. UB25RKW03N-F Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. UB25RKW03N-F Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Spring Loaded Protective Guard for Rectangular Snap-in Model
AT4172
Rectangular
Protective Guard
Opens 180°
Closes automatically
Materials:
Cover: Clear Polycarbonate
Base: Black GFR Polyamide
Coil Spring: Stainless Steel
Recommended Panel Thickness:
.039” ~ .106” (1.0mm ~ 2.7mm)
(26.6)
1.047 (N)
(16.2)
.638
(39.0) Min*
1.535
(N) = Number of switches
AT4172
(10.5)
.413
(20.5)
.807
(22.4)
.882
(26.6)
1.047
* Minimum dimension allows opening of cover to 180
°
(24.6)
.969
(26.6)
1.047
(10.5)
.413
(20.5)
.807
(7.5)
.295
Cap Height
When
Assembled
(24.1)
.949
(20.4)
.803
(17.9)
.705
(7.1)
.280
180
°
LEGENDS
Easily create and submit your own legends using our new on-line Legend Maker.
Visit www.nkkswitches.com
For other legend support options, customers may either contact the factory and request the UB/UB2 Legend Packet,
or utilize the general information and basic specifications presented below.
Shaded areas are printable areas.
(15.48)
.609
(17.0)
.669
(0.76) Typ
.030
(10.48)
.413
(12.0)
.472
(0.76) Typ
.030
(10.48) Sq
.413
(12.0) Sq
.472
(0.76) Typ
.030
OPTIONAL ACCESSORIES
Suggested Printable Area for UB Lens
Recommended Methods: Laser Etch on clear lens; Screen Print or Pad Print on lens.
Epoxy based ink is recommended.


Similar Part No. - UB25RKW03N-F

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
UB25RKW035C NKK-UB25RKW035C Datasheet
365Kb / 9P
   Low Profile Pushbuttons
UB25RKW035C-CB NKK-UB25RKW035C-CB Datasheet
349Kb / 10P
   Low Profile Pushbuttons
UB25RKW035C-CB NKK-UB25RKW035C-CB Datasheet
117Kb / 6P
   Low Profile Pushbutton Switches
UB25RKW035C-CC NKK-UB25RKW035C-CC Datasheet
117Kb / 6P
   Low Profile Pushbutton Switches
UB25RKW035C-CD NKK-UB25RKW035C-CD Datasheet
117Kb / 6P
   Low Profile Pushbutton Switches
More results

Similar Description - UB25RKW03N-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT413A ETC2-AT413A Datasheet
244Kb / 8P
   Distinctive Characteristics
logo
Nihon Kaiheiki Industry...
FP0115CAC1BC-C2 NKK-FP0115CAC1BC-C2_16 Datasheet
176Kb / 4P
   Distinctive Characteristics
logo
List of Unclassifed Man...
E2013 ETC2-E2013 Datasheet
165Kb / 6P
   Distinctive Characteristics
HB16CKW01 ETC1-HB16CKW01 Datasheet
259Kb / 6P
   Distinctive Characteristics
logo
Advanced Micro Devices
AM27S33PC AMD-AM27S33PC Datasheet
103Kb / 4P
   DISTINCTIVE CHARACTERISTICS
logo
List of Unclassifed Man...
FP0115CAC1FF ETC2-FP0115CAC1FF Datasheet
347Kb / 4P
   Distinctive Characteristics
A12AH ETC2-A12AH Datasheet
259Kb / 7P
   Distinctive Characteristics
FD1506-A ETC2-FD1506-A Datasheet
828Kb / 4P
   Distinctive features and specifications
DA04T ETC2-DA04T Datasheet
130Kb / 4P
   Distinctive features and specifications
VOY1511R2US ETC2-VOY1511R2US Datasheet
987Kb / 4P
   Distinctive features and specification
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com