Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ST2N3906 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part No. ST2N3906
Description  PNP Silicon Epitaxial Planar Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Homepage  http://www.semtech.net.cn
Logo 

   
 1 page
background image
Dated : 09/03/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
ST 2N3905 / 2N3906
PNP Silicon Epitaxial Planar Transistor
for switching and amplifier applications.
As complementary types the NPN transistors
2N3903 and 2N3904 are recommended.
On special request, these transistors can be
manufactured in different pin configurations.
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Collector Base Voltage
-VCBO
40
V
Collector Emitter Voltage
-VCEO
40
V
Emitter Base Voltage
-VEBO
6
V
Collector Current
-IC
200
mA
Power Dissipation
Ptot
625
mW
Junction Temperature
Tj
150
O
C
Storage Temperature Range
TS
- 55 to + 150
O
C
1. Emitter 2. Base 3. Collector
TO-92 Plastic Package
Weight approx. 0.19g




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PCP1104PNP Epitaxial Planar Silicon Transistor DC / DC Converter Applications 1 2 3 4 Sanyo Semicon Device
2SA1272SILICON PNP TRANSISTOR EPITAXIAL PLANAR TYPE PCT PROCESS 1 KEC(Korea Electronics)
ST2SA1271PNP Silicon Epitaxial Planar Transistor 1 2 SEMTECH ELECTRONICS LTD.
MMBTRA101SSPNP Silicon Epitaxial Planar Transistor 1 2 SEMTECH ELECTRONICS LTD.
MMBTSA1505PNP Silicon Epitaxial Planar Transistor 1 2 3 SEMTECH ELECTRONICS LTD.
2SA2180PNP Epitaxial Planar Silicon Transistor 50V / 5A High-Speed Switching 1 2 3 4 Sanyo Semicon Device
KTA2014WPNP Silicon Epitaxial Planar Transistor 1 2 3 4 Galaxy Semi-Conductor Holdings Limited
VEC1106PNP Epitaxial Planar Silicon Transistor DC / DC Converter Applications 1 2 3 4 Sanyo Semicon Device
ST2SA1300PNP Silicon Epitaxial Planar Transistor 1 2 3 SEMTECH ELECTRONICS LTD.
ST8550PNP Silicon Epitaxial Planar Transistor 1 2 3 4 5 SEMTECH ELECTRONICS LTD.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl