Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

110-514-01 Datasheet(PDF) 3 Page - Marl International Limited

Part # 110-514-01
Description  PCB MOUNTING LEDs - 횠 5mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

110-514-01 Datasheet(HTML) 3 Page - Marl International Limited

  110-514-01 Datasheet HTML 1Page - Marl International Limited 110-514-01 Datasheet HTML 2Page - Marl International Limited 110-514-01 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
110 Series
SAMPLES AVAILABLE
© MARL INTERNATIONAL LTD 2007 : DS 073/07 Issue 2
Page 3 of 3
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
PART NO.
COLOUR
VOLTAGE DC
(Vdc) Vopr
110-000-01-50
Red over Green
2mA
110-000-04-50
Red over Green
20mA
110-000-04-51
Yellow over Red
20mA
110-000-04-52
Red over Yellow
20mA
110-000-04-53
Green over Red
20mA
110-000-04-54
Green over Yellow
20mA
110-000-04-58
Green over Red/Green Bi-colour
20mA
110-000-04-60
Breen over Blue
20mA
110-000-04-61
Green over Yellow Water Clear lens
20mA
110-000-04-63
Yellow over Green
20mA
110-000-13-50
Green over Yellow
20mA RP
110-000-13-51
Green over Red
20mA RP
110-505-01
Red
2mA
110-505-04-50
Red
20mA
110-505-13-26
Red
20mA RP
110-511-01
Yellow
2mA
110-511-04-50
Yellow
20mA
110-514-01
Green
2mA
110-514-04-50
Green
20mA
110-514-13
Green
20mA RP
110-530-13-50
Red/Green Bi-colour
20mA RP
110-581-20-51
Red
5/6Vdc
110-583-20-51
Green
5/6Vdc
UNITS
VDC
Part numbers also available in the 110 Series:
The products listed above illustrate all of the options available to order. These products may have custom modifications that alter
their operation beyond the generic information contained within this datasheet. Please contact sales for further information.


Similar Part No. - 110-514-01

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
110-514-04 MARL-110-514-04 Datasheet
161Kb / 4P
   pcb led indicators
110-514-04 MARL-110-514-04 Datasheet
161Kb / 4P
   pcb led indicators
More results

Similar Description - 110-514-01

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
151-535-04 MARL-151-535-04 Datasheet
128Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
108-505-04 MARL-108-505-04 Datasheet
278Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
154-501-04 MARL-154-501-04 Datasheet
153Kb / 1P
   PCB MOUNTING LEDs - 횠 5mm
106-505-04 MARL-106-505-04 Datasheet
231Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
104-505-04 MARL-104-505-04 Datasheet
228Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
125-505-04 MARL-125-505-04 Datasheet
171Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
127-505-04-54 MARL-127-505-04-54 Datasheet
203Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
122-305-04 MARL-122-305-04 Datasheet
215Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
123-305-04 MARL-123-305-04 Datasheet
246Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
103-305-04 MARL-103-305-04 Datasheet
231Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com