Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

110-000-13-50 Datasheet(PDF) 2 Page - Marl International Limited

Part # 110-000-13-50
Description  PCB MOUNTING LEDs - 횠 5mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

110-000-13-50 Datasheet(HTML) 2 Page - Marl International Limited

  110-000-13-50 Datasheet HTML 1Page - Marl International Limited 110-000-13-50 Datasheet HTML 2Page - Marl International Limited 110-000-13-50 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
110 Series
Dimensions in mm (Typical)
Not to scale
SAMPLES AVAILABLE
© MARL INTERNATIONAL LTD 2007 : DS 073/07 Issue 2
Page 2 of 3
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
Housing Material
Polycarbonate
This material offers UL94 V-0 flame retardancy* and a high impact strength. This material has a melt point of 290-340°C and is suitable for use in
the majority of automatic soldering processes.
*Material test thickness 1.6mm
LEDs
LED Polarity
Anode identification is shown in the dimensional diagram. The long lead of a non-cropped unit can also be used to help identify the anode. For
the 2 pin Bi-colour units the standard colour configuration is red anode to the ‘+’ sign.
Reverse Polarity
This is offered on all PCB units, with the exception of the 125 series, if requested to help overcome the problem of systems with reverse polarity
connections. Multiple units can also be supplied in reverse polarity but not with mixed polarities. The 2 pin and 3 pin Bi-colours can be supplied in
reverse colour configuration.
Lead Cropping
Should lead cropping be required Marl offer two standard lengths, either by request or by adding one of the following codes to the end of the part
number:-
-24 = 3mm
-26 = 5mm (E.g 110-505-04-26)
Other non-standard lead lengths are available on request.
Bi-colour
2 Pin Operation
To achieve the second colour for a 2 pin Bi-colour unit the supply must be reversed, standard colour configuration for these units is red anode to
the ‘+’ sign.
Electro-static Discharge (ESD)
Build up of electrostatic discharge occurs in many situations involving people moving and handling products. The range of possible situations is
very diverse but voltage levels as high as several thousand volts can and do arise in many individual situations. When an operator charged up to
these levels handles a ‘static sensitive device’, there is a very probable likelihood that the device will be irreversibly damaged. It is essential that
precautions are taken at all stages during manufacture and assembly of these products. Although LEDs were never considered to be static
sensitive devices, changes in manufacturing technology and materials used to produce higher intensity products over a large range of the
wavelength spectrum have changed this. Marl has an approved system of ESD control from goods in, through production and into final packing
and despatch. We recommend all users of LED based products follow the guidelines of BS 100015.
Note:
All luminous intensity figures refer to the unmodified discrete LED.
Anode


Similar Part No. - 110-000-13-50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
110-0027-2-73 ETC2-110-0027-2-73 Datasheet
2Mb / 20P
   Push-Pull Connectors
110-0028-5-73 ETC2-110-0028-5-73 Datasheet
2Mb / 20P
   Push-Pull Connectors
110-0029-8-73 ETC2-110-0029-8-73 Datasheet
2Mb / 20P
   Push-Pull Connectors
110-0030-7-73 ETC2-110-0030-7-73 Datasheet
2Mb / 20P
   Push-Pull Connectors
110-0037-6-73 ETC2-110-0037-6-73 Datasheet
2Mb / 20P
   Push-Pull Connectors
More results

Similar Description - 110-000-13-50

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
151-535-04 MARL-151-535-04 Datasheet
128Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
108-505-04 MARL-108-505-04 Datasheet
278Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
154-501-04 MARL-154-501-04 Datasheet
153Kb / 1P
   PCB MOUNTING LEDs - 횠 5mm
106-505-04 MARL-106-505-04 Datasheet
231Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
104-505-04 MARL-104-505-04 Datasheet
228Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
125-505-04 MARL-125-505-04 Datasheet
171Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
127-505-04-54 MARL-127-505-04-54 Datasheet
203Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
122-305-04 MARL-122-305-04 Datasheet
215Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
123-305-04 MARL-123-305-04 Datasheet
246Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
103-305-04 MARL-103-305-04 Datasheet
231Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com