Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV175ADGVRE4 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74LV175ADGVRE4
Description  QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV175ADGVRE4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LV175ADGVRE4 Datasheet HTML 6Page - Texas Instruments SN74LV175ADGVRE4 Datasheet HTML 7Page - Texas Instruments SN74LV175ADGVRE4 Datasheet HTML 8Page - Texas Instruments SN74LV175ADGVRE4 Datasheet HTML 9Page - Texas Instruments SN74LV175ADGVRE4 Datasheet HTML 10Page - Texas Instruments SN74LV175ADGVRE4 Datasheet HTML 11Page - Texas Instruments SN74LV175ADGVRE4 Datasheet HTML 12Page - Texas Instruments SN74LV175ADGVRE4 Datasheet HTML 13Page - Texas Instruments SN74LV175ADGVRE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MECHANICAL DATA
MPDS006C – FEBRUARY 1996 – REVISED AUGUST 2000
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DGV (R-PDSO-G**)
PLASTIC SMALL-OUTLINE
24 PINS SHOWN
14
3,70
3,50
4,90
5,10
20
DIM
PINS **
4073251/E 08/00
1,20 MAX
Seating Plane
0,05
0,15
0,25
0,50
0,75
0,23
0,13
112
24
13
4,30
4,50
0,16 NOM
Gage Plane
A
7,90
7,70
38
24
16
4,90
5,10
3,70
3,50
A MAX
A MIN
6,60
6,20
11,20
11,40
56
9,60
9,80
48
0,08
M
0,07
0,40
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion, not to exceed 0,15 per side.
D. Falls within JEDEC: 24/48 Pins – MO-153
14/16/20/56 Pins – MO-194


Similar Part No. - SN74LV175ADGVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV175ADGVRE4 TI-SN74LV175ADGVRE4 Datasheet
512Kb / 17P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN74LV175ADGVRE4 TI-SN74LV175ADGVRE4 Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
More results

Similar Description - SN74LV175ADGVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC175 TI-SN54HC175 Datasheet
93Kb / 6P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54LS171 TI-SN54LS171 Datasheet
127Kb / 4P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54F175 TI-SN54F175 Datasheet
72Kb / 5P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54LV175A TI-SN54LV175A_08 Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
54AC11175 TI-54AC11175 Datasheet
117Kb / 7P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54LV175A TI-SN54LV175A_07 Datasheet
512Kb / 17P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC175 TI1-SN54HC175_16 Datasheet
910Kb / 21P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
54AC11175 TI1-54AC11175_09 Datasheet
130Kb / 7P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC175 TI-SN54HC175_07 Datasheet
582Kb / 16P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN74ALS175 TI-SN74ALS175 Datasheet
148Kb / 2P
[Old version datasheet]   HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com