Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

109-000-20-51 Datasheet(PDF) 1 Page - Marl International Limited

Part # 109-000-20-51
Description  PCB MOUNTING LEDs - 횠 3mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

109-000-20-51 Datasheet(HTML) 1 Page - Marl International Limited

  109-000-20-51 Datasheet HTML 1Page - Marl International Limited 109-000-20-51 Datasheet HTML 2Page - Marl International Limited 109-000-20-51 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Saves board space and assembly time
Material conforms to UL94 V-O flammability ratings
Low current versions available
Reverse polarity options available
Custom built multi-colour permutations
Product illustrated 109-330-04
Typically available ex stock
PCB MOUNTING LEDs - Ø 3mm
Ordering Information & Typical Technical Characteristics (Ta = 25°C)
Mean Time Between Failure = 100,000 Hours. Luminous intensity figures refer to the unmodified discrete LED.
FEATURES
SPECIFICATIONS
109 SERIES
PACK QUANTITY = 250 PIECES
SAMPLES AVAILABLE
© MARL INTERNATIONAL LTD 2007 : DS 048/07 Issue 2
Page 1 of 3
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
* = Voltage DC for 20mA product is Vf@20mA, not Vopr
PART NUMBER
COLOUR
LENS
VOLTAGE
CURRENT
LUMINOUS
WAVE
OPERATING
STORAGE
DC
DC
INTENSITY
LENGTH
TEMP
TEMP
Vopr
lopr
lv@20mA
λ
p
Topr
Tstg
109-305-04
Red
Colour Diffused 2.0*
20
40
627
-40 ~ +85^
-40 ~ +85
Yes
109-311-04
Yellow
Colour Diffused 2.1*
20
30
590
-40 ~ +85^
-40 ~ +85
Yes
109-314-04
Green
Colour Diffused 2.2*
20
40
565
-40 ~ +85^
-40 ~ +85
Yes
109-330-04
Red/Green
White Diffused
2.0/2.2*
20
20/16
627/565
-40 ~ +85^
-40 ~ +85
Yes
109-381-20
Red
Colour Diffused 5
13
20@13mA 627
-40 ~ +70
-40 ~ +85
Yes
109-382-20
Yellow
Colour Diffused 5
13
15@13mA 590
-40 ~ +70
-40 ~ +85
Yes
109-383-20
Green
Colour Diffused 5
11.5
20@11.5mA 565
-40 ~ +70
-40 ~ +85
Yes
UNITS
Vdc
mA
mcd
nm
0
C
0
C
STANDARD INTENSITY
305 & 311
314
330
^ = Products must be derated according to the derating information. Each derating graph refers to specific LEDs.


Similar Part No. - 109-000-20-51

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
109-000-20-51 MARL-109-000-20-51 Datasheet
227Kb / 2P
   PCB MOUNTING LED
More results

Similar Description - 109-000-20-51

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
122-305-04 MARL-122-305-04 Datasheet
215Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
123-305-04 MARL-123-305-04 Datasheet
246Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
103-305-04 MARL-103-305-04 Datasheet
231Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
107-305-04 MARL-107-305-04 Datasheet
280Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
124-305-04 MARL-124-305-04 Datasheet
190Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
113-305-04 MARL-113-305-04 Datasheet
276Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
153-305-04 MARL-153-305-04 Datasheet
190Kb / 2P
   PCB MOUNTING LEDs - 횠 3mm Surface Mount
151-535-04 MARL-151-535-04 Datasheet
128Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
108-505-04 MARL-108-505-04 Datasheet
278Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
101-205-02 MARL-101-205-02 Datasheet
191Kb / 3P
   PCB MOUNTING LEDs - 횠 2mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com