Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB500V-40 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # RB500V-40
Description  SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

RB500V-40 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  RB500V-40 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. RB500V-40 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. RB500V-40 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dated : 01/09/2006
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
RB500V-40
SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
Features
• Small surface mounting type
• Low IR
• High reliability
Applications
• Low current rectification
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Peak Reverse Voltage
VRM
45
V
Power Dissipation
Ptot
200
mW
Reverse Voltage
VR
40
V
Mean Rectifying Current
IO
0.1
A
Peak Forward Surge Current (60 Hz for 1 Cyc.)
IFSM
1
A
Junction Temperature
Tj
125
O
C
Storage Temperature Range
Ts
- 40 to + 125
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Typ.
Max.
Unit
Reverse Breakdown Voltage
at IR = 100 µA
V(BR)R
45
-
-
V
Forward Voltage
at IF = 10 mA
VF
-
-
0.45
V
Reverse Current
at VR = 10 V
IR
-
-
1
µA
Capacitance Between Terminals
at VR = 10 V, f = 1 MHz
CT
-
6
-
pF
Note: ESD sensitive product handling required.
Anode
2
Top View
Marking Code: "S9"
Simplified outline SOD-323 and symbol
1
S9
2
PINNING
1
PIN
Cathode
DESCRIPTION


Similar Part No. - RB500V-40

ManufacturerPart #DatasheetDescription
logo
Rohm
RB500V-40 ROHM-RB500V-40 Datasheet
56Kb / 2P
   Schottky barrier diode
logo
MAKO SEMICONDUCTOR CO.,...
RB500V-40 MAKOSEMI-RB500V-40 Datasheet
160Kb / 2P
   Low current rectifier Schottky diode
logo
Rohm
RB500V-40 ROHM-RB500V-40 Datasheet
143Kb / 4P
   Shottky barrier diode
logo
Taiwan Semiconductor Co...
RB500V-40 TSC-RB500V-40 Datasheet
179Kb / 5P
   Low VF SMD Schottky Barrier Diode
logo
TRANSYS Electronics Lim...
RB500V-40 TEL-RB500V-40 Datasheet
91Kb / 2P
   Schottky Diode
More results

Similar Description - RB500V-40

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
SDB720WS SEMTECH_ELEC-SDB720WS Datasheet
172Kb / 2P
   SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
SDB720WT SEMTECH_ELEC-SDB720WT Datasheet
195Kb / 3P
   SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
SB425D SEMTECH_ELEC-SB425D Datasheet
119Kb / 1P
   Silicon Epitaxial Planar Schottky Barrier Diode
RB751V-40 SEMTECH_ELEC-RB751V-40 Datasheet
125Kb / 2P
   SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
SB491D SEMTECH_ELEC-SB491D Datasheet
145Kb / 2P
   SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
RB161L-40 SEMTECH_ELEC-RB161L-40 Datasheet
165Kb / 2P
   SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
logo
SHIKUES Electronics
BAT54XV2 SKTECHNOLGY-BAT54XV2 Datasheet
389Kb / 3P
   SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
RB521S-30 SEMTECH_ELEC-RB521S-30 Datasheet
187Kb / 3P
   SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
SDA06WS SEMTECH_ELEC-SDA06WS Datasheet
129Kb / 2P
   SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
BAT378W SEMTECH_ELEC-BAT378W Datasheet
167Kb / 2P
   SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
logo
First Silicon Co., Ltd
RB521S-30 FS-RB521S-30 Datasheet
274Kb / 3P
   SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com