Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SN54LV4053A Datasheet(PDF) 1 Page - Texas Instruments

Part No. SN54LV4053A
Description  TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 
 1 page
background image
SN54LV4053A, SN74LV4053A
TRIPLE 2CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SCLS430K − MAY 1999 − REVISED APRIL 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 2-V to 5.5-V VCC Operation
D Support Mixed-Mode Voltage Operation on
All Ports
D High On-Off Output-Voltage Ratio
D Low Crosstalk Between Switches
D Individual Switch Controls
D Extremely Low Input Current
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
description/ordering information
These
triple
2-channel
CMOS
analog
multiplexers/demultiplexers are designed for 2-V
to 5.5-V VCC operation.
The ’LV4053A devices handle both analog and
digital signals. Each channel permits signals with
amplitudes up to 5.5 V (peak) to be transmitted in
either direction.
Applications include signal gating, chopping,
modulation or demodulation (modem), and signal
multiplexing
for
analog-to-digital
and
digital-to-analog conversion systems.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube of 25
SN74LV4053AN
SN74LV4053AN
QFN − RGY
Reel of 1000
SN74LV4053ARGYR
LW053A
SOIC − D
Tube of 40
SN74LV4053AD
LV4053A
SOIC − D
Reel of 2500
SN74LV4053ADR
LV4053A
−40
°C to 85°C
SOP − NS
Reel of 2000
SN74LV4053ANSR
74LV4053A
−40
°C to 85°C
SSOP − DB
Reel of 2000
SN74LV4053ADBR
LW053A
Tube of 90
SN74LV4053APW
TSSOP − PW
Reel of 2000
SN74LV4053APWR
LW053A
TSSOP − PW
Reel of 250
SN74LV4053APWT
LW053A
TVSOP − DGV
Reel of 2000
SN74LV4053ADGVR
LW053A
−55
°C to 125°C
CDIP − J
Tube of 25
SNJ54LV4053AJ
SNJ54LV4053AJ
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54LV4053AW
SNJ54LV4053AW
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Copyright
 2005, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
2Y1
2Y0
3Y1
3-COM
3Y0
INH
GND
GND
VCC
2-COM
1-COM
1Y1
1Y0
A
B
C
SN54LV4053A ...J OR W PACKAGE
SN74LV4053A ...D, DB, DGV, N, NS, OR PW PACKAGE
(TOP VIEW)
SN74LV4053A . . . RGY PACKAGE
(TOP VIEW)
116
89
2
3
4
5
6
7
15
14
13
12
11
10
2-COM
1-COM
1Y1
1Y0
A
B
2Y0
3Y1
3-COM
3Y0
INH
GND




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CD4051BMSingle 8-Channel Dual 4-Channel Triple 2-Channel Analog Multiplexer/Demultiplexe 1 2 3 4 5 MoreNational Semiconductor (TI)
74LV4053Triple 2-channel analog multiplexer/demultiplexer 1 2 3 4 5 MoreNXP Semiconductors
BU4053BCTriple 2-channel analog multiplexer / demultiplexer 1 2 3 4 5 MoreRohm
74VHC40518-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer Triple 2-Channel Analog Multiplexer 1 2 3 4 5 MoreFairchild Semiconductor
CD4051BCSingle 8-Channel Analog Multiplexer/Demultiplexer . Dual 4-Channel Analog Multiplexer/Demultiplexer . Triple 2-Channel Analog Multiplexer/Demultiplexe 1 2 3 4 5 MoreFairchild Semiconductor
MM74HC40518-Channel Analog Multiplexer . Dual 4-Channel Analog Multiplexer . Triple 2-Channel Analog Multiplexer 1 2 3 4 5 MoreFairchild Semiconductor
M74HCT4053TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER 1 2 3 4 5 MoreSTMicroelectronics
HD74HC4052Dual 4-channel Triple 2-channel Analog Multiplexers/Demultiplexers/ 1 2 3 4 5 MoreHitachi Semiconductor
74HC4053Triple 2-channel analog multiplexer/demultiplexer 1 2 3 4 5 MoreNXP Semiconductors
HCF4053BTRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl