Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SN54LV4053A Datasheet(PDF) 6 Page - Texas Instruments

Part No. SN54LV4053A
Description  TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 6 page
background image
SN54LV4053A, SN74LV4053A
TRIPLE 2CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SCLS430K − MAY 1999 − REVISED APRIL 2005
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
analog switch characteristics
PARAMETER
FROM
TO
TEST CONDITIONS
VCC
TA = 25°C
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
VCC
TYP
UNIT
Frequency response
CL = 50 pF,
R = 600
,
2.3 V
30
Frequency response
(switch on)
COM or Yn
Yn or COM
CL = 50 pF,
RL = 600 Ω,
fin = 1 MHz (sine wave)
3 V
35
MHz
(switch on)
COM or Yn
Yn or COM
fin = 1 MHz (sine wave)
(see Note 6 and Figure 6)
4.5 V
50
MHz
Crosstalk
CL = 50 pF,
R = 600
,
2.3 V
−45
Crosstalk
(between any switches)
COM or Yn
Yn or COM
CL = 50 pF,
RL = 600 Ω,
fin = 1 MHz (sine wave)
3 V
−45
dB
(between any switches)
COM or Yn
Yn or COM
fin = 1 MHz (sine wave)
(see Note 7 and Figure 7)
4.5 V
−45
dB
Crosstalk
CL = 50 pF,
R = 600
,
2.3 V
20
Crosstalk
(control input to signal output)
INH
COM or Yn
CL = 50 pF,
RL = 600 Ω,
fin = 1 MHz (square wave)
3 V
35
mV
(control input to signal output)
INH
COM or Yn
fin = 1 MHz (square wave)
(see Figure 8)
4.5 V
65
mV
Feedthrough attenuation
CL = 50 pF,
R = 600
,
2.3 V
−45
Feedthrough attenuation
(switch off)
COM or Yn
Yn or COM
CL = 50 pF,
RL = 600 Ω,
fin = 1 MHz
3 V
−45
dB
(switch off)
COM or Yn
Yn or COM
fin = 1 MHz
(see Note 7 and Figure 9)
4.5 V
−45
dB
CL = 50 pF,
RL = 10 kΩ,
VI = 2 Vp-p
2.3 V
0.1
Sine-wave distortion
COM or Yn
Yn or COM
RL = 10 kΩ,
fin = 1 kHz
(sine wave)
VI = 2.5 Vp-p
3 V
0.1
%
in
(sine wave)
(see Figure 10)
VI = 4 Vp-p
4.5 V
0.1
NOTES:
6. Adjust fin voltage to obtain 0-dBm output. Increase fin frequency until dB meter reads −3 dB.
7. Adjust fin voltage to obtain 0-dBm input.
operating characteristics, VCC = 3.3 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 10 MHz
5.3
pF
PARAMETER MEASUREMENT INFORMATION
VCC
VI = VCC or GND
VINH = VIL
2 mA
VO
ron
+
V
I –VO
2
10–3
W
VI − VO
VCC
GND
(ON)
V
Figure 1. On-State Resistance Test Circuit




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CD4051BMSingle 8-Channel Dual 4-Channel Triple 2-Channel Analog Multiplexer/Demultiplexe 1 2 3 4 5 MoreNational Semiconductor (TI)
74LV4053Triple 2-channel analog multiplexer/demultiplexer 1 2 3 4 5 MoreNXP Semiconductors
BU4053BCTriple 2-channel analog multiplexer / demultiplexer 1 2 3 4 5 MoreRohm
74VHC40518-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer Triple 2-Channel Analog Multiplexer 1 2 3 4 5 MoreFairchild Semiconductor
CD4051BCSingle 8-Channel Analog Multiplexer/Demultiplexer . Dual 4-Channel Analog Multiplexer/Demultiplexer . Triple 2-Channel Analog Multiplexer/Demultiplexe 1 2 3 4 5 MoreFairchild Semiconductor
MM74HC40518-Channel Analog Multiplexer . Dual 4-Channel Analog Multiplexer . Triple 2-Channel Analog Multiplexer 1 2 3 4 5 MoreFairchild Semiconductor
M74HCT4053TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER 1 2 3 4 5 MoreSTMicroelectronics
HD74HC4052Dual 4-channel Triple 2-channel Analog Multiplexers/Demultiplexers/ 1 2 3 4 5 MoreHitachi Semiconductor
74HC4053Triple 2-channel analog multiplexer/demultiplexer 1 2 3 4 5 MoreNXP Semiconductors
HCF4053BTRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl