Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SN54LV4053A Datasheet(PDF) 5 Page - Texas Instruments

Part No. SN54LV4053A
Description  TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 
 5 page
background image
SN54LV4053A, SN74LV4053A
TRIPLE 2CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SCLS430K − MAY 1999 − REVISED APRIL 2005
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted)
PARAMETER
FROM
TO
TEST
TA = 25°C
SN54LV4053A
SN74LV4053A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST
CONDITIONS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
tPHL
Propagation
delay time
COM or Yn
Yn or COM
CL = 15 pF
(see Figure 4)
1.6
6
10
10
ns
tPZH
tPZL
Enable
delay time
INH
COM or Yn
CL = 15 pF
(see Figure 5)
5.3
12
15
15
ns
tPHZ
tPLZ
Disable
delay time
INH
COM or Yn
CL = 15 pF
(see Figure 5)
6.1
12
15
15
ns
tPLH
tPHL
Propagation
delay time
COM or Yn
Yn or COM
CL = 50 pF
(see Figure 4)
2.9
9
12
12
ns
tPZH
tPZL
Enable
delay time
INH
COM or Yn
CL = 50 pF
(see Figure 5)
6.1
20
25
25
ns
tPHZ
tPLZ
Disable
delay time
INH
COM or Yn
CL = 50 pF
(see Figure 5)
8.9
20
25
25
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted)
PARAMETER
FROM
TO
TEST
TA = 25°C
SN54LV4053A
SN74LV4053A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST
CONDITIONS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
tPHL
Propagation
delay time
COM or Yn
Yn or COM
CL = 15 pF
(see Figure 4)
0.9
4
7
7
ns
tPZH
tPZL
Enable delay
time
INH
COM or Yn
CL = 15 pF
(see Figure 5)
3.8
8
10
10
ns
tPHZ
tPLZ
Disable
delay time
INH
COM or Yn
CL = 15 pF
(see Figure 5)
4.6
8
10
10
ns
tPLH
tPHL
Propagation
delay time
COM or Yn
Yn or COM
CL = 50 pF
(see Figure 4)
1.8
6
8
8
ns
tPZH
tPZL
Enable delay
time
INH
COM or Yn
CL = 50 pF
(see Figure 5)
4.3
14
18
18
ns
tPHZ
tPLZ
Disable
delay time
INH
COM or Yn
CL = 50 pF
(see Figure 5)
6.3
14
18
18
ns
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CD4051BMSingle 8-Channel Dual 4-Channel Triple 2-Channel Analog Multiplexer/Demultiplexe 1 2 3 4 5 MoreNational Semiconductor (TI)
74LV4053Triple 2-channel analog multiplexer/demultiplexer 1 2 3 4 5 MoreNXP Semiconductors
BU4053BCTriple 2-channel analog multiplexer / demultiplexer 1 2 3 4 5 MoreRohm
74VHC40518-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer Triple 2-Channel Analog Multiplexer 1 2 3 4 5 MoreFairchild Semiconductor
CD4051BCSingle 8-Channel Analog Multiplexer/Demultiplexer . Dual 4-Channel Analog Multiplexer/Demultiplexer . Triple 2-Channel Analog Multiplexer/Demultiplexe 1 2 3 4 5 MoreFairchild Semiconductor
MM74HC40518-Channel Analog Multiplexer . Dual 4-Channel Analog Multiplexer . Triple 2-Channel Analog Multiplexer 1 2 3 4 5 MoreFairchild Semiconductor
M74HCT4053TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER 1 2 3 4 5 MoreSTMicroelectronics
HD74HC4052Dual 4-channel Triple 2-channel Analog Multiplexers/Demultiplexers/ 1 2 3 4 5 MoreHitachi Semiconductor
74HC4053Triple 2-channel analog multiplexer/demultiplexer 1 2 3 4 5 MoreNXP Semiconductors
HCF4053BTRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl