1 / 3 page
Dated : 01/09/2006
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
1N6263WS
SILICON SCHOTTKY BARRIER DIODE
for general purpose applications
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Peak Reverse Voltage
VRRM
40
V
Max. Single Cycle Surge Forward Current (10 s Square wave)
IFSM
2
A
Power Dissipation
Ptot
400
1)
mW
Junction Temperature
Tj
200
O
C
Storage Temperature Range
TS
- 55 to + 200
O
C
1) Valid provided the leads direct at the case are kept at ambient temperature.
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
Reverse Breakdown Voltage
at IR = 10 μA
V(BR)R
40
-
V
Forward Voltage
at IF = 1 mA
at IF = 15 mA
VF
-
-
0.39
0.9
V
Leakage Current
at VR = 30 V
IR
-
200
nA
Junction Capacitance
at VR = 0 V, f = 1 MHz
Ctot
-
2.2
pF
Reverse Recovery Time
at IF = IR = 5 mA , Recover to 0.1 IR
trr
-
1
ns
Anode
2
Top View
Marking Code: "S2"
Simplified outline SOD-323 and symbol
1
S2
2
PINNING
1
PIN
Cathode
DESCRIPTION